Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMFLHP2805S Datasheet(PDF) 8 Page - Interpoint Corporation Company

Part # SMFLHP2805S
Description  SMFLHP Single and Dual DC-DC Converters
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMFLHP2805S Datasheet(HTML) 8 Page - Interpoint Corporation Company

Back Button SMFLHP2805S Datasheet HTML 4Page - Interpoint Corporation Company SMFLHP2805S Datasheet HTML 5Page - Interpoint Corporation Company SMFLHP2805S Datasheet HTML 6Page - Interpoint Corporation Company SMFLHP2805S Datasheet HTML 7Page - Interpoint Corporation Company SMFLHP2805S Datasheet HTML 8Page - Interpoint Corporation Company SMFLHP2805S Datasheet HTML 9Page - Interpoint Corporation Company SMFLHP2805S Datasheet HTML 10Page - Interpoint Corporation Company SMFLHP2805S Datasheet HTML 11Page - Interpoint Corporation Company SMFLHP2805S Datasheet HTML 12Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
SINGLE OUTPUT MODELS
SMFLHP2812S
SMFLHP2815S
UNITS
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
OUTPUT VOLTAGE
11.76 12.00 12.24 14.55 15.00 15.45
V
OUTPUT CURRENT
VIN = 19 TO 40 V
0
7.5
0
6.67
A
OUTPUT POWER
VIN = 19 TO 40 V
0
90
0
100
W
OUTPUT RIPPLE
TC = 25°C
30
85
30
95
mV p-p
10 kHz - 2 MHz
TC = -55°C TO +125°C
45
150
45
175
LINE REGULATION
VIN = 19 TO 40 V
0
50
0
50
mV
LOAD REGULATION
NO LOAD TO FULL
0
20
0
20
mV
INPUT VOLTAGE
CONTINUOUS
19
28
40
19
28
40
V
NO LOAD TO FULL
TRANSIENT 50 ms 1, 2
80
80
V
INPUT CURRENT
NO LOAD
80
80
80
120
INHIBITED - INH1
9
15
9
15
mA
INHIBITED - INH2
35
80
35
80
INPUT RIPPLE CURRENT
10 kHz - 10 MHz
30
80
30
80
mA p-p
EFFICIENCY
TC = 25°C
81
86
82
87
%
TC = -55°C TO +125°C
79
80
LOAD FAULT
POWER DISSIPATION
15
22
15
30
W
SHORT CIRCUIT
RECOVERY 1
1.5
10
1.5
10
ms
STEP LOAD RESPONSE 3
TRANSIENT
±450
±700
±450
±700
mV pk
50% - 100% - 50%
RECOVERY 1
1.5
3.0
1.5
3.0
ms
STEP LINE RESPONSE 1, 3 TRANSIENT
±250
±800
±250
±800
mV pk
19 - 40 - 19 V
RECOVERY
200
600
200
600
µs
START-UP 4
DELAY
3.5
10
3.5
10
ms
OVERSHOOT 1
0
50
0
50
mV pk
CAPACITIVE LOAD 1, 5
TC = 25°C
1000
1000
µF
table 7: electrical characteriSticS -55°c tO +125°c caSe, 28 Vin, 100% lOaD, Free run, unleSS OtherwiSe SpeciFieD.
Notes
1.Guaranteedbycharacterizationtestand/oranalysis.Notaproductiontest.
2. Converter will shut down above approximately 45V but will be
undamaged and will restart when voltage drops into normal range.
3. Recovery time is measured from application of the transient to point
at which Vout is within 1% of final value.
4. Tested on release from inhibit.
5. No affect on dc performance.
Crane Aerospace & Electronics Power Solutions
www.craneae.com/interpoint
Page 8 of 15
sMFLHp single and dual dc-dc converters
28 VoLt input – 100 Watt
Rev AC - 2016.02.17


Similar Part No. - SMFLHP2805S

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
SMFLHP2805S INTERPOINT-SMFLHP2805S Datasheet
493Kb / 13P
   Parallel operation with current share, up to 3 units (228 watts)
SMFLHP2805S/KR INTERPOINT-SMFLHP2805S/KR Datasheet
258Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - SMFLHP2805S

ManufacturerPart #DatasheetDescription
logo
Crane Aerospace & Elect...
SMFLH283R3SHO CRANE-SMFLH283R3SHO Datasheet
227Kb / 13P
   SMFLHP Single and Dual DC/DC Converters
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
   Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SLH28 INTERPOINT-SLH28 Datasheet
418Kb / 12P
   SLH Single and Dual DC-DC Converters
logo
Crane Aerospace & Elect...
SMSA283R3SKR CRANE-SMSA283R3SKR Datasheet
646Kb / 14P
   SMSA Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
MHP270 INTERPOINT-MHP270_11 Datasheet
720Kb / 10P
   MHP270 Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
MFLHP2805S CRANE-MFLHP2805S Datasheet
169Kb / 11P
   MFLHP Single and Dual DC/DC Converters
SLH2805S CRANE-SLH2805S Datasheet
548Kb / 10P
   SLH Single and Dual DC/DC Converters
SMFL283R3S CRANE-SMFL283R3S Datasheet
483Kb / 13P
   SMFL Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SMSA283R3 INTERPOINT-SMSA283R3_16 Datasheet
310Kb / 15P
   SMSA Single and Dual DC-DC Converters
SMTR INTERPOINT-SMTR_16 Datasheet
347Kb / 14P
   SMTR Single and Dual DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com