Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMFLHP2805D Datasheet(PDF) 7 Page - Interpoint Corporation Company

Part # SMFLHP2805D
Description  SMFLHP Single and Dual DC-DC Converters
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMFLHP2805D Datasheet(HTML) 7 Page - Interpoint Corporation Company

Back Button SMFLHP2805D Datasheet HTML 3Page - Interpoint Corporation Company SMFLHP2805D Datasheet HTML 4Page - Interpoint Corporation Company SMFLHP2805D Datasheet HTML 5Page - Interpoint Corporation Company SMFLHP2805D Datasheet HTML 6Page - Interpoint Corporation Company SMFLHP2805D Datasheet HTML 7Page - Interpoint Corporation Company SMFLHP2805D Datasheet HTML 8Page - Interpoint Corporation Company SMFLHP2805D Datasheet HTML 9Page - Interpoint Corporation Company SMFLHP2805D Datasheet HTML 10Page - Interpoint Corporation Company SMFLHP2805D Datasheet HTML 11Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Notes
1.Guaranteedbycharacterizationtestand/oranalysis.Notaproductiontest.
2. Converter will shut down above approximately 45 V but will be
undamaged and will restart when voltage drops into normal range.
3. Recovery time is measured from application of the transient to point
at which Vout is within 1% of final value.
4. Tested on release from inhibit.
5. No affect on dc performance.
table 6: electrical characteriSticS -55°c tO +125°c caSe, 28 Vin, 100% lOaD, Free run, unleSS OtherwiSe SpeciFieD.
SINGLE OUTPUT MODELS
SMFLHP283R3S
SMFLHP2805S
UNITS
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
OUTPUT VOLTAGE
3.23
3.30
3.37
4.875
5.00
5.125
V
OUTPUT CURRENT
VIN = 19 TO 40 V
0
16
0
16
A
OUTPUT POWER
VIN = 19 TO 40 V
0
53
0
80
W
OUTPUT RIPPLE
TC = 25°C
10
25
15
50
mV p-p
10 kHz - 2 MHz
TC = -55°C TO +125°C
20
40
30
90
LINE REGULATION
VIN = 19 TO 40 V
0
50
0
50
mV
LOAD REGULATION
NO LOAD TO FULL
0
20
0
20
mV
INPUT VOLTAGE
CONTINUOUS
19
28
40
19
28
40
V
NO LOAD TO FULL
TRANSIENT 50 ms 1, 2
80
80
V
INPUT CURRENT
NO LOAD
70
120
70
120
INHIBITED - INH1
9
15
9
15
mA
INHIBITED - INH2
35
80
35
80
INPUT RIPPLE CURRENT
10 kHz - 10 MHz
30
80
30
80
mA p-p
EFFICIENCY
TC = 25°C
70
72
76
80
%
TC = -55°C TO +125°C
65
74
LOAD FAULT
POWER DISSIPATION
15
24
15
22
W
SHORT CIRCUIT
RECOVERY 1
1.5
10
1.5
10
ms
STEP LOAD RESPONSE 3
TRANSIENT
±350
±400
±350
±450
mV pk
50% - 100% - 50%
RECOVERY 1
1.5
3.0
1.5
3.0
ms
STEP LINE RESPONSE 1, 3
TRANSIENT
±250
±400
±250
±400
mV pk
19 - 40 - 19 V
RECOVERY 1
200
300
200
600
µs
START-UP 4
DELAY
3.5
10
3.5
10
ms
OVERSHOOT 1
0
50
0
25
mV pk
CAPACITIVE LOAD 1, 5
TC = 25°C
1000
1000
µF
Crane Aerospace & Electronics Power Solutions
www.craneae.com/interpoint
Page 7 of 15
sMFLHp single and dual dc-dc converters
28 VoLt input – 100 Watt
Rev AC - 2016.02.17


Similar Part No. - SMFLHP2805D

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
SMFLHP2805D INTERPOINT-SMFLHP2805D Datasheet
493Kb / 13P
   Parallel operation with current share, up to 3 units (228 watts)
SMFLHP2805D/KR INTERPOINT-SMFLHP2805D/KR Datasheet
258Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFLHP2805D INTERPOINT-SMFLHP2805D_07 Datasheet
493Kb / 13P
   Parallel operation with current share, up to 3 units (228 watts)
More results

Similar Description - SMFLHP2805D

ManufacturerPart #DatasheetDescription
logo
Crane Aerospace & Elect...
SMFLH283R3SHO CRANE-SMFLH283R3SHO Datasheet
227Kb / 13P
   SMFLHP Single and Dual DC/DC Converters
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
   Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SLH28 INTERPOINT-SLH28 Datasheet
418Kb / 12P
   SLH Single and Dual DC-DC Converters
logo
Crane Aerospace & Elect...
SMSA283R3SKR CRANE-SMSA283R3SKR Datasheet
646Kb / 14P
   SMSA Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
MHP270 INTERPOINT-MHP270_11 Datasheet
720Kb / 10P
   MHP270 Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
MFLHP2805S CRANE-MFLHP2805S Datasheet
169Kb / 11P
   MFLHP Single and Dual DC/DC Converters
SLH2805S CRANE-SLH2805S Datasheet
548Kb / 10P
   SLH Single and Dual DC/DC Converters
SMFL283R3S CRANE-SMFL283R3S Datasheet
483Kb / 13P
   SMFL Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SMSA283R3 INTERPOINT-SMSA283R3_16 Datasheet
310Kb / 15P
   SMSA Single and Dual DC-DC Converters
SMTR INTERPOINT-SMTR_16 Datasheet
347Kb / 14P
   SMTR Single and Dual DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com