Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMTR Datasheet(PDF) 8 Page - Interpoint Corporation Company

Part # SMTR
Description  SMTR Single and Dual DC-DC Converters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMTR Datasheet(HTML) 8 Page - Interpoint Corporation Company

Back Button SMTR_16 Datasheet HTML 4Page - Interpoint Corporation Company SMTR_16 Datasheet HTML 5Page - Interpoint Corporation Company SMTR_16 Datasheet HTML 6Page - Interpoint Corporation Company SMTR_16 Datasheet HTML 7Page - Interpoint Corporation Company SMTR_16 Datasheet HTML 8Page - Interpoint Corporation Company SMTR_16 Datasheet HTML 9Page - Interpoint Corporation Company SMTR_16 Datasheet HTML 10Page - Interpoint Corporation Company SMTR_16 Datasheet HTML 11Page - Interpoint Corporation Company SMTR_16 Datasheet HTML 12Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
table 8: electrical characteriSticS: -55°c to +125°c caSe, 28 vin, 100% loaD, Free run, unleSS otherWiSe SpeciFieD.
DUAL OUTPUT MODELS
SMTR2805D
SMTR2812D
SMTR2815D
PARAMETER
CONDITIONS
MIN
TyP
MAX
MIN
TyP
MAX
MIN
TyP
MAX UNITS
OUTPUT VOLTAGE
+ VOUT
4.85
5.00
5.15
11.64 12.00 12.36 14.55 15.00 15.45
V
- VOUT
4.82
5.00
5.18
11.58 12.00 12.42 14.47 15.00 15.53
OUTPUT CURRENT 2, 3
EITHER OUTPUT
0
2.5
4.5 1
0
1.25
2.25 1
0
1.00
1.80 1
A
VIN = 16 TO 40 V
TOTAL OUTPUT
5
2.5
2.00
OUTPUT POWER 2, 3
EITHER OUTPUT
0
12.5
22.5 1
0
15
27 1
0
15
27 1
W
VIN = 16 to 40 V
TOTAL OUTPUT
25
30
30
OUTPUT RIPPLE
TC = 25°C
20
50
30
120
25
80
mV p-p
10 kHz - 2 MHz ± VOUT
TC = -55°C TO +125°C
90
150
120
LINE REGULATION 4
+ VOUT
0
50
0
50
0
50
mV
VIN = 16 TO 40 V
- VOUT
10
100
15
150
10
180
LOAD REGULATION
+ VOUT
5
50
5
50
50
mV
NO LOAD TO FULL
- VOUT
15
100
30
150
180
CROSS REGULATION
SEE NOTE 5
12
8.3
8
%
EFFECT ON -VOUT, 25°C
SEE NOTE 6
12
8.3
8
INPUT VOLTAGE
CONTINUOUS
16
28
40
16
28
40
16
28
40
V
NO LOAD TO FULL
TRANSIENT 50 ms 1
0
50
0
50
0
50
V
INPUT CURRENT
NO LOAD
28
75
40
75
48
75
mA
INHIBITED
8
8
8
INPUT RIPPLE CURRENT 7 10 kHz - 10 MHz
25
50
35
50
35
50
mA p-p
EFFICIENCy
TC = 25°C
74
76
77
80
78
81
%
BALANCED LOAD
TC = -55°C TO +125°C
72
75
75
LOAD FAULT 8
POWER DISSIPATION
8
12
6
12
5
12
W
SHORT CIRCUIT
RECOVERy 1
5.0
5.0
5.0
ms
STEP LOAD RESPONSE 9
TRANSIENT
±150
±300
±200
±300
±220
±400
mV pk
50% - 100% - 50% ± VOUT
RECOVERy
200
200
200
µs
STEP LINE RESPONSE 1, 9 TRANSIENT
±400
±400
±500
mV pk
16 - 40 -16 V ± VOUT
RECOVERy
300
300
300
µs
START-UP 10
DELAy
5
5
5
ms
FULL LOAD
OVERSHOOT 1
0
180
0
150
0
150
mV pk
CAPACITIVE LOAD 1
TC = 25°C
NO EFFECT ON DC
PERFORMANCE
3000
3000
3000
µF
Notes
1. Guaranteed by characterization test and/or analysis. Not a production test.
2. The specified max current is available from either output.
3. Up to 90% of the total output current/power is available from either output
providing the opposite output is carrying at least 10% of the total output power.
4. Operation is limited below 16 V (see Figure 22 on page 10).
5. Effect on the negative output under the following conditions:
+POUT 20% to 80%; –POUT 80% to 20%.
6. Effect on the negative output under the following conditions:
+POUT 50%; –POUT 10% to 50%. See Figure 21 on page 10.
7. Tested with 6800 pF ceramic bypass capacitor connected externally from input
common to case.
8. Indefinite short circuit protection not guaranteed above 125°C case temperature.
9. Recovery time is measured from application of the transient to point at which
VOUT is within 1% of final value.
10. Tested on release from inhibit.
Crane Aerospace & Electronics Power Solutions
www.craneae.com/interpoint
Page 8 of 14
SMTR Single and Dual DC-DC Converters
28 Volt input – 30 Watt
SMTR Rev AC - 2015.10.14


Similar Part No. - SMTR_16

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SMTR1720-11G30 STEALTH_MICROWAVE-SMTR1720-11G30 Datasheet
136Kb / 5P
   1.7-2.0 GHz 1 W Bi-Directional Power Amplifier
SMTR2224-11G40-RSS STEALTH_MICROWAVE-SMTR2224-11G40-RSS Datasheet
315Kb / 6P
   2.2-2.4 GHz 10W Bi-Directional Power Amplifier
SMTR2327-44 STEALTH_MICROWAVE-SMTR2327-44 Datasheet
226Kb / 5P
   2.3-2.7 GHz Bi-Directional WiMAX Power Amplifier
SMTR2425-11B40 STEALTH_MICROWAVE-SMTR2425-11B40 Datasheet
170Kb / 4P
   2.4-2.5 GHz 10W Bi-Directional Power Amplifier
SMTR2425-11B40-2 STEALTH_MICROWAVE-SMTR2425-11B40-2 Datasheet
167Kb / 3P
   2.4-2.5 GHz Bi-Directional Power Amplifier
More results

Similar Description - SMTR_16

ManufacturerPart #DatasheetDescription
logo
Crane Aerospace & Elect...
SMTR281R5SKR CRANE-SMTR281R5SKR Datasheet
1Mb / 21P
   SMTR Single, Dual and Triple DC/DC Converters
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
   Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
SMFLH283R3SHO CRANE-SMFLH283R3SHO Datasheet
227Kb / 13P
   SMFLHP Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SLH28 INTERPOINT-SLH28 Datasheet
418Kb / 12P
   SLH Single and Dual DC-DC Converters
logo
Crane Aerospace & Elect...
SMSA283R3SKR CRANE-SMSA283R3SKR Datasheet
646Kb / 14P
   SMSA Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
MHP270 INTERPOINT-MHP270_11 Datasheet
720Kb / 10P
   MHP270 Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
MFLHP2805S CRANE-MFLHP2805S Datasheet
169Kb / 11P
   MFLHP Single and Dual DC/DC Converters
SLH2805S CRANE-SLH2805S Datasheet
548Kb / 10P
   SLH Single and Dual DC/DC Converters
SMFL283R3S CRANE-SMFL283R3S Datasheet
483Kb / 13P
   SMFL Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SMFLHP283R3S INTERPOINT-SMFLHP283R3S_16 Datasheet
313Kb / 15P
   SMFLHP Single and Dual DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com