Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-BF533SBBC500 Datasheet(PDF) 7 Page - Analog Devices

Part # ADSP-BF533SBBC500
Description  Blackfin Embedded Processor
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF533SBBC500 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADSP-BF533SBBC500 Datasheet HTML 3Page - Analog Devices ADSP-BF533SBBC500 Datasheet HTML 4Page - Analog Devices ADSP-BF533SBBC500 Datasheet HTML 5Page - Analog Devices ADSP-BF533SBBC500 Datasheet HTML 6Page - Analog Devices ADSP-BF533SBBC500 Datasheet HTML 7Page - Analog Devices ADSP-BF533SBBC500 Datasheet HTML 8Page - Analog Devices ADSP-BF533SBBC500 Datasheet HTML 9Page - Analog Devices ADSP-BF533SBBC500 Datasheet HTML 10Page - Analog Devices ADSP-BF533SBBC500 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
ADSP-BF531/ADSP-BF532/ADSP-BF533
Rev. 0
|
Page 7 of 56
|
March 2004
interrupt events by writing the appropriate values into the Inter-
rupt Assignment Registers (IAR). Table 3 describes the inputs
into the SIC and the default mappings into the CEC.
Event Control
The ADSP-BF531/2/3 processor provides the user with a very
flexible mechanism to control the processing of events. In the
CEC, three registers are used to coordinate and control events.
Each register is 16 bits wide:
• CEC Interrupt Latch Register (ILAT) – The ILAT register
indicates when events have been latched. The appropriate
bit is set when the processor has latched the event and
cleared when the event has been accepted into the system.
This register is updated automatically by the controller, but
it may be written only when its corresponding IMASK bit
is cleared.
• CEC Interrupt Mask Register (IMASK) – The IMASK reg-
ister controls the masking and unmasking of individual
events. When a bit is set in the IMASK register, that event is
unmasked and will be processed by the CEC when asserted.
A cleared bit in the IMASK register masks the event, pre-
venting the processor from servicing the event even though
the event may be latched in the ILAT register. This register
may be read or written while in supervisor mode. (Note
that general-purpose interrupts can be globally enabled and
disabled with the STI and CLI instructions, respectively.)
• CEC Interrupt Pending Register (IPEND) – The IPEND
register keeps track of all nested events. A set bit in the
IPEND register indicates the event is currently active or
nested at some level. This register is updated automatically
by the controller but may be read while in supervisor mode.
The SIC allows further control of event processing by providing
three 32-bit interrupt control and status registers. Each register
contains a bit corresponding to each of the peripheral interrupt
events shown in Table 3 on Page 7.
• SIC Interrupt Mask Register (SIC_IMASK)– This register
controls the masking and unmasking of each peripheral
interrupt event. When a bit is set in the register, that
peripheral event is unmasked and will be processed by the
system when asserted. A cleared bit in the register masks
the peripheral event, preventing the processor from servic-
ing the event.
• SIC Interrupt Status Register (SIC_ISR) – As multiple
peripherals can be mapped to a single event, this register
allows the software to determine which peripheral event
source triggered the interrupt. A set bit indicates the
peripheral is asserting the interrupt, and a cleared bit indi-
cates the peripheral is not asserting the event.
• SIC Interrupt Wakeup Enable Register (SIC_IWR) – By
enabling the corresponding bit in this register, a peripheral
can be configured to wake up the processor, should the
core be idled when the event is generated. (For more infor-
mation, see Dynamic Power Management on Page 11.)
Table 2. Core Event Controller (CEC)
Priority
(0 is Highest)
Event Class
EVT Entry
0
Emulation/Test Control
EMU
1
Reset
RST
2Non-Maskable Interrupt
NMI
3Exception
EVX
4
Reserved
5
Hardware Error
IVHW
6Core Timer
IVTMR
7
General Interrupt 7
IVG7
8
General Interrupt 8
IVG8
9
General Interrupt 9
IVG9
10
General Interrupt 10
IVG10
11
General Interrupt 11
IVG11
12
General Interrupt 12
IVG12
13
General Interrupt 13
IVG13
14
General Interrupt 14
IVG14
15
General Interrupt 15
IVG15
Table 3. System Interrupt Controller (SIC)
Peripheral Interrupt Event
Default Mapping
PLL Wakeup
IVG7
DMA Error
IVG7
PPI Error
IVG7
SPORT 0 Error
IVG7
SPORT 1 Error
IVG7
SPI Error
IVG7
UART Error
IVG7
Real-Time Clock
IVG8
DMA Channel 0 (PPI)
IVG8
DMA Channel 1 (SPORT 0 RX)
IVG9
DMA Channel 2 (SPORT 0 TX)
IVG9
DMA Channel 3 (SPORT 1 RX)
IVG9
DMA Channel 4 (SPORT 1 TX)
IVG9
DMA Channel 5 (SPI)
IVG10
DMA Channel 6 (UART RX)
IVG10
DMA Channel 7 (UART TX)
IVG10
Timer 0
IVG11
Timer 1
IVG11
Timer 2
IVG11
PF Interrupt A
IVG12
PF Interrupt B
IVG12
DMA Channels 8 and 9
(Memory DMA Stream 1)
IVG13
DMA Channels 10 and 11
(Memory DMA Stream 0)
IVG13
Software Watchdog Timer
IVG13


Similar Part No. - ADSP-BF533SBBC500

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF533SBBC500 AD-ADSP-BF533SBBC500 Datasheet
2Mb / 60P
   Blackfin Embedded Processor
REV. D
ADSP-BF533SBBC500 AD-ADSP-BF533SBBC500 Datasheet
3Mb / 60P
   Blackfin짰 Embedded Processor
Rev. E
ADSP-BF533SBBC500 AD-ADSP-BF533SBBC500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. H
ADSP-BF533SBBC500 AD-ADSP-BF533SBBC500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
More results

Similar Description - ADSP-BF533SBBC500

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
   Blackfin Embedded Processor
Rev. E
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF534 AD-ADSP-BF534_08 Datasheet
1Mb / 68P
   Blackfin Embedded Processor
Rev. E
ADSP-BF516BSWZ-4 AD-ADSP-BF516BSWZ-4 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com