Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7827IDRBT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7827IDRBT
Description  10/8/12-BIT HIGH SPEED 2.7 V microPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7827IDRBT Datasheet(HTML) 3 Page - Texas Instruments

  ADS7827IDRBT Datasheet HTML 1Page - Texas Instruments ADS7827IDRBT Datasheet HTML 2Page - Texas Instruments ADS7827IDRBT Datasheet HTML 3Page - Texas Instruments ADS7827IDRBT Datasheet HTML 4Page - Texas Instruments ADS7827IDRBT Datasheet HTML 5Page - Texas Instruments ADS7827IDRBT Datasheet HTML 6Page - Texas Instruments ADS7827IDRBT Datasheet HTML 7Page - Texas Instruments ADS7827IDRBT Datasheet HTML 8Page - Texas Instruments ADS7827IDRBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
www.ti.com
www.ti.com
ADS7826
ADS7827
ADS7829
SLAS388 – JUNE 2003
SPECIFICATIONS
At -40
°C to 85°C, V
CC = 2.7 V, Vref = 2.5 V, unless otherwise specified.
ADS7829IB
ADS7829
ADS7826I
ADS7827I
TEST
PARAMETER
UNIT
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
ANALOG INPUT
Full-scale input
+In - (-In)
0
Vref
0
Vref
0
Vref
0
Vref
V
span
Absolute input
+In
-0.2
VCC +0.2
-0.2
VCC +0.2
-0.2
VCC +0.2
-0.2
VCC +0.2
V
range
-IN
-0.2
1.0
-0.2
1.0
-0.2
1.0
-0.2
1.0
V
Capacitance
25
25
25
25
pF
Leakage current
±1
±1
±1
±1
µA
SYSTEM PERFORMANCE
Resolution
12
12
10
8
Bits
No missing codes
12
11
10
8
Bits
Integral linearity error
-1.25
±0.4
1.25
-2
±0.8
2
-1
±0.3
1
-1
±0.2
1
LSB (1)
Differential linearity error
-1
±0.4
1.25
-2
±0.8
2
-1
±0.3
1
-1
±0.2
1
LSB
Offset error
-3
±0.3
3
-3
±0.6
3
-2
±0.4
2
-1
±0.4
1
LSB
Gain error
-2
±0.3
2
-2
±0.6
2
-1
±0.3
1
-1
±0.2
1
LSB
Noise
33
33
33
33
µVrms
Power supply rejection
82
82
94
98
dB
SAMPLING DYNAMICS
Conversion time
12
12
10
8
DCLOCK
Cycles
Acquisition time
1.5
1.5
1.5
1.5
DCLOCK
Cycles
fDCLOCK
16 x fsample
16 x fsample
14 x fsample
12 x fsample
kHz
Throughput
2.7 V
≤ V
CC
125
125
200
250
kHz
(sample rate)
≤ 5.25 V (2)
fsample
2.0 V
≤ V
CC
75
75
85
100
kHz
< 2.7 V (3) (2)
DYNAMIC CHARACTERISTICS
Total harmonic distortion
-82
-80
-78
-72
dB
SINAD
VIN = 2.5 Vpp at
72
70
62
50
dB
1 kHz
Spurious free
VIN = 2.5 Vpp at
85
82
81
68
dB
dynamic range
1 kHz
(SFDR)
REFERENCE INPUT
Voltage range
2.7 V
≤V
CC≤3.6 V
0.05
VCC-0.2
0.05
VCC-0.2
0.05
VCC-0.2
0.05
VCC-0.2
V
Resistance
CS = GND,
5
5
5
5
G
fSAMPLE = 0 Hz
CS = VCC
5
5
5
5
G
Current drain
Full speed at Vref/2
12
60
12
60
20
100
24
120
µA
fSAMPLE = 7.5 kHz
0.8
0.8
0.8
0.8
µA
CS = VCC
0.001
3
0.001
3
0.001
3
0.001
3
µA
DIGITAL INPUT/OUTPUT
Logic family
CMOS
CMOS
CMOS
CMOS
Logic levels
VIH
IIH = +5 µA
2.0
5.5
2.0
5.5
2.0
5.5
2.0
5.5
V
VIL
IIL = +5 µA
-0.3
0.8
-0.3
0.8
-0.3
0.8
-0.3
0.8
V
(1)
LSB means Least Significant Bit and is equal to Vref / 2
N where N is the resolution of ADC. For example, with V
ref equal to 2.5 V, one
LSB is 0.61 mV for a 12 bit ADC (ADS7829).
(2)
See the Typical Performance Curves for VCC = 5 V and Vref = 5 V.
(3)
The maximum clock rate of the ADS7826/27/29 are less than 1.2 MHz at 2 V
≤V
CC <2.7 V. The recommended regerence voltage is
between 1.25 V to 1.024 V.
3


Similar Part No. - ADS7827IDRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7827IDRBT TI1-ADS7827IDRBT Datasheet
1Mb / 26P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS7827IDRBTG4 TI1-ADS7827IDRBTG4 Datasheet
1Mb / 26P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7827IDRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8320-HT TI1-ADS8320-HT_13 Datasheet
341Kb / 26P
[Old version datasheet]   16-BIT, HIGH-SPEED, 2.7-V TO 5-V, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8320-HT TI1-ADS8320-HT Datasheet
389Kb / 27P
[Old version datasheet]   16-BIT, HIGH-SPEED, 2.7-V TO 5-V, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7822 BURR-BROWN-ADS7822 Datasheet
146Kb / 12P
   12-Bit High Speed 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7822 TI-ADS7822 Datasheet
431Kb / 20P
[Old version datasheet]   12-Bit, High-Speed, 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8321 BURR-BROWN-ADS8321 Datasheet
100Kb / 12P
   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8321 TI1-ADS8321_14 Datasheet
858Kb / 20P
[Old version datasheet]   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8321 TI1-ADS8321 Datasheet
858Kb / 19P
[Old version datasheet]   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8321 BURR-BROWN-ADS8321_12 Datasheet
604Kb / 18P
   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
NXP Semiconductors
TDA8766 PHILIPS-TDA8766 Datasheet
157Kb / 20P
   10-bit high-speed 2.7 to 5.25 V analog-to-digital converter
1996 Mar 20
logo
Texas Instruments
TLV5510 TI-TLV5510 Datasheet
307Kb / 19P
[Old version datasheet]   2.7-V TO 3.6-V 8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com