Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLVTH16373IDGGREP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CLVTH16373IDGGREP
Description  SN74LVTH16373-EP 3.3-V ABT 16-Bit Transparent D-Type Latch With Tri-State Outputs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLVTH16373IDGGREP Datasheet(HTML) 7 Page - Texas Instruments

Back Button CLVTH16373IDGGREP Datasheet HTML 3Page - Texas Instruments CLVTH16373IDGGREP Datasheet HTML 4Page - Texas Instruments CLVTH16373IDGGREP Datasheet HTML 5Page - Texas Instruments CLVTH16373IDGGREP Datasheet HTML 6Page - Texas Instruments CLVTH16373IDGGREP Datasheet HTML 7Page - Texas Instruments CLVTH16373IDGGREP Datasheet HTML 8Page - Texas Instruments CLVTH16373IDGGREP Datasheet HTML 9Page - Texas Instruments CLVTH16373IDGGREP Datasheet HTML 10Page - Texas Instruments CLVTH16373IDGGREP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
SN74LVTH16373-EP
www.ti.com
SCBS778B – NOVEMBER 2003 – REVISED JUNE 2016
Product Folder Links: SN74LVTH16373-EP
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
6.6 Timing Requirements (I Version)
over recommended operating conditions (unless otherwise noted); TA = –40°C to 85°C
MIN
MAX
UNIT
tw
Pulse duration, LE high
VCC = 3.3 V ± 0.3 V
3
ns
VCC = 2.7 V
3
ns
tsu
Setup time, data before LE
VCC = 3.3 V ± 0.3 V
1
ns
VCC = 2.7 V
0.6
ns
th
Hold time, data after LE
VCC = 3.3 V ± 0.3 V
1
ns
VCC = 2.7 V
1.1
ns
6.7 Switching Characteristics (I Version)
over recommended operating conditions (unless otherwise noted); TA = –40°C to 85°C; all typical values are at VCC = 3.3 V,
TA = 25°C
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
D
Q
VCC = 3.3 V ± 0.3 V
1.5
2.7
3.8
ns
VCC = 2.7 V
4.2
ns
tPHL
D
Q
VCC = 3.3 V ± 0.3 V
1.5
2.5
3.6
ns
VCC = 2.7 V
4
ns
tPLH
LE
Q
VCC = 3.3 V ± 0.3 V
2.1
3
4.3
ns
VCC = 2.7 V
4.8
ns
tPHL
LE
Q
VCC = 3.3 V ± 0.3 V
2.1
2.9
4
ns
VCC = 2.7 V
4
ns
tPZH
OE
Q
VCC = 3.3 V ± 0.3 V
1.5
2.8
4.3
ns
VCC = 2.7 V
5.1
ns
tPZL
OE
Q
VCC = 3.3 V ± 0.3 V
1.5
2.8
4.3
ns
VCC = 2.7 V
4.7
ns
tPHZ
OE
Q
VCC = 3.3 V ± 0.3 V
2.4
3.5
5
ns
VCC = 2.7 V
5.4
ns
tPLZ
OE
Q
VCC = 3.3 V ± 0.3 V
2
3.2
4.7
ns
VCC = 2.7 V
4.8
ns
tsk(o)
VCC = 3.3 V ± 0.3 V
0.5
ns


Similar Part No. - CLVTH16373IDGGREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CLVTH16373IDGGREP TI1-CLVTH16373IDGGREP Datasheet
462Kb / 12P
[Old version datasheet]   3.30V ABT 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results

Similar Description - CLVTH16373IDGGREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVTH162373-EP TI1-SN74LVTH162373-EP Datasheet
285Kb / 10P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVTH32373 TI-SN74LVTH32373 Datasheet
283Kb / 11P
[Old version datasheet]   3.3-V ABT 32-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVTH32373-EP TI1-SN74LVTH32373-EP Datasheet
387Kb / 13P
[Old version datasheet]   3.3-V ABT 32-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN54LVTH162373 TI-SN54LVTH162373_08 Datasheet
507Kb / 16P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH162373 TI-SN54LVTH162373 Datasheet
104Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH16373 TI-SN54LVTH16373 Datasheet
465Kb / 17P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH162373 TI1-SN54LVTH162373_14 Datasheet
890Kb / 17P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74LVTH373-EP TI1-SN74LVTH373-EP Datasheet
442Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN54LVTH162373 TI-SN54LVTH162373_07 Datasheet
398Kb / 14P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH162373_071 TI-SN54LVTH162373_071 Datasheet
478Kb / 16P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com