Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDC1314RGHT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LDC1314RGHT
Description  Multi-Channel 12-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LDC1314RGHT Datasheet(HTML) 9 Page - Texas Instruments

Back Button LDC1314RGHT Datasheet HTML 5Page - Texas Instruments LDC1314RGHT Datasheet HTML 6Page - Texas Instruments LDC1314RGHT Datasheet HTML 7Page - Texas Instruments LDC1314RGHT Datasheet HTML 8Page - Texas Instruments LDC1314RGHT Datasheet HTML 9Page - Texas Instruments LDC1314RGHT Datasheet HTML 10Page - Texas Instruments LDC1314RGHT Datasheet HTML 11Page - Texas Instruments LDC1314RGHT Datasheet HTML 12Page - Texas Instruments LDC1314RGHT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
IN0A
IN0B
VDD
Core
GND
SCL
SDA
I
2C
CLKIN
ADDR
INTB
SD
Resonant
Circuit
Driver
IN1A
IN1B
Resonant
Circuit
Driver
IN0A
IN0B
VDD
GND
SCL
SDA
I
2C
CLKIN
ADDR
INTB
SD
Resonant
Circuit
Driver
IN3A
IN3B
Resonant
Circuit
Driver
fREF
fIN
Core
fREF
fIN
40 MHz
40 MHz
LDC1312, LDC1314
www.ti.com
SNOSCZ0 – DECEMBER 2014
7 Detailed Description
7.1 Overview
Conductive objects brought in contact with an AC electromagnetic (EM) field will induce field changes that can be
detected using a sensor such as an inductor. Conveniently, an inductor, along with a capacitor, can be used to
construct an L-C resonator, also known as an L-C tank, which can be used to produce an EM field. In the case of
an L-C tank, the effect of the field disturbance is an apparent shift in the inductance of the sensor, which can be
observed as a shift in the resonant frequency. Using this principle, the LDC1312/1314 is an inductance-to-digital
converter (LDC) that measures the oscillation frequency of an LC resonator. The device outputs a digital value
that is proportional to frequency. This frequency measurement can be converted to an equivalent inductance.
7.2 Functional Block Diagram
Figure 10. Block Diagrams for the LDC1312 (left) and LDC1314 (right)
The LDC1312/LDC1314 is composed of front-end resonant circuit drivers, followed by a multiplexer that
sequences through the active channels, connecting them to the core that measures and digitizes the sensor
frequency (fSENSOR). The core uses a reference frequency (fREF) to measure the sensor frequency. fREF is derived
from either an internal reference clock (oscillator), or an externally supplied clock. The digitized output for each
channel is proportional to the ratio of fSENSOR/fREF. The I2C interface is used to support device configuration and
to transmit the digitized frequency values to a host processor. The LDC can be placed in shutdown mode, saving
current, using the SD pin. The INTB pin may be configured to notify the host of changes in system status.
7.3 Feature Description
7.3.1 Clocking Architecture
Figure 11 shows the clock dividers and multiplexers of the LDC.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LDC1312 LDC1314


Similar Part No. - LDC1314RGHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LDC1314 TI1-LDC1314 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 12-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
LDC1314-Q1 TI1-LDC1314-Q1 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 12-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
LDC1314QRGHRQ1 TI1-LDC1314QRGHRQ1 Datasheet
1Mb / 56P
[Old version datasheet]   Multi-Channel 12-Bit Inductance to Digital Converter (LDC)
LDC1314QRGHRQ1 TI1-LDC1314QRGHRQ1 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 12-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
LDC1314QRGHTQ1 TI1-LDC1314QRGHTQ1 Datasheet
1Mb / 56P
[Old version datasheet]   Multi-Channel 12-Bit Inductance to Digital Converter (LDC)
More results

Similar Description - LDC1314RGHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LDC1312-Q1 TI1-LDC1312-Q1_16 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 12-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
LDC1612 TI1-LDC1612 Datasheet
1Mb / 58P
[Old version datasheet]   Multi-Channel 28-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
LDC1312 TI-LDC1312_15 Datasheet
1Mb / 57P
[Old version datasheet]   LDC1312, LDC1314 Multi-Channel 12-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
LDC1612-Q1 TI1-LDC1612-Q1_16 Datasheet
1Mb / 62P
[Old version datasheet]   Multi-Channel 28-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
LDC1312-Q1 TI1-LDC1312-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   Multi-Channel 12-Bit Inductance to Digital Converter (LDC)
LDC1612 TI-LDC1612_15 Datasheet
1Mb / 58P
[Old version datasheet]   LDC1612, LDC1614 Multi-Channel 28-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
LDC1612-Q1 TI1-LDC1612-Q1 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 28-Bit Inductance to Digital Converter (LDC)
FDC2112-Q1 TI1-FDC2112-Q1_16 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 12-Bit or 28-Bit Capacitance-to-Digital Converter
LDC3114 TI-LDC3114_V01 Datasheet
2Mb / 61P
[Old version datasheet]   LDC3114 4-Channel Hybrid Inductive Touch and Inductance to Digital Converter
DECEMBER 2021
LDC3114 TI-LDC3114 Datasheet
1Mb / 54P
[Old version datasheet]   LDC3114 4-Channel Hybrid Inductive Touch and Inductance to Digital Converter
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com