Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF198QML-SP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LF198QML-SP
Description  Monolithic Sample-and-Hold Circuits
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LF198QML-SP Datasheet(HTML) 1 Page - Texas Instruments

  LF198QML-SP Datasheet HTML 1Page - Texas Instruments LF198QML-SP Datasheet HTML 2Page - Texas Instruments LF198QML-SP Datasheet HTML 3Page - Texas Instruments LF198QML-SP Datasheet HTML 4Page - Texas Instruments LF198QML-SP Datasheet HTML 5Page - Texas Instruments LF198QML-SP Datasheet HTML 6Page - Texas Instruments LF198QML-SP Datasheet HTML 7Page - Texas Instruments LF198QML-SP Datasheet HTML 8Page - Texas Instruments LF198QML-SP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LF198QML
www.ti.com
SNOSAH9A – FEBRUARY 2005 – REVISED MARCH 2013
LF198QML Monolithic Sample-and-Hold Circuits
Check for Samples: LF198QML
1
FEATURES
DESCRIPTION
The LF198 is a monolithic sample-and-hold circuit
2
Operates from ±5V to ±18V supplies
which utilizes BI-FET technology to obtain ultra-high
Less than 10
μs acquisition time
dc accuracy with fast acquisition of signal and low
TTL, PMOS, CMOS compatible logic input
droop rate. Operating as a unity gain follower, dc gain
accuracy is 0.002% typical and acquisition time is as
0.5 mV typical hold step at Ch = 0.01 μF
low as 6
μs to 0.01%. A bipolar input stage is used to
Low input offset
achieve low offset voltage and wide bandwidth. Input
0.002% gain accuracy
offset adjust is accomplished with a single pin, and
does not degrade input offset drift. The wide
Low output noise in hold mode
bandwidth allows the LF198 to be included inside the
Input characteristics do not change during
feedback loop of 1 MHz op amps without having
hold mode
stability problems. Input impedance of 1010
Ω allows
High supply rejection ratio in sample or hold
high
source
impedances
to
be
used
without
degrading accuracy.
Wide bandwidth
P-channel junction FET's are combined with bipolar
devices in the output amplifier to give droop rates as
low as 5 mV/min with a 1
μF hold capacitor. The
JFET's have much lower noise than MOS devices
used in previous designs and do not exhibit high
temperature instabilities. The overall design specifies
no feed-through from input to output in the hold
mode, even for input signals equal to the supply
voltages.
Logic inputs on the LF198 are fully differential with
low input current, allowing direct connection to TTL,
PMOS, and CMOS. Differential threshold is 1.4V. The
LF198 will operate from ±5V to ±18V supplies.
Connection Diagrams
Figure 1. Small-Outline Package (CGLA)
Figure 2. Metal Can Package (TO-99)
See Package Number NAC0014A
See Package Number LMC0008C
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LF198QML-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LF198QML TI1-LF198QML Datasheet
994Kb / 20P
[Old version datasheet]   LF198QML Monolithic Sample-and-Hold Circuits
More results

Similar Description - LF198QML-SP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LF398N ETC-LF398N Datasheet
257Kb / 7P
   MONOLITHIC SAMPLE AND HOLD CIRCUITS
logo
Texas Instruments
LF198-N TI1-LF198-N_16 Datasheet
2Mb / 33P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
LF298-MIL TI1-LF298-MIL Datasheet
2Mb / 28P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
logo
National Semiconductor ...
LF198 NSC-LF198 Datasheet
520Kb / 13P
   Monolithic Sample-and-Hold Circuits
logo
Texas Instruments
LF298MX TI1-LF298MX Datasheet
564Kb / 15P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
logo
JSC ALFA.
1100CK2 ALFA-1100CK2 Datasheet
368Kb / 4P
   Monolithic Sample-and-Hold Circuits
logo
Texas Instruments
LF198QML TI1-LF198QML Datasheet
994Kb / 20P
[Old version datasheet]   LF198QML Monolithic Sample-and-Hold Circuits
JM38510-12501BGA TI-JM38510-12501BGA Datasheet
1,015Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
LF198JAN TI1-LF198JAN Datasheet
966Kb / 19P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
M38510 TI-M38510 Datasheet
988Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com