Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF298M Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LF298M
Description  Monolithic Sample-and-Hold Circuits
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LF298M Datasheet(HTML) 4 Page - Texas Instruments

  LF298M Datasheet HTML 1Page - Texas Instruments LF298M Datasheet HTML 2Page - Texas Instruments LF298M Datasheet HTML 3Page - Texas Instruments LF298M Datasheet HTML 4Page - Texas Instruments LF298M Datasheet HTML 5Page - Texas Instruments LF298M Datasheet HTML 6Page - Texas Instruments LF298M Datasheet HTML 7Page - Texas Instruments LF298M Datasheet HTML 8Page - Texas Instruments LF298M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
LF198-N, LF298, LF398-N
LF198A-N, LF398A-N
SNOSBI3B – JULY 2000 – REVISED NOVEMBER 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Supply voltage
±18
V
Power dissipation
(Package limitation, see (3))
500
mW
LF198-N, LF198A-N
–55
125
°C
Operating ambient temperature
LF298
–25
85
°C
LF398-N, LF398A-N
0
70
°C
Input voltage
±18
V
Logic-to-logic reference differential voltage (see (4))
7
−30
V
Output short circuit duration
Indefinite
Hold capacitor short circuit duration
10
sec
H package (soldering, 10 sec.)
260
°C
N package (soldering, 10 sec.)
260
°C
Lead temperature
M package: vapor phase (60 sec.)
215
°C
Infrared (15 sec.)
220
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, RθJA, and the ambient
temperature, TA. The maximum allowable power dissipation at any temperature is PD = (TJMAX − TA) / RθJA, or the number given in the
Absolute Maximum Ratings, whichever is lower. The maximum junction temperature, TJMAX, for the LF198-N and LF198A-N is 150°C;
for the LF298, 115°C; and for the LF398-N and LF398A-N, 100°C.
(4)
Although the differential voltage may not exceed the limits given, the common-mode voltage on the logic pins may be equal to the
supply voltages without causing damage to the circuit. For proper logic operation, however, one of the logic pins must always be at least
2 V below the positive supply and 3 V above the negative supply.
6.2 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply voltage
±15
V
LF198-N, LF198A-N
–55
125
TJ
Ambient temperature
LF298
–25
85
°C
LF398-N, LF398A-N
0
70
6.3 Thermal Information
LF398-N
LF298, LF398-N
LFx98x
THERMAL METRIC(1)
P (PDIP)
D (SOIC)
LMC (TO-99)
UNIT
8 PINS
14 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
48.9
80.6
85(2)
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
37.3
38.1
20
°C/W
RθJB
Junction-to-board thermal resistance
26.2
35.4
°C/W
ψJT
Junction-to-top characterization parameter
14.3
5.8
°C/W
ψJB
Junction-to-board characterization parameter
26.0
35.1
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
Board mount in 400 LF/min air flow.
4
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: LF198-N LF298 LF398-N LF198A-N LF398A-N


Similar Part No. - LF298M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF298M NSC-LF298M Datasheet
520Kb / 13P
   Monolithic Sample-and-Hold Circuits
logo
Texas Instruments
LF298M TI1-LF298M Datasheet
3Mb / 38P
[Old version datasheet]   LFx98x Monolithic Sample-and-Hold Circuits
LF298M/NOPB TI1-LF298M/NOPB Datasheet
3Mb / 38P
[Old version datasheet]   LFx98x Monolithic Sample-and-Hold Circuits
LF298MX TI1-LF298MX Datasheet
564Kb / 15P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
LF298MX TI1-LF298MX Datasheet
3Mb / 38P
[Old version datasheet]   LFx98x Monolithic Sample-and-Hold Circuits
More results

Similar Description - LF298M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LF398N ETC-LF398N Datasheet
257Kb / 7P
   MONOLITHIC SAMPLE AND HOLD CIRCUITS
logo
Texas Instruments
LF198QML TI1-LF198QML_14 Datasheet
1Mb / 22P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
LF298-MIL TI1-LF298-MIL Datasheet
2Mb / 28P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
logo
National Semiconductor ...
LF198 NSC-LF198 Datasheet
520Kb / 13P
   Monolithic Sample-and-Hold Circuits
logo
Texas Instruments
LF298MX TI1-LF298MX Datasheet
564Kb / 15P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
logo
JSC ALFA.
1100CK2 ALFA-1100CK2 Datasheet
368Kb / 4P
   Monolithic Sample-and-Hold Circuits
logo
Texas Instruments
LF198QML TI1-LF198QML Datasheet
994Kb / 20P
[Old version datasheet]   LF198QML Monolithic Sample-and-Hold Circuits
JM38510-12501BGA TI-JM38510-12501BGA Datasheet
1,015Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
LF198JAN TI1-LF198JAN Datasheet
966Kb / 19P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
M38510 TI-M38510 Datasheet
988Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com