Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF398H Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LF398H
Description  Monolithic Sample-and-Hold Circuits
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LF398H Datasheet(HTML) 11 Page - Texas Instruments

Back Button LF398H Datasheet HTML 7Page - Texas Instruments LF398H Datasheet HTML 8Page - Texas Instruments LF398H Datasheet HTML 9Page - Texas Instruments LF398H Datasheet HTML 10Page - Texas Instruments LF398H Datasheet HTML 11Page - Texas Instruments LF398H Datasheet HTML 12Page - Texas Instruments LF398H Datasheet HTML 13Page - Texas Instruments LF398H Datasheet HTML 14Page - Texas Instruments LF398H Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
LF198-N, LF298, LF398-N
LF198A-N, LF398A-N
www.ti.com
SNOSBI3B – JULY 2000 – REVISED NOVEMBER 2015
CMOS 7 V
≤ V
LOGIC (Hi State) ≤ 15 V (continued)
Threshold = 0.6 (V+) –1.4V
Figure 21. Sample When Logic Low With CMOS Biasing
7.3 Operational Amplifier Drive
Threshold
≈ +4 V
Figure 22. Sample When Logic High With Operational Amplifier Biasing
Threshold =
−4 V
Figure 23. Sample When Logic Low With Operational Amplifier Biasing
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LF198-N LF298 LF398-N LF198A-N LF398A-N


Similar Part No. - LF398H

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF398H NSC-LF398H Datasheet
520Kb / 13P
   Monolithic Sample-and-Hold Circuits
logo
Linear Technology
LF398H LINER-LF398H Datasheet
1Mb / 16P
   Precision Sample and Hold Amplifier
logo
Texas Instruments
LF398H TI1-LF398H Datasheet
3Mb / 38P
[Old version datasheet]   LFx98x Monolithic Sample-and-Hold Circuits
LF398H/NOPB TI1-LF398H/NOPB Datasheet
3Mb / 38P
[Old version datasheet]   LFx98x Monolithic Sample-and-Hold Circuits
More results

Similar Description - LF398H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LF398N ETC-LF398N Datasheet
257Kb / 7P
   MONOLITHIC SAMPLE AND HOLD CIRCUITS
logo
Texas Instruments
LF198QML TI1-LF198QML_14 Datasheet
1Mb / 22P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
LF298-MIL TI1-LF298-MIL Datasheet
2Mb / 28P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
logo
National Semiconductor ...
LF198 NSC-LF198 Datasheet
520Kb / 13P
   Monolithic Sample-and-Hold Circuits
logo
Texas Instruments
LF298MX TI1-LF298MX Datasheet
564Kb / 15P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
logo
JSC ALFA.
1100CK2 ALFA-1100CK2 Datasheet
368Kb / 4P
   Monolithic Sample-and-Hold Circuits
logo
Texas Instruments
LF198QML TI1-LF198QML Datasheet
994Kb / 20P
[Old version datasheet]   LF198QML Monolithic Sample-and-Hold Circuits
JM38510-12501BGA TI-JM38510-12501BGA Datasheet
1,015Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
LF198JAN TI1-LF198JAN Datasheet
966Kb / 19P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
M38510 TI-M38510 Datasheet
988Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com