Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF198-N Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LF198-N
Description  Monolithic Sample-and-Hold Circuits
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LF198-N Datasheet(HTML) 3 Page - Texas Instruments

  LF198-N Datasheet HTML 1Page - Texas Instruments LF198-N Datasheet HTML 2Page - Texas Instruments LF198-N Datasheet HTML 3Page - Texas Instruments LF198-N Datasheet HTML 4Page - Texas Instruments LF198-N Datasheet HTML 5Page - Texas Instruments LF198-N Datasheet HTML 6Page - Texas Instruments LF198-N Datasheet HTML 7Page - Texas Instruments LF198-N Datasheet HTML 8Page - Texas Instruments LF198-N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
LF198-N, LF298, LF398-N
LF198A-N, LF398A-N
www.ti.com
SNOSBI3B – JULY 2000 – REVISED NOVEMBER 2015
5 Pin Configuration and Functions
P Package
D Package
8-Pin PDIP
14-Pin SOIC
Top View
Top View
LMC Package
8-Pin TO-99
Top View
A military RETS electrical test specification is available on request. The LF198-N may also be procured to Standard
Military Drawing #5962-8760801GA or to MIL-STD-38510 part ID JM38510/12501SGA.
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
SOIC
TO-99
PDIP
V+
12
1
1
P
Positive supply
OFFSET ADJUST
14
2
2
A
DC offset compensation pin
INPUT
1
3
3
A
Analog Input
V
3
4
4
P
Negative supply
OUTPUT
7
5
5
O
Output
Ch
8
6
6
A
Hold capacitor
LOGIC REFERENCE
10
7
7
I
Reference for LOGIC input
LOGIC
11
8
8
I
Logic input for Sample and Hold modes
NC
2, 4, 5, 6, 9, 13
NA
No connect
(1)
P = Power, G = Ground, I = Input, O = Output, A = Analog
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LF198-N LF298 LF398-N LF198A-N LF398A-N


Similar Part No. - LF198-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LF198-N TI1-LF198-N Datasheet
564Kb / 15P
[Old version datasheet]   LF198/LF298/LF398, LF198A/LF398A Monolithic Sample-and-Hold Circuits
LF198-N TI1-LF198-N Datasheet
3Mb / 38P
[Old version datasheet]   LFx98x Monolithic Sample-and-Hold Circuits
LF198-N TI1-LF198-N_V01 Datasheet
3Mb / 38P
[Old version datasheet]   LFx98x Monolithic Sample-and-Hold Circuits
More results

Similar Description - LF198-N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LF398N ETC-LF398N Datasheet
257Kb / 7P
   MONOLITHIC SAMPLE AND HOLD CIRCUITS
logo
Texas Instruments
LF198QML TI1-LF198QML_14 Datasheet
1Mb / 22P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
LF298-MIL TI1-LF298-MIL Datasheet
2Mb / 28P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
logo
National Semiconductor ...
LF198 NSC-LF198 Datasheet
520Kb / 13P
   Monolithic Sample-and-Hold Circuits
logo
Texas Instruments
LF298MX TI1-LF298MX Datasheet
564Kb / 15P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
logo
JSC ALFA.
1100CK2 ALFA-1100CK2 Datasheet
368Kb / 4P
   Monolithic Sample-and-Hold Circuits
logo
Texas Instruments
LF198QML TI1-LF198QML Datasheet
994Kb / 20P
[Old version datasheet]   LF198QML Monolithic Sample-and-Hold Circuits
JM38510-12501BGA TI-JM38510-12501BGA Datasheet
1,015Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
LF198JAN TI1-LF198JAN Datasheet
966Kb / 19P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
M38510 TI-M38510 Datasheet
988Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com