Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM10506 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM10506
Description  Triple Buck LDO Power Management Unit
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM10506 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM10506_15 Datasheet HTML 6Page - Texas Instruments LM10506_15 Datasheet HTML 7Page - Texas Instruments LM10506_15 Datasheet HTML 8Page - Texas Instruments LM10506_15 Datasheet HTML 9Page - Texas Instruments LM10506_15 Datasheet HTML 10Page - Texas Instruments LM10506_15 Datasheet HTML 11Page - Texas Instruments LM10506_15 Datasheet HTML 12Page - Texas Instruments LM10506_15 Datasheet HTML 13Page - Texas Instruments LM10506_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
100
300
500
700
900 1100 1300
2980
2982
2984
2986
2988
2990
2992
2994
2996
2998
3000
IOUT(mA)
100
150
200
250
300
350
400
1790
1792
1794
1796
1798
1800
1802
1804
1806
1808
1810
IOUT(mA)
0
20
40
60
80
100
120
3190
3192
3194
3196
3198
3200
3202
3204
3206
3208
3210
IOUT(mA)
VIN = 5.0V
VIN = 3.3V
3.0
3.5
4.0
4.5
5.0
5.5
6.0
3.190
3.192
3.194
3.196
3.198
3.200
3.202
3.204
3.206
3.208
3.210
VIN(V)
IOUT = 1mA
IOUT = 100mA
1 1.00V/
BUCK1
VIN = 3.3V
1A load
200 µs/
1
1 1.00V/
BUCK1
VIN = 5V
1A load
200 µs/
1
LM10506
SNVS729F – SEPTEMBER 2011 – REVISED AUGUST 2014
www.ti.com
7.11 Typical Characteristics
VIN = 3.3 V
VOUT = 3 V
IOUT = 1 A
VIN = 5 V
VOUT = 3 V
IOUT = 1 A
Figure 1. Start-Up Of Buck 1
Figure 2. Start-Up Of Buck 1
Figure 3. LDO VOUT vs. IOUT
Figure 4. LDO VIN vs. VOUT
VIN = 5 V
VOUT = 3 V
VIN = 5 V
VOUT = 1.8 V
Figure 5. Buck 1 VOUT vs. IOUT
Figure 6. Buck 2 VOUT vs. IOUT
10
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: LM10506


Similar Part No. - LM10506_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM10506 TI1-LM10506_14 Datasheet
1Mb / 43P
[Old version datasheet]   Triple Buck LDO Power Management Unit
More results

Similar Description - LM10506_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM10506 TI1-LM10506_14 Datasheet
1Mb / 43P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10504 TI1-LM10504 Datasheet
778Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506 Datasheet
780Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10504 TI1-LM10504_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM10504 Triple Buck LDO Power Management Unit
LM10507 TI1-LM10507 Datasheet
1Mb / 40P
[Old version datasheet]   LM10507 Triple Buck LDO Power Management Unit
LM10502 TI1-LM10502 Datasheet
932Kb / 35P
[Old version datasheet]   Dual Buck LDO Power Management Unit
LM10524 TI1-LM10524 Datasheet
1Mb / 41P
[Old version datasheet]   LM10524 Triple Buck Power Management Unit
LM10524 TI1-LM10524_15 Datasheet
1Mb / 44P
[Old version datasheet]   LM10524 Triple Buck Power Management Unit
TPS65232 TI1-TPS65232 Datasheet
1Mb / 31P
[Old version datasheet]   TRIPLE BUCK POWER MANAGEMENT IC
TPS65232 TI1-TPS65232_16 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE BUCK POWER MANAGEMENT IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com