Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM111MW8 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM111MW8
Description  Voltage Comparator
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM111MW8 Datasheet(HTML) 1 Page - Texas Instruments

  LM111MW8 Datasheet HTML 1Page - Texas Instruments LM111MW8 Datasheet HTML 2Page - Texas Instruments LM111MW8 Datasheet HTML 3Page - Texas Instruments LM111MW8 Datasheet HTML 4Page - Texas Instruments LM111MW8 Datasheet HTML 5Page - Texas Instruments LM111MW8 Datasheet HTML 6Page - Texas Instruments LM111MW8 Datasheet HTML 7Page - Texas Instruments LM111MW8 Datasheet HTML 8Page - Texas Instruments LM111MW8 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
LM111QML
www.ti.com
SNOSAJ4C – OCTOBER 2005 – REVISED MARCH 2013
LM111QML Voltage Comparator
Check for Samples: LM111QML
1
FEATURES
DESCRIPTION
The LM111 is a voltage comparator that has input
2
Available with radiation ensured
currents nearly a thousand times lower than devices
High Dose Rate 50 krad(Si)
such as the LM106 or LM710. It is also designed to
Low Dose and ELDRS Free 100 krad(Si)
operate over a wider range of supply voltages: from
standard ±15V op amp supplies down to the single
Operates from single 5V supply
5V supply used for IC logic. The output is compatible
Input current: 200 nA max. over temperature
with RTL, DTL and TTL as well as MOS circuits.
Offset current: 20 nA max. over temperature
Further, it can drive lamps or relays, switching
voltages up to 50V at currents as high as 50 mA.
Differential input voltage range: ±30V
Power consumption: 135 mW at ±15V
Both the inputs and the output of the LM111 can be
isolated from system ground, and the output can
Power supply voltage, single 5V to ±15V
drive loads referred to ground, the positive supply or
Offset voltage null capability
the negative supply. Offset balancing and strobe
Strobe capability
capability are provided and outputs can be wire
OR'ed. Although slower than the LM106 and LM710
(200 ns response time vs 40 ns) the device is also
much less prone to spurious oscillations. The LM111
has the same pin configuration as the LM106 and
LM710.
Connection Diagrams
TO-99 Package
Note: Pin 4 connected to case
Figure 1. Top View
Package Number LMC0008C
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM111MW8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM111 NSC-LM111 Datasheet
1Mb / 23P
   Voltage Comparator
logo
Seoul Semiconductor
LM111 SEOUL-LM111 Datasheet
378Kb / 14P
   RED LAMP LED
logo
NXP Semiconductors
LM111 PHILIPS-LM111 Datasheet
71Kb / 4P
   Voltage comparator
August 31, 1994
logo
Seoul Semiconductor
LM111 SEOUL-LM111 Datasheet
285Kb / 13P
   Infrared LAMP LED
logo
STMicroelectronics
LM111 STMICROELECTRONICS-LM111 Datasheet
236Kb / 14P
   Voltage comparator with strobe
More results

Similar Description - LM111MW8

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51206TL MITSUBISHI-M51206TL Datasheet
115Kb / 4P
   VOLTAGE COMPARATOR?
logo
Linear Technology
LT1011A LINER-LT1011A_15 Datasheet
294Kb / 20P
   Voltage Comparator
logo
Austin Semiconductor
AS111 AUSTIN-AS111 Datasheet
2Mb / 21P
   Voltage Comparator
AS111R AUSTIN-AS111R Datasheet
1Mb / 22P
   Voltage Comparator
logo
National Semiconductor ...
LM111JAN NSC-LM111JAN Datasheet
798Kb / 26P
   Voltage Comparator
logo
Linear Technology
RH1011 LINER-RH1011 Datasheet
144Kb / 4P
   Voltage Comparator
logo
JSC ALFA.
AS527 ALFA-AS527 Datasheet
207Kb / 3P
   Voltage comparator
logo
National Semiconductor ...
MDLM111-X NSC-MDLM111-X Datasheet
303Kb / 17P
   VOLTAGE COMPARATOR
logo
NXP Semiconductors
NE527 PHILIPS-NE527 Datasheet
131Kb / 5P
   Voltage comparator
August 31, 1994
logo
Linear Technology
RH111 LINER-RH111 Datasheet
143Kb / 4P
   Voltage Comparator
RH1011 LINER-RH1011_15 Datasheet
70Kb / 2P
   Voltage Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com