Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM211QDR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM211QDR
Description  LMx11 Quad Differential Comparators
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM211QDR Datasheet(HTML) 5 Page - Texas Instruments

  LM211QDR Datasheet HTML 1Page - Texas Instruments LM211QDR Datasheet HTML 2Page - Texas Instruments LM211QDR Datasheet HTML 3Page - Texas Instruments LM211QDR Datasheet HTML 4Page - Texas Instruments LM211QDR Datasheet HTML 5Page - Texas Instruments LM211QDR Datasheet HTML 6Page - Texas Instruments LM211QDR Datasheet HTML 7Page - Texas Instruments LM211QDR Datasheet HTML 8Page - Texas Instruments LM211QDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
LM111, LM211, LM311
www.ti.com
SLCS007I – SEPTEMBER 1973 – REVISED JUNE 2015
6.4 Thermal Information (8-Pin Packages)
LMx11
PW
THERMAL METRIC(1)
D (SOIC)
P (PDIP)
PS (SOP)
JG (CDIP)
UNIT
(TSSOP)
8 PINS
8 PINS
8 PINS
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
97
85
95
149
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
14.5
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Thermal Information (20-Pin Package)
LMx11
THERMAL METRIC(1)
FK (LCCC)
UNIT
20 PINS
RθJC(top)
Junction-to-case (top) thermal resistance
5.61
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.6 Electrical Characteristics
at specified free-air temperature, VCC± = ±15 V (unless otherwise noted)
LM111
LM211
LM311
PARAMETER
TEST CONDITIONS
TA
(1)
UNIT
LM211Q
MIN
TYP(2)
MAX
MIN
TYP(2)
MAX
25°C
0.7
3
2
7.5
VIO
Input offset voltage
See(3)
mV
Full range
4
10
25°C
4
10
6
50
IIO
Input offset current
See(3)
nA
Full range
20
70
25°C
75
100
100
250
IIB
Input bias current
1 V
≤ VO ≤ 14 V
nA
Full range
150
300
Low-level
V(strobe) = 0.3 V,
IIL(S)
25°C
–3
–3
mA
strobe current(4)
VID ≤ –10 mV
Common-mode
Lower range
–14.7
–14.5
–14.7
–14.5
VICR
input-voltage
Full range
V
Upper range
13
13.8
13
13.8
range(3)
Large-signal
AVD
differential-voltage
5 V
≤ VO ≤ 35 V, RL = 1 kΩ
25°C
40
200
40
200
V/mV
amplification
25°C
0.2
10
nA
High-level
I(strobe) = –3 mA,
VOH = 35 V
(collector)
VID = 5 mV
IOH
Full range
0.5
μA
output leakage
current
VID = 5 mV, VOH = 35 V
25°C
0.2
50
nA
VID = –5 mV
25°C
0.75
1.5
IOL = 50 mA
Low-level
VID = –10 mV
25°C
0.75
1.5
(collector-to-
VOL
V
emitter)
VCC+ = 4.5 V,
VID = –6 mV
Full range
0.23
0.4
output voltage
VCC– = 0 V,
VID = –10 mV
Full range
0.23
0.4
IOL = 8 mA
Supply current from
ICC+
VCC+
VID = –10 mV,
No load
25°C
5.1
6
5.1
7.5
mA
output low
Supply current from
ICC
VCC–
VID = 10 mV,
No load
25°C
–4.1
–5
–4.1
–5
mA
output high
(1)
Unless otherwise noted, all characteristics are measured with BALANCE and BAL/STRB open and EMIT OUT grounded. Full range for
LM111 is –55°C to 125°C, for LM211 is –40°C to 85°C, for LM211Q is –40°C to 125°C, and for LM311 is 0°C to 70°C.
(2)
All typical values are at TA = 25°C.
(3)
The offset voltages and offset currents given are the maximum values required to drive the collector output up to 14 V or down to 1 V
with a pullup resistor of 7.5 k
Ω to VCC+. These parameters actually define an error band and take into account the worst-case effects of
voltage gain and input impedance.
(4)
The strobe must not be shorted to ground; it must be current driven at –3 mA to –5 mA (see Figure 18 and Figure 31).
Copyright © 1973–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM111 LM211 LM311


Similar Part No. - LM211QDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM211QDR TI-LM211QDR Datasheet
506Kb / 25P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM211QDR TI-LM211QDR Datasheet
653Kb / 28P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM211QDR TI1-LM211QDR Datasheet
1Mb / 31P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM211QDR TI1-LM211QDR Datasheet
2Mb / 38P
[Old version datasheet]   Quad Differential Comparators
LM211QDREP TI1-LM211QDREP Datasheet
597Kb / 22P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
More results

Similar Description - LM211QDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM139 TI-LM139_06 Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139-MIL TI1-LM139-MIL Datasheet
478Kb / 19P
[Old version datasheet]   Quad Differential Comparators
LM139A TI1-LM139A Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_14 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
OPA843IDBVRG4 TI1-OPA843IDBVRG4 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139 Datasheet
518Kb / 19P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
logo
Estek Electronics Co. L...
ET-LM339 ESTEK-ET-LM339 Datasheet
277Kb / 6P
   Quad Differential Comparators
logo
Texas Instruments
LM2901ID TI-LM2901ID Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139_07 Datasheet
743Kb / 25P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_15 Datasheet
1Mb / 37P
[Old version datasheet]   Quad Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com