Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM211QDR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM211QDR
Description  LMx11 Quad Differential Comparators
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM211QDR Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM211QDR Datasheet HTML 5Page - Texas Instruments LM211QDR Datasheet HTML 6Page - Texas Instruments LM211QDR Datasheet HTML 7Page - Texas Instruments LM211QDR Datasheet HTML 8Page - Texas Instruments LM211QDR Datasheet HTML 9Page - Texas Instruments LM211QDR Datasheet HTML 10Page - Texas Instruments LM211QDR Datasheet HTML 11Page - Texas Instruments LM211QDR Datasheet HTML 12Page - Texas Instruments LM211QDR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
VID
VCC+ = 15 V
RE = 2 k
VO
VCC− = −15 V
VID
VCC+ = 15 V
500
VO
VCC− = −15 V
5 V
VID
VCC+ = 30 V
1 k
Output
VCC−
VI = 50 V (LM111, LM211)
40 V (LM311)
VID
VCC+ = 30 V
600
VCC−
Output
LM111, LM211, LM311
www.ti.com
SLCS007I – SEPTEMBER 1973 – REVISED JUNE 2015
7 Parameter Measurement Information
Figure 9. Collector Output Transfer Characteristic
Figure 10. Emitter Output Transfer Characteristic
Test Circuit
Test Circuit
Figure 11. Test Circuit for Figure 3 and Figure 4
Figure 12. Test Circuit for Figure 14 and Figure 15
Copyright © 1973–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM111 LM211 LM311


Similar Part No. - LM211QDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM211QDR TI-LM211QDR Datasheet
506Kb / 25P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM211QDR TI-LM211QDR Datasheet
653Kb / 28P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM211QDR TI1-LM211QDR Datasheet
1Mb / 31P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM211QDR TI1-LM211QDR Datasheet
2Mb / 38P
[Old version datasheet]   Quad Differential Comparators
LM211QDREP TI1-LM211QDREP Datasheet
597Kb / 22P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
More results

Similar Description - LM211QDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM139 TI-LM139_06 Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139-MIL TI1-LM139-MIL Datasheet
478Kb / 19P
[Old version datasheet]   Quad Differential Comparators
LM139A TI1-LM139A Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_14 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
OPA843IDBVRG4 TI1-OPA843IDBVRG4 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139 Datasheet
518Kb / 19P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
logo
Estek Electronics Co. L...
ET-LM339 ESTEK-ET-LM339 Datasheet
277Kb / 6P
   Quad Differential Comparators
logo
Texas Instruments
LM2901ID TI-LM2901ID Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139_07 Datasheet
743Kb / 25P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_15 Datasheet
1Mb / 37P
[Old version datasheet]   Quad Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com