Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM111WGRLQMLV Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM111WGRLQMLV
Description  Voltage Comparator
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM111WGRLQMLV Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM111WGRLQMLV Datasheet HTML 3Page - Texas Instruments LM111WGRLQMLV Datasheet HTML 4Page - Texas Instruments LM111WGRLQMLV Datasheet HTML 5Page - Texas Instruments LM111WGRLQMLV Datasheet HTML 6Page - Texas Instruments LM111WGRLQMLV Datasheet HTML 7Page - Texas Instruments LM111WGRLQMLV Datasheet HTML 8Page - Texas Instruments LM111WGRLQMLV Datasheet HTML 9Page - Texas Instruments LM111WGRLQMLV Datasheet HTML 10Page - Texas Instruments LM111WGRLQMLV Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
LM111QML
www.ti.com
SNOSAJ4C – OCTOBER 2005 – REVISED MARCH 2013
LM111/883 Electrical Characteristics DC Parameters
(1) (continued)
The following conditions apply, unless otherwise specified. V56 = 0, RS = 0 Ω, VCC = ±15V, VCM = 0, VO = 1.4V WRT −VCC
The pin assignments are based on the 8 pin package configuration.
(2)
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
VIO
Input Offset Voltage
VCM = 13.5V
-3.0
3.0
mV
1
-4.0
4.0
mV
2, 3
VCM = 13.5V, V85 = V86= 0V
(2)
-3.0
3.0
mV
1
VCM = -14.5V
-3.0
3.0
mV
1
-4.0
4.0
mV
2, 3
VCM = -14.5V, V85 = V86 = 0V
(2)
-3.0
3.0
mV
1
-3.0
3.0
mV
1
-4.0
4.0
mV
2, 3
V85 = V86 = 0V
(2)
-3.0
3.0
mV
1
VO = 0.4V, +VCC = 4.5V,
-5.0
5.0
mV
1
-VCC = 0V, VCM = 3V
-6.0
6.0
mV
2, 3
VO = 4.5V, +VCC = 4.5V,
-3.0
3.0
mV
1
-VCC = 0V, VCM = 3V
-4.0
4.0
mV
2, 3
VO = 0.4V, +VCC = 4.5V,
-5.0
5.0
mV
1
-VCC = 0V, VCM = 0.5V
-6.0
6.0
mV
2, 3
VO = 4.5V, +VCC = 4.5V,
-3.0
3.0
mV
1
-VCC = 0V, VCM = 0.5V
-4.0
4.0
mV
2, 3
AVS
Large Signal Gain
-12V
≤ VO ≤ 35V, RL = 1KΩ
(3)
40
V/mV
4
(3)
30
V/mV
5, 6
(3)
Datalog reading in K=V/mV.
LM111/883 Electrical Characteristics AC Parameters
(1)
The following conditions apply, unless otherwise specified. V56 = 0, RS = 0 Ω, VCC = ±15V, VCM = 0, VO = 1.4V WRT −VCC
The pin assignments are based on the 8 pin package configuration.
(2)
Notes
Min
Max
Unit
Sub-
Symbol
Parameter
Conditions
groups
tR
Response Time
400
nS
7
(1)
Calculated parameter.
(2)
Pin names based on an 8 pin package configuration. When using higher pin count packages then: Pin 2 & 3 are Inputs, Pin 5 is
Balance, Pin 6 is Balance /Strobe, Pin 7 is Output, and Pin 8 is V+. For example: V56 is the Voltage between the Balance and Balance /
Strobe pins.
LM111-SMD Electrical Characteristics SMD 5962-8687701 DC Parameters
(1)
The following conditions apply, unless otherwise specified. VCC = ±15V, VCM = 0
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
VIO
Input Offset Voltage
VI = 0V, RS = 50Ω
-3.0
+3.0
mV
1
-4.0
+4.0
mV
2, 3
+VCC = 29.5V, -VCC = -0.5V,
-3.0
+3.0
mV
1
VI = 0V, VCM = -14.5V,
-4.0
+4.0
mV
2, 3
RS = 50Ω
+VCC = 2V, -VCC = -28V,
-3.0
+3.0
mV
1
VI = 0V, VCM = +13V,
-4.0
+4.0
mV
2, 3
RS = 50Ω
+VCC = +2.5V, -VCC = -2.5V,
-3.0
+3.0
mV
1
VI = 0V,
-4.0
+4.0
mV
2, 3
RS = 50Ω
(1)
Calculated parameter.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM111QML


Similar Part No. - LM111WGRLQMLV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM111WGRLQMLV NSC-LM111WGRLQMLV Datasheet
1,006Kb / 34P
   Voltage Comparator
logo
Texas Instruments
LM111WGRLQMLV TI1-LM111WGRLQMLV Datasheet
1Mb / 42P
[Old version datasheet]   LM111QML Voltage Comparator
More results

Similar Description - LM111WGRLQMLV

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51206TL MITSUBISHI-M51206TL Datasheet
115Kb / 4P
   VOLTAGE COMPARATOR?
logo
Linear Technology
LT1011A LINER-LT1011A_15 Datasheet
294Kb / 20P
   Voltage Comparator
logo
Austin Semiconductor
AS111 AUSTIN-AS111 Datasheet
2Mb / 21P
   Voltage Comparator
AS111R AUSTIN-AS111R Datasheet
1Mb / 22P
   Voltage Comparator
logo
National Semiconductor ...
LM111JAN NSC-LM111JAN Datasheet
798Kb / 26P
   Voltage Comparator
logo
Linear Technology
RH1011 LINER-RH1011 Datasheet
144Kb / 4P
   Voltage Comparator
logo
JSC ALFA.
AS527 ALFA-AS527 Datasheet
207Kb / 3P
   Voltage comparator
logo
National Semiconductor ...
MDLM111-X NSC-MDLM111-X Datasheet
303Kb / 17P
   VOLTAGE COMPARATOR
logo
NXP Semiconductors
NE527 PHILIPS-NE527 Datasheet
131Kb / 5P
   Voltage comparator
August 31, 1994
logo
Linear Technology
RH111 LINER-RH111 Datasheet
143Kb / 4P
   Voltage Comparator
RH1011 LINER-RH1011_15 Datasheet
70Kb / 2P
   Voltage Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com