Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM1100BR Datasheet(PDF) 4 Page - Analog Devices

Part # ADUM1100BR
Description  iCoupler Digital Isolator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1100BR Datasheet(HTML) 4 Page - Analog Devices

  ADUM1100BR Datasheet HTML 1Page - Analog Devices ADUM1100BR Datasheet HTML 2Page - Analog Devices ADUM1100BR Datasheet HTML 3Page - Analog Devices ADUM1100BR Datasheet HTML 4Page - Analog Devices ADUM1100BR Datasheet HTML 5Page - Analog Devices ADUM1100BR Datasheet HTML 6Page - Analog Devices ADUM1100BR Datasheet HTML 7Page - Analog Devices ADUM1100BR Datasheet HTML 8Page - Analog Devices ADUM1100BR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. E
ADuM1100
–4–
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
DC SPECIFICATIONS
Input Supply Current, Quiescent
IDDI(Q)
5 V/3 V Operation
0.3
0.8
mA
3 V/5 V Operation
0.1
0.3
mA
Output Supply Current, Quiescent
IDDO(Q)
5 V/3 V Operation
0.005
0.04
mA
3 V/5 V Operation
0.01
0.06
mA
Input Supply Current, 25 Mbps
IDDI(25)
5 V/3 V Operation
2.2
3.5
mA
12.5 MHz Logic Signal Frequency
3 V/5 V Operation
2.0
2.8
mA
12.5 MHz Logic Signal Frequency
Output Supply Current, 25 Mbps
IDDO(25)
5 V/3 V Operation
0.3
0.7
mA
12.5 MHz Logic Signal Frequency
3 V/5 V Operation
0.5
1.0
mA
12.5 MHz Logic Signal Frequency
Input Supply Current, 50 Mbps
IDDI(50)
5 V/3 V Operation
4.5
7.0
mA
25 MHz Logic Signal Frequency
3 V/5 V Operation
4.0
6.0
mA
25 MHz Logic Signal Frequency
Output Supply Current, 50 Mbps
IDDO(50)
5 V/3 V Operation
1.2
1.6
mA
25 MHz Logic Signal Frequency
3 V/5 V Operation
1.0
1.5
mA
25 MHz Logic Signal Frequency
Input Currents
IIA
–10
+0.01
+10
µA0 ≤ V
IA, VIB, VIC, VID
≤ V
DD1 or VDD2
Logic High Output Voltage,
VOH
VDD2 – 0.1 3.3
V
IO = –20
µA, VI = VIH
5 V/3 V Operation
VDD2 – 0.5 3.0
V
IO = –2.5 mA, VI = VIH
Logic Low Output Voltage,
VOL
0.0
0.1
V
IO = 20
µA, V
I = VIL
5 V/3 V Operation
0.04
0.1
V
IO = 400
µA, VI = VIL
0.3
0.4
V
IO = 2.5 mA, VI = VIL
Logic High Output Voltage,
VOH
VDD2 – 0.1 5.0
V
IO = –20
µA, V
I = VIH
3 V/5 V Operation
VDD2 – 0.8 4.6
V
IO = –4 mA, VI = VIH
Logic Low Output Voltage,
VOL
0.0
0.1
V
IO = 20
µA, VI = VIL
3 V/5 V Operation
0.03
0.1
V
IO = 400
µA, V
I = VIL
0.3
0.8
V
IO = 4 mA, VI = VIL
SWITCHING SPECIFICATIONS
For ADuM1100AR
Minimum Pulse Width
3
PW
40
ns
CL = 15 pF, CMOS Signal Levels
Maximum Data Rate
4
25
Mbps CL = 15 pF, CMOS Signal Levels
For ADuM1100BR/ADuM1100UR
Minimum Pulse Width
3
PW
20
ns
CL = 15 pF, CMOS Signal Levels
Maximum Data Rate
4
50
Mbps CL = 15 pF, CMOS Signal Levels
For All Grades
Propagation Delay Time to Logic
tPHL, tPLH
Low/High Output
5, 6
5 V/3 V Operation (See TPC 5)
13
21
ns
CL = 15 pF, CMOS Signal Levels
3 V/5 V Operation (See TPC 6)
16
26
ns
CL = 15 pF, CMOS Signal Levels
Pulse Width Distortion, |tPLH – tPHL|
6
PWD
5 V/3 V Operation
0.5
2
ns
CL = 15 pF, CMOS Signal Levels
3 V/5 V Operation
0.5
3
ns
CL = 15 pF, CMOS Signal Levels
Change versus Temperature
5 V/3 V Operation
3
ps/ºC
CL = 15 pF, CMOS Signal Levels
3 V/5 V Operation
10
ps/ºC
CL = 15 pF, CMOS Signal Levels
Propagation Delay Skew
tPSK1
(Equal Temperature)
6, 8
5 V/3 V Operation
12
ns
CL = 15 pF, CMOS Signal Levels
3 V/5 V Operation
15
ns
CL = 15 pF, CMOS Signal Levels
ELECTRICAL SPECIFICATIONS, MIXED 5 V/3 V or 3 V/5 V OPERATION1
(5 V/3 V operation: 4.5 V
≤ VDD1
≤ 5.5 V, 3.0 V ≤ VDD2 ≤ 3.6 V.
3 V/5 V operation: 3.0 V
≤ VDD1 ≤ 3.6 V, 4.5 V ≤ VDD2 ≤ 5.5 V. All min/max specifications apply over the entire recommended operation range,
unless otherwise noted. All typical specifications are at TA = 25 C, VDD1 = 3.3 V, VDD2 = 5 V or VDD1 = 5 V, VDD2 = 3.3 V.)


Similar Part No. - ADUM1100BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADuM1100BR AD-ADuM1100BR Datasheet
384Kb / 20P
   iCoupler Digital Isolator
Rev. I
ADuM1100BR-RL7 AD-ADuM1100BR-RL7 Datasheet
384Kb / 20P
   iCoupler Digital Isolator
Rev. I
ADUM1100BRZ AD-ADUM1100BRZ Datasheet
384Kb / 20P
   iCoupler Digital Isolator
Rev. I
ADuM1100BRZ AD-ADuM1100BRZ Datasheet
384Kb / 20P
   iCoupler Digital Isolator
Rev. I
ADuM1100BRZ-RL7 AD-ADuM1100BRZ-RL7 Datasheet
384Kb / 20P
   iCoupler Digital Isolator
Rev. I
More results

Similar Description - ADUM1100BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1100ARZ AD-ADUM1100ARZ Datasheet
384Kb / 20P
   iCoupler Digital Isolator
Rev. I
ADUM1100BRZ AD-ADUM1100BRZ Datasheet
384Kb / 20P
   iCoupler Digital Isolator
Rev. I
ADUM1100 AD-ADUM1100_15 Datasheet
384Kb / 20P
   Coupler Digital Isolator
Rev. I
logo
List of Unclassifed Man...
IL711 ETC1-IL711 Datasheet
124Kb / 7P
   Dual Digital Isolator
logo
Texas Instruments
ISO7221C-HT TI1-ISO7221C-HT Datasheet
465Kb / 16P
[Old version datasheet]   DUAL DIGITAL ISOLATOR
logo
List of Unclassifed Man...
IL710 ETC1-IL710 Datasheet
149Kb / 7P
   High Speed Digital Isolator
logo
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850_14 Datasheet
899Kb / 17P
   Six-Channel Digital Isolator
Rev 2; 11/14
logo
STMicroelectronics
STISO621 STMICROELECTRONICS-STISO621 Datasheet
398Kb / 21P
   Dual channel digital isolator
May 2022 Rev 3
logo
Silicon Laboratories
SI8430 SILABS-SI8430 Datasheet
627Kb / 30P
   TRIPLE-CHANNEL DIGITAL ISOLATOR
logo
Rohm
BM67221FV-C ROHM-BM67221FV-C Datasheet
2Mb / 28P
   High Speed Digital Isolator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com