Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMP3105LVT-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMP3105LVT-7
Description  30V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3105LVT-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  DMP3105LVT-7 Datasheet HTML 1Page - Diodes Incorporated DMP3105LVT-7 Datasheet HTML 2Page - Diodes Incorporated DMP3105LVT-7 Datasheet HTML 3Page - Diodes Incorporated DMP3105LVT-7 Datasheet HTML 4Page - Diodes Incorporated DMP3105LVT-7 Datasheet HTML 5Page - Diodes Incorporated DMP3105LVT-7 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMP3105LVT
Document number: DS35504 Rev. 2 - 2
4 of 6
www.diodes.com
November 2011
© Diodes Incorporated
DMP3105LVT
-50
-25
025
5075
100
125
150
T , JUNCTION TEMPERATURE ( C)
Fig. 7 Gate Threshold Variation vs. Ambient Temperature
J
°
0
0.2
0.4
0.6
0.8
1
1.2
I = -250µA
D
I= -1mA
D
1.4
V
, SOURCE-DRAIN VOLTAGE (V)
Fig. 8 Diode Forward Voltage vs. Current
SD
0
4
8
12
16
20
0.4
0.6
0.8
1
1.2
T= 25 C
A
°
V
, DRAIN-SOURCE VOLTAGE (V)
Fig. 9 Typical Drain-Source Leakage Current vs. Voltage
DS
1
10
100
1000
10000
100000
0
5
10
15
20
25
30
T =
A
25 C
°
T =
A
85 C
°
T = 150 C
A
°
-V
, DRAIN-SOURCE VOLTAGE (V)
Fig. 10 Typical Junction Capacitance
DS
10
100
1000
10000
0
5
10
15
20
25
30
f = 1MHz
CRSS
CISS
C
OSS
Q -(nC)
Fig. 11 Gate Charge Characteristics
G
0
2
4
6
8
10
0
5
10
15
20
-V
, DRAIN-SOURCE VOLTAGE (V)
DS
Fig. 12 SOA, Safe Operation Area
0.01
0.1
1
10
100
0.01
0.1
1
10
100
I(A) @P =10s
DW
I (A) @ DC
D
I(A) @P =1s
DW
I (A) @P =100ms
DW
I(A) @P =10ms
DW
I(A) @P =1ms
DW
I(A) @
P =10µs
D
W
I
(A
) @
P
=1
00
µs
D
W
T
= 150 C
T= 25 C
Single Pulse
J(MAX)
A
°
°
R
Limited
DS(ON)


Similar Part No. - DMP3105LVT-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP3105LVT DIODES-DMP3105LVT_15 Datasheet
190Kb / 6P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP3105LVT-7

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
   -30V PP-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X_05 Datasheet
331Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM4835 TSC-TSM4835 Datasheet
172Kb / 5P
   30V P-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTP452M3 CYSTEKEC-MTP452M3 Datasheet
285Kb / 8P
   30V P-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP32D4S DIODES-DMP32D4S_15 Datasheet
335Kb / 6P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
TY Semiconductor Co., L...
DMG3401LSN TYSEMI-DMG3401LSN Datasheet
100Kb / 2P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Formosa MS
FMS2303 FORMOSA-FMS2303 Datasheet
1Mb / 8P
   30V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMP3A16N8 DIODES-ZXMP3A16N8 Datasheet
159Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJA87P03 PANJIT-PJA87P03 Datasheet
2Mb / 6P
   30V P-Channel ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP3008SFGQ DIODES-DMP3008SFGQ Datasheet
543Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com