Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL203CE1 Datasheet(PDF) 4 Page - Analog Devices

Part # ADXL203CE1
Description  Precision 짹1.7 g Single/Dual Axis Accelerometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL203CE1 Datasheet(HTML) 4 Page - Analog Devices

  ADXL203CE1 Datasheet HTML 1Page - Analog Devices ADXL203CE1 Datasheet HTML 2Page - Analog Devices ADXL203CE1 Datasheet HTML 3Page - Analog Devices ADXL203CE1 Datasheet HTML 4Page - Analog Devices ADXL203CE1 Datasheet HTML 5Page - Analog Devices ADXL203CE1 Datasheet HTML 6Page - Analog Devices ADXL203CE1 Datasheet HTML 7Page - Analog Devices ADXL203CE1 Datasheet HTML 8Page - Analog Devices ADXL203CE1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADXL103/ADXL203
Rev. 0 | Page 4 of 12
ABSOLUTE MAXIMUM RATINGS
Table 2. ADXL103/ADXL203 Stress Ratings
Parameter
Rating
Acceleration (Any Axis, Unpowered)
3,500 g
Acceleration (Any Axis, Powered)
3,500 g
Drop Test (Concrete Surface)
1.2 m
VS
–0.3 V to +7.0 V
All Other Pins
(COM – 0.3 V) to
(VS + 0.3 V)
Output Short-Circuit Duration
(Any Pin to Common)
Indefinite
Operating Temperature Range
–55°C to +125°C
Storage Temperature
–65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 3. Package Characteristics
Package Type
θJA
θJC
Device Weight
8-Lead CLCC
120°C/W
20°C/W
<1.0 gram
tP
tL
t25°C TO PEAK
tS
PREHEAT
CRITICAL ZONE
TL TO TP
TIME
RAMP-DOWN
RAMP-UP
TSMIN
TSMAX
TP
TL
Condition
Profile Feature
Sn63/Pb37
Pb Free
Average Ramp Rate (TL to TP)
3°C/second Max
Preheat
Minimum Temperature (TSMIN)
100°C
150°C
Minimum Temperature (TSMAX)
150°C
200°C
Time (TSMIN to TSMAX) (tS)
60–120 seconds
60–150 seconds
TSMAX to TL
Ramp-Up Rate
3°C/second
Time Maintained above Liquidous (TL)
Liquidous Temperature (TL)
183°C
217°C
Time (tL)
60–150 seconds
60–150 seconds
Peak Temperature (TP)
240°C +0°C/–5°C
260°C +0°C/–5°C
Time within 5°C of Actual Peak Temperature (tP)
10–30 seconds
20–40 seconds
Ramp-Down Rate
6°C/second Max
Time 25°C to Peak Temperature
6 minutes Max
8 minutes Max
Figure 2. Recommended Soldering Profile


Similar Part No. - ADXL203CE1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL203CE AD-ADXL203CE Datasheet
618Kb / 16P
   Precision 1.7g, -1.7g, 5g, -5g, 18g, -18g Single-/ Dual-Axis iMEMS Accelerometer
REV. D
ADXL203CE-REEL AD-ADXL203CE-REEL Datasheet
618Kb / 16P
   Precision 1.7g, -1.7g, 5g, -5g, 18g, -18g Single-/ Dual-Axis iMEMS Accelerometer
REV. D
More results

Similar Description - ADXL203CE1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD22293Z AD-AD22293Z Datasheet
618Kb / 16P
   Precision 짹1.7 g, 짹5 g, 짹18 g Single-/ Dual-Axis iMEMS짰 Accelerometer
REV. D
ADIS16003 AD-ADIS16003 Datasheet
285Kb / 16P
   Dual-Axis 짹1.7 g Accelerometer with SPI Interface
REV. 0
logo
MEMSIC Semiconductor (T...
MXR7999V MEMSIC-MXR7999V Datasheet
95Kb / 6P
   Low Cost 짹1.7 g Dual-Axis Accelerometer with Ratiometric Outputs
Rev.A
logo
Analog Devices
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
logo
MEMSIC Semiconductor (T...
MXD2020G MEMSIC-MXD2020G Datasheet
172Kb / 7P
   Improved, Ultra Low Noise 짹1.7 g Dual Axis Accelerometer with Digital Outputs
Rev.G
logo
List of Unclassifed Man...
MXA2500G ETC1-MXA2500G Datasheet
335Kb / 8P
   Improved, Ultra Low Noise 짹1.7 g Dual Axis Accelerometer with Absolute Outputs
MXD2020G ETC1-MXD2020G Datasheet
144Kb / 7P
   Improved, Ultra Low Noise 짹1.7 g Dual Axis Accelerometer with Digital Outputs
logo
Analog Devices
ADXL212 AD-ADXL212 Datasheet
262Kb / 12P
   Precision 짹2 g Dual Axis, PWM Output Accelerometer
REV. 0
ADXL206 AD-ADXL206 Datasheet
427Kb / 12P
   Precision, 짹5 g, Dual-Axis, High Temperature iMEMS Accelerometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com