Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4114 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AK4114
Description  HIGH FEATURE 192KHZ 24BIT DIGITAL AUDIO INTERFACE TRANSCEIVER
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4114 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AK4114 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4114 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4114 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4114 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4114 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4114 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4114 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4114 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4114 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
ASAHI KASEI
[AK4114]
MS0098-E-04
2004/03
- 5 -
PIN/FUNCTION (Continued)
No.
Pin Name
I/O
Function
31
PDN
I
Power-Down Mode Pin
When “L”, the AK4114 is powered-down and reset.
CM0
I
Master Clock Operation Mode 0 Pin in Parallel Mode
CDTO
O
Control Data Output Pin in Serial Mode, IIC= “L”.
32
CAD1
I
Chip Address 1 Pin in Serial Mode, IIC= “H”.
CM1
I
Master Clock Operation Mode 1 Pin in Parallel Mode
CDTI
I
Control Data Input Pin in Serial Mode, IIC= “L”.
33
SDA
I/O
Control Data Pin in Serial Mode, IIC= “H”.
OCKS1
I
Output Clock Select 1 Pin in Parallel Mode
CCLK
I
Control Data Clock Pin in Serial Mode, IIC= “L”
34
SCL
I
Control Data Clock Pin in Serial Mode, IIC= “H”
OCKS0
I
Output Clock Select 0 Pin in Parallel Mode
CSN
I
Chip Select Pin in Serial Mode, IIC=”L”.
35
CAD0
I
Chip Address 0 Pin in Serial Mode, IIC= “H”.
36
INT0
O
Interrupt 0 Pin
37
INT1
O
Interrupt 1 Pin
38
AVDD
I
Analog Power Supply Pin, 3.3V
39
R
-
External Resistor Pin
18k
Ω +/-1% resistor should be connected to AVSS externally.
40
VCOM
-
Common Voltage Output Pin
0.47µF capacitor should be connected to AVSS externally.
41
AVSS
I
Analog Ground Pin
42
RX0
I
Receiver Channel 0 Pin (Internal biased pin)
This channel is default in serial mode.
43
NC(AVSS)
I
No Connect
No internal bonding. This pin should be connected to AVSS.
44
RX1
I
Receiver Channel 1 Pin (Internal biased pin)
45
TEST1
I
TEST 1 pin.
This pin should be connected to AVSS.
46
RX2
I
Receiver Channel 2 Pin (Internal biased pin)
47
NC(AVSS)
I
No Connect
No internal bonding. This pin should be connected to AVSS.
48
RX3
I
Receiver Channel 3 Pin (Internal biased pin)
Note 1. All input pins except internal biased pins should not be left floating.


Similar Part No. - AK4114

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4110 AKM-AK4110 Datasheet
304Kb / 31P
   High Feature 96kHz 24bit DIR
logo
ACCUTEK MICROCIRCUIT CO...
AK411024D ACCUTEK-AK411024D Datasheet
113Kb / 2P
   262,144 X 8 Bit MOS Dynamic Random Access Memory
AK411024D ACCUTEK-AK411024D Datasheet
89Kb / 2P
   16,384 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK411024D ACCUTEK-AK411024D Datasheet
82Kb / 2P
   32,768 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK411024D ACCUTEK-AK411024D Datasheet
89Kb / 2P
   32,768 x 32 Bit CMOS / BiCMOS Static Random Access Memory
More results

Similar Description - AK4114

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4115 AKM-AK4115 Datasheet
596Kb / 64P
   High Feature 192kHz 24bit Digital Audio Interface Transceiver
AK4118A AKM-AK4118A Datasheet
690Kb / 56P
   High Feature 192kHz 24bit Digital Audio I/F Transceiver
logo
List of Unclassifed Man...
PS9702B ETC-PS9702B Datasheet
505Kb / 41P
   6Ch, 24bit, 192kHz Digital Audio Processor for Full Digital Amplifier
logo
Texas Instruments
PCM9211 TI1-PCM9211_16 Datasheet
1Mb / 125P
[Old version datasheet]   Digital Audio Interface Transceiver
logo
Sanyo Semicon Device
LC89057W-VF4A-E SANYO-LC89057W-VF4A-E Datasheet
334Kb / 59P
   Digital Audio Interface Transceiver
logo
ON Semiconductor
LC89057W-VF4A-E ONSEMI-LC89057W-VF4A-E Datasheet
318Kb / 59P
   Digital Audio Interface Transceiver
May, 2013
logo
Wolfson Microelectronic...
WM8802 WOLFSON-WM8802 Datasheet
516Kb / 65P
   Digital Audio Interface Transceiver
logo
Texas Instruments
PCM1794 TI-PCM1794 Datasheet
241Kb / 27P
[Old version datasheet]   24BIT 192KHZ SAMPLING , ADVANCED SEGMENT, AUDIO STEREO DIGITAL TO ANALOG CONVERTER
DSD1796 TI-DSD1796 Datasheet
460Kb / 53P
[Old version datasheet]   24BIT 192KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
logo
Asahi Kasei Microsystem...
AK5385A AKM-AK5385A Datasheet
175Kb / 24P
   24BIT 192KHZ ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com