Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8391AN Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8391AN
Description  SNI Serial Network Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8391AN Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DP8391AN Datasheet HTML 3Page - National Semiconductor (TI) DP8391AN Datasheet HTML 4Page - National Semiconductor (TI) DP8391AN Datasheet HTML 5Page - National Semiconductor (TI) DP8391AN Datasheet HTML 6Page - National Semiconductor (TI) DP8391AN Datasheet HTML 7Page - National Semiconductor (TI) DP8391AN Datasheet HTML 8Page - National Semiconductor (TI) DP8391AN Datasheet HTML 9Page - National Semiconductor (TI) DP8391AN Datasheet HTML 10Page - National Semiconductor (TI) DP8391AN Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
80 Switching Characteristics
VCC e 5V g5% TA e 0 Cto70 C for DIP and 0 Cto55 C for PCC (Note 2) (Continued)
Symbol
Parameter
Figure
Min
Typ
Max
Units
TRANSMIT SPECIFICATION
(Continued)
tTOd
Transmit Output Delay from Transmit Clock Rising Edge
4
12
50
ns
tTOr
Transmit Output Rise Time (20% to 80%)
12
7
ns
tTOf
Transmit Output Fall Time (80% to 20%)
12
7
ns
tTOj
Transmit Output Jitter
12
g
025
ns
tTOh
Transmit Output High Before Idle in Half Step Mode
5
12
200
ns
tTOi
Transmit Output Idle Time in Half Step Mode
5
12
800
ns
RECEIVE SPECIFICATION
tRCd
Receive Clock Duty Cycle at 50% (10 MHz)
12
40
50
60
%
tRCr
Receive Clock Rise Time (20% to 80%)
12
8
ns
tRCf
Receive Clock Fall Time (80% to 20%)
12
8
ns
tRDr
Receive Data Rise Time (20% to 80%)
12
8
ns
tRDf
Receive Data Fall Time (80% to 20%)
12
8
ns
tRDs
Receive Data Stable from Receive Clock Rising Edge
7
12
g
40
ns
tCSon
Carrier Sense Turn On Delay
7
12
50
ns
tCSoff
Carrier Sense Turn Off Delay
8 912
160
ns
tDAT
Decoder Acquisition Time
7
06
180
m
s
tDrej
Differential Inputs Rejection Pulse Width (Squelch)
7
5
30
ns
tRd
Receive Throughput Delay
8
12
150
ns
COLLISION SPECIFICATION
tCOLon
Collision Turn On Delay
10
12
50
ns
tCOLoff
Collision Turn Off Delay
10
12
350
ns
LOOPBACK SPECIFICATION
tLBs
Loopback Setup Time
11
20
ns
tLBh
Loopback Hold Time
11
0
ns
Note 2
All typicals are given for VCC e 5V and TA e 25 C
90 Timing and Load Diagrams
TLF9357 – 6
FIGURE 4 Transmit Timing - Start of Transmission
7


Similar Part No. - DP8391AN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8391 NSC-DP8391 Datasheet
175Kb / 10P
   Serial Network Interface
DP83910A NSC-DP83910A Datasheet
221Kb / 12P
   CMOS SNI Serial Network Interface
logo
Texas Instruments
DP83910A TI1-DP83910A Datasheet
265Kb / 14P
[Old version datasheet]   DP83910A CMOS SNI Serial Network Interface
logo
National Semiconductor ...
DP83910AN NSC-DP83910AN Datasheet
221Kb / 12P
   CMOS SNI Serial Network Interface
logo
Texas Instruments
DP83910AN TI1-DP83910AN Datasheet
265Kb / 14P
[Old version datasheet]   DP83910A CMOS SNI Serial Network Interface
More results

Similar Description - DP8391AN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83910A NSC-DP83910A Datasheet
221Kb / 12P
   CMOS SNI Serial Network Interface
logo
Texas Instruments
DP83910A TI1-DP83910A_11 Datasheet
265Kb / 14P
[Old version datasheet]   DP83910A CMOS SNI Serial Network Interface
logo
National Semiconductor ...
DP8391 NSC-DP8391 Datasheet
175Kb / 10P
   Serial Network Interface
DP83901A NSC-DP83901A Datasheet
705Kb / 62P
   Serial Network Interface Controller
logo
Exar Corporation
XRT4500 EXAR-XRT4500 Datasheet
1Mb / 99P
   MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
logo
EnOcean GmbH.
U70-PL-20 ENOCEAN-U70-PL-20 Datasheet
464Kb / 2P
   Network Interface
DS-20001 rev 09/22
logo
National Semiconductor ...
DP83902A NSC-DP83902A Datasheet
851Kb / 70P
   ST-NICTM Serial Network Interface Controller for Twisted Pair
logo
Bourns Electronic Solut...
7090 BOURNS-7090 Datasheet
460Kb / 2P
   Network Interface Device
7091 BOURNS-7091 Datasheet
393Kb / 2P
   Network Interface Device
7004 BOURNS-7004 Datasheet
487Kb / 2P
   Network Interface Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com