Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM1301CRWZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADUM1301CRWZ
Description  Triple-Channel Digital Isolators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1301CRWZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADUM1301CRWZ Datasheet HTML 5Page - Analog Devices ADUM1301CRWZ Datasheet HTML 6Page - Analog Devices ADUM1301CRWZ Datasheet HTML 7Page - Analog Devices ADUM1301CRWZ Datasheet HTML 8Page - Analog Devices ADUM1301CRWZ Datasheet HTML 9Page - Analog Devices ADUM1301CRWZ Datasheet HTML 10Page - Analog Devices ADUM1301CRWZ Datasheet HTML 11Page - Analog Devices ADUM1301CRWZ Datasheet HTML 12Page - Analog Devices ADUM1301CRWZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADuM1300/ADuM1301
Rev. C | Page 9 of 20
Parameter
Symbol
Min
Typ
Max Unit
Test Conditions
For All Models
Output Disable Propagation Delay
(High/Low-to-High Impedance)
tPHZ, tPLH
6
8
ns
CL = 15 pF, CMOS signal levels
Output Enable Propagation Delay
(High Impedance to High/Low)
tPZH, tPZL
6
8
ns
CL = 15 pF, CMOS signal levels
Output Rise/Fall Time (10% to 90%)
tR/tf
CL = 15 pF, CMOS signal levels
5 V/3 V Operation
3.0
ns
3 V/5 V Operation
2.5
ns
Common-Mode Transient Immunity at
Logic High Output8
|CMH|
25
35
kV/µs
VIx = VDD1/VDD2, VCM = 1000 V,
transient magnitude = 800 V
Common-Mode Transient Immunity at
Logic Low Output8
|CML|
25
35
kV/µs
VIx = 0 V, VCM = 1000 V,
transient magnitude = 800 V
Refresh Rate
fr
5 V/3 V Operation
1.2
Mbps
3 V/5 V Operation
1.1
Mbps
Input Dynamic Supply Current, per Channel9
IDDI (D)
5 V/3 V Operation
0.19
mA/Mbps
3 V/5 V Operation
0.10
mA/Mbps
Output Dynamic Supply Current, per Channel9
IDDI (D)
5 V/3 V Operation
0.03
mA/Mbps
3 V/5 V Operation
0.05
mA/Mbps
1 All voltages are relative to their respective ground.
2 Supply current values for all three channels are combined when running at identical data rates. Output supply current values are specified with no output load present. The
supply current associated with an individual channel operating at a given data rate may be calculated as described in the Power Consumption section on Page 17. See Figure 6
through Figure 8 for information on per-channel supply current as a function of data rate for unloaded and loaded conditions. See Figure 9 through Figure 12 for total IDD1 and IDD2
supply currents as a function of data rate for ADuM1300/ADuM1301 channel configurations.
3 The minimum pulse width is the shortest pulse width at which the specified pulse-width distortion is guaranteed.
4 The maximum data rate is the fastest data rate at which the specified pulse-width distortion is guaranteed.
5 tPHL propagation delay is measured from the 50% level of the falling edge of the VIx signal to the 50% level of the falling edge of the VOx signal. tPLH propagation delay is measured
from the 50% level of the rising edge of the VIx signal to the 50% level of the rising edge of the VOx signal.
6 tPSK is the magnitude of the worst-case difference in tPHL or tPLH that is measured between units at the same operating temperature, supply voltages, and output load within the
recommended operating conditions.
7 Co-directional channel-to-channel matching is the absolute value of the difference in propagation delays between any two channels with inputs on the same side of the isolation
barrier. Opposing-directional channel-to-channel matching is the absolute value of the difference in propagation delays between any two channels with inputs on opposing
sides of the isolation barrier.
8 CMH is the maximum common-mode voltage slew rate that can be sustained while maintaining VO > 0.8 VDD2. CML is the maximum common-mode voltage slew rate that can be
sustained while maintaining VO < 0.8 V. The common-mode voltage slew rates apply to both rising and falling common-mode voltage edges. The transient magnitude is the
range over which the common mode is slewed.
9 Dynamic supply current is the incremental amount of supply current required for a 1 Mbps increase in signal data rate. See Figure 6 through
for information on per-
channel supply current for unloaded and loaded conditions. See the Power Consumption section on Page 17 for guidance on calculating the per-channel supply current for a
given data rate.
Figure 8


Similar Part No. - ADUM1301CRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADuM1301CRWZ AD-ADuM1301CRWZ Datasheet
453Kb / 32P
   Triple-Channel Digital Isolators
Rev. I
ADuM1301CRWZ AD-ADuM1301CRWZ Datasheet
453Kb / 32P
   Triple-Channel Digital Isolators
Rev. I
ADUM1301CRWZ AD-ADUM1301CRWZ Datasheet
580Kb / 32P
   Triple-Channel Digital Isolators
Rev. K
ADUM1301CRWZ-RL AD-ADUM1301CRWZ-RL Datasheet
580Kb / 32P
   Triple-Channel Digital Isolators
Rev. K
More results

Similar Description - ADUM1301CRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1310 AD-ADUM1310_07 Datasheet
546Kb / 20P
   Triple-Channel Digital Isolators
Rev. F
ADUM1300 AD-ADUM1300_15 Datasheet
545Kb / 32P
   Triple-Channel Digital Isolators
Rev. J
ADUM1301ARWZ-RL AD-ADUM1301ARWZ-RL Datasheet
453Kb / 32P
   Triple-Channel Digital Isolators
Rev. I
ADUM1301 AD-ADUM1301_15 Datasheet
545Kb / 32P
   Triple-Channel Digital Isolators
Rev. J
ADUM1310 AD-ADUM1310_15 Datasheet
410Kb / 24P
   Triple-Channel Digital Isolators
Rev. J
ADUM1310 AD-ADUM1310_08 Datasheet
590Kb / 24P
   Triple-Channel Digital Isolators
Rev. G
ADUM1311 AD-ADUM1311_15 Datasheet
410Kb / 24P
   Triple-Channel Digital Isolators
Rev. J
ADUM1301ARWZ-RL AD-ADUM1301ARWZ-RL Datasheet
453Kb / 32P
   Triple-Channel Digital Isolators
Rev. I
ADUM1300 AD-ADUM1300_V01 Datasheet
580Kb / 32P
   Triple-Channel Digital Isolators
Rev. K
logo
Silicon Laboratories
SI8630 SILABS-SI8630 Datasheet
750Kb / 36P
   Low-Power Triple-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com