Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4525 Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part # AK4525
Description  20BIT STEREO ADC & DAC WITH X TAL OSC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4525 Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Back Button AK4525 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4525 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4525 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4525 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4525 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4525 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4525 Datasheet HTML 12Page - Asahi Kasei Microsystems AK4525 Datasheet HTML 13Page - Asahi Kasei Microsystems AK4525 Datasheet HTML 14Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ASAHI KASEI
[AK4525]
MS0053-E-00
2000/9
- 10 -
n Audio Serial Interface Format
Data is shifted in/out the SDTI/SDTO pins using SCLK and LRCK inputs. The AK4525 supports the master mode. In
this case, SCLK and LRCK are outputs and the frequency of SCLK is fixed to 64fs. Four serial data modes selected by the
DIF0 and DIF1 pins are supported as shown in Table 3. In all modes the serial data has MSB first, 2’s compliment format.
The data is clocked out on the falling edge of SCLK and latched on the rising edge. For mode 3, if SCLK is 32fs, then the
least significant bits will be truncated.
Mode
DIF1
DIF0
SDTO (ADC)
SDTI (DAC)
L/R
SCLK (Slave)
0
0
0
20bit, MSB justified
16bit, LSB justified
H/L
≥ 32fs
1
0
1
20bit, MSB justified
20bit, LSB justified
H/L
≥ 40fs
2
1
0
20bit, MSB justified
20bit, MSB justified
H/L
≥ 40fs
3
1
1
IIS (I2S)
IIS (I2S)
L/H
32fs or
≥ 40fs
Table 2. Serial Data Modes
Note: In master mode, SCLK frequency is fixed to 64fs.
LRCK(i)
SCLK(i:64fs)
SDTO(o)
01
2
19
17
18
20
31
0
1
2
19
17
18
20
31
0
19
1
18
0
19
18
3
2
0
19
SDTI(i)
1
14
0
12
11
1
14
0
12
11
SDTO-19:MSB, 0:LSB; SDTI-15:MSB, 0:LSB
Lch Data
Rch Data
Don’t Care
Don’t Care
32
SCLK(i:32fs)
SDTO(o)
0
1
2
9
10
12
13
15
0
1
2
9
10
12
13
15
0
19
1
18
8
19
18
8
11 10
19
SDTI(i)
1
60
43
1
15
0
54
11
10
2
54
76
17
15
14 13
311
14
9
5
7
17
1
13
15
30
17
33
17
14
13
76
3
2
15
14
11
4
5
6
7
9
1
15
13
2
2
Figure 2. Mode 0 Timing
LRCK(i)
SCLK(i:64fs)
SDTO(o)
0
1
2
12
13
14
20
21
31
0
1
2
12
13
14
20
21
31
0
19
1
18
0
19 18
8
7
6
0
19
SDTI(i)
1
18
0
19
12
11
1
18
0
19
12
11
19:MSB, 0:LSB
Lch Data
Rch Data
Don’t Care
Don’t Care
876
Figure 3. Mode 1 Timing


Similar Part No. - AK4525

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4520 AKM-AK4520 Datasheet
198Kb / 19P
   100dB 20Bit Stereo ADC & DAC
AK4520A AKM-AK4520A Datasheet
198Kb / 19P
   100dB 20Bit Stereo ADC & DAC
AK4520A AKM-AK4520A Datasheet
2Mb / 36P
   EVALUATION BOARD REV.B FOR AK4520A
AK4520A-VF AKM-AK4520A-VF Datasheet
198Kb / 19P
   100dB 20Bit Stereo ADC & DAC
AK4522 AKM-AK4522 Datasheet
134Kb / 18P
   20BIT STEREO ADC & DAC
More results

Similar Description - AK4525

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4522 AKM-AK4522 Datasheet
134Kb / 18P
   20BIT STEREO ADC & DAC
AK4523 AKM-AK4523 Datasheet
161Kb / 20P
   20BIT STEREO ADC & DAC
AK4522 AKM-AK4522_12 Datasheet
192Kb / 19P
   20Bit Stereo ?誇 ADC & DAC
AK4520A AKM-AK4520A Datasheet
198Kb / 19P
   100dB 20Bit Stereo ADC & DAC
AD5354 AKM-AD5354 Datasheet
156Kb / 19P
   Low Power 20bit ADC with PGA
AK5352 AKM-AK5352 Datasheet
174Kb / 19P
   96kHz Sampling 20bit ADC
logo
NXP Semiconductors
UDA1309H PHILIPS-UDA1309H Datasheet
150Kb / 24P
   Low-power stereo bitstream ADC/DAC
1998 Jan 06
logo
Nexperia B.V. All right...
74LVC1GX04 NEXPERIA-74LVC1GX04 Datasheet
247Kb / 15P
   X-tal driver
Rev. 5 - 26 January 2022
logo
Asahi Kasei Microsystem...
AK5354 AKM-AK5354_04 Datasheet
155Kb / 19P
   Low Power 20bit ?誇 ADC with PGA
AK5351 AKM-AK5351 Datasheet
174Kb / 19P
   Enhanced Dual bit 20bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com