Electronic Components Datasheet Search |
|
ADR03BR-REEL7 Datasheet(PDF) 5 Page - Analog Devices |
|
ADR03BR-REEL7 Datasheet(HTML) 5 Page - Analog Devices |
5 / 20 page ADR01/ADR02/ADR03/ADR06 Rev. F | Page 5 of 20 ADR03 ELECTRICAL CHARACTERISTICS VIN = 4.5 V to 40 V, TA = 25°C, unless otherwise noted. Table 3. Parameter Symbol Conditions Min Typ Max Unit Output Voltage VO A and C grades 2.495 2.500 2.505 V 5 mV Initial Accuracy VOERR A and C grades 0.2 % Output Voltage VO B grades 2.4975 2.5000 2.5025 V 2.5 mV Initial Accuracy VOERR B grades 0.1 % A grade, SOIC-8, –40°C < TA < +125°C 3 10 ppm/°C A grade, TSOT-5, –40°C < TA < +125°C 25 ppm/°C A grade, SC70-5, –40°C < TA < +125°C A grade, SC70-5, –55°C < TA < +125°C 25 30 ppm/°C ppm/°C B grade, SOIC-8, –40°C < TA < +125°C 1 3 ppm/°C B grade, TSOT-5, –40°C < TA < +125°C 9 ppm/°C Temperature Coefficient TCVO B grade, SC70-5, –40°C < TA < +125°C 9 ppm/°C C grade, SOIC-8, –40°C < TA < +125°C 10 40 ppm/°C Supply Voltage Headroom VIN – VO 2 V Line Regulation ∆VO/∆VIN VIN = 7.5 V to 40 V, –40°C < TA < +125°C VIN = 7.5 V to 40 V, –55°C < TA < +125°C 7 7 30 40 ppm/V ppm/V Load Regulation ∆VO/∆ILOAD ILOAD = 0 mA to 10 mA, –40°C < TA < +125°C, VIN = 7.0 V ILOAD = 0 mA to 10 mA, –55°C < TA < +125°C, VIN = 7.0 V 25 45 70 80 ppm/mA ppm/mA Quiescent Current IIN No load, –40°C < TA < +125°C 0.65 1 mA Voltage Noise eN p-p 0.1 Hz to 10 Hz 6 µV p-p Voltage Noise Density eN 1 kHz 230 nV/√Hz Turn-On Settling Time tR 4 µs Long-Term Stability1 ∆VO 1,000 hours 50 ppm Output Voltage Hysteresis ∆VO_HYS –55°C < TA < +125°C 70 80 ppm ppm Ripple Rejection Ratio RRR fIN = 10 kHz –75 dB Short Circuit to GND ISC 30 mA Voltage Output at TEMP Pin VTEMP 550 mV Temperature Sensitivity TCVTEMP 1.96 mV/°C 1 The long-term stability specification is noncumulative. The drift in subsequent 1,000 hour periods is significantly lower than in the first 1,000 hour period. |
Similar Part No. - ADR03BR-REEL7 |
|
Similar Description - ADR03BR-REEL7 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |