Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM136-2.5-N Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM136-2.5-N
Description  Reference Diode
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM136-2.5-N Datasheet(HTML) 4 Page - Texas Instruments

  LM136-2.5-N Datasheet HTML 1Page - Texas Instruments LM136-2.5-N Datasheet HTML 2Page - Texas Instruments LM136-2.5-N Datasheet HTML 3Page - Texas Instruments LM136-2.5-N Datasheet HTML 4Page - Texas Instruments LM136-2.5-N Datasheet HTML 5Page - Texas Instruments LM136-2.5-N Datasheet HTML 6Page - Texas Instruments LM136-2.5-N Datasheet HTML 7Page - Texas Instruments LM136-2.5-N Datasheet HTML 8Page - Texas Instruments LM136-2.5-N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LM136-2.5-N
SNVS749F – MAY 1998 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics
(1)
Parameter
Conditions
LM136A-2.5-N/
LM336B-2.5-N
Units
LM236A-2.5-N
LM336-2.5-N
LM136-2.5-N/
LM236-2.5-N
Min
Typ
Max
Min
Typ
Max
Reverse
TA=25°C, IR=1 mA
LM136, LM236, LM336
2.440
2.490
2.540
2.390
2.490
2.590
V
Breakdown Voltage
LM136A, LM236A, LM336B
2.465
2.490
2.515
2.440
2.490
2.540
V
Reverse
TA=25°C,
2.6
6
2.6
10
mV
Breakdown
400
μA≤IR≤10 mA
Change With
Current
Reverse Dynamic
TA=25°C, IR=1 mA, f = 100 Hz
0.2
0.6
0.2
1
Ω
Impedance
Temperature
VR Adjusted to 2.490V
0°C
≤TA≤70°C (LM336)
1.8
6
mV
Stability(2)
IR=1 mAFigure 15
−25°C≤TA≤+85°C
3.5
9
mV
(LM236H, LM236Z)
−25°C ≤ TA ≤ +85°C
7.5
18
mV
(LM236M)
−55°C≤TA≤+125°C (LM136)
12
18
mV
Reverse
400
μA≤IR≤10 mA
3
10
3
12
mV
Breakdown
Change With
Current
Reverse Dynamic
IR=1 mA
0.4
1
0.4
1.4
Ω
Impedance
Long Term Stability TA=25°C ±0.1°C, IR=1 mA,
20
20
ppm
t = 1000 hrs
(1)
Unless otherwise specified, the LM136-2.5-N is specified from
−55°C ≤ TA ≤ +125°C, the LM236-2.5-N from −25°C ≤ TA ≤ +85°C and
the LM336-2.5-N from 0°C
≤ TA ≤ +70°C.
(2)
Temperature stability for the LM336 and LM236 family is specified by design. Design limits are ensured (but not 100% production
tested) over the indicated temperature and supply voltage ranges. These limits are not used to calculate outgoing quality levels. Stability
is defined as the maximum change in Vref from 25°C to TA (min) or TA (max).
4
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LM136-2.5-N


Similar Part No. - LM136-2.5-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM136-2.5-N TI1-LM136-2.5-N Datasheet
316Kb / 16P
[Old version datasheet]   LM136-2.5 LM236-2.5 LM336-2.5V Reference Diode
More results

Similar Description - LM136-2.5-N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM113 NSC-LM113 Datasheet
126Kb / 4P
   Reference Diode
LM136A-2.5 NSC-LM136A-2.5 Datasheet
276Kb / 12P
   Reference Diode
LM136-2.5 NSC-LM136-2.5_05 Datasheet
679Kb / 12P
   Reference Diode
logo
Texas Instruments
LM113QML TI1-LM113QML_13 Datasheet
297Kb / 10P
[Old version datasheet]   Reference Diode
logo
National Semiconductor ...
LM336-2.5 NSC-LM336-2.5 Datasheet
223Kb / 12P
   Reference Diode
logo
Texas Instruments
LM113 TI1-LM113_13 Datasheet
293Kb / 10P
[Old version datasheet]   Reference Diode
LM336BMX-2.5 TI1-LM336BMX-2.5 Datasheet
676Kb / 14P
[Old version datasheet]   Reference Diode
logo
National Semiconductor ...
LM136A-2.5 NSC-LM136A-2.5_09 Datasheet
311Kb / 14P
   Reference Diode
logo
Central Semiconductor C...
CMPD200 CENTRAL-CMPD200 Datasheet
59Kb / 2P
   FORWARD REFERENCE DIODE
logo
National Semiconductor ...
LM136 NSC-LM136 Datasheet
108Kb / 8P
   2.5V REFERENCE DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com