Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM346 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM346
Description  Programmable Quad Operational Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM346 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM346 Datasheet HTML 5Page - Texas Instruments LM346 Datasheet HTML 6Page - Texas Instruments LM346 Datasheet HTML 7Page - Texas Instruments LM346 Datasheet HTML 8Page - Texas Instruments LM346 Datasheet HTML 9Page - Texas Instruments LM346 Datasheet HTML 10Page - Texas Instruments LM346 Datasheet HTML 11Page - Texas Instruments LM346 Datasheet HTML 12Page - Texas Instruments LM346 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LM146, LM346
www.ti.com
SNOSBH5B – MAY 2004 – REVISED SEPTEMBER 2004
APPLICATION HINTS
Avoid reversing the power supply polarity; the device will fail.
COMMON-MODE INPUT VOLTAGE
The negative common-mode voltage limit is one diode drop above the negative supply voltage. Exceeding this
limit on either input will result in an output phase reversal. The positive common-mode limit is typically 1V below
the positive supply voltage. No output phase reversal will occur if this limit is exceeded by either input.
OUTPUT VOLTAGE SWING VS ISET
For a desired output voltage swing the value of the minimum load depends on the positive and negative output
current capability of the op amp. The maximum available positive output current, (ICL+), of the device increases
with ISET whereas the negative output current (ICL−) is independent of ISET. Figure 26 illustrates the above.
Figure 26. Output Current Limit vs ISET
INPUT CAPACITANCE
The input capacitance, CIN, of the LM146 is approximately 2 pF; any stray capacitance, CS, (due to external
circuit circuit layout) will add to CIN. When resistive or active feedback is applied, an additional pole is added to
the open loop frequency response of the device. For instance with resistive feedback (Figure 27), this pole
occurs at ½
π (R1||R2) (CIN + CS). Make sure that this pole occurs at least 2 octaves beyond the expected −3 dB
frequency corner of the closed loop gain of the amplifier; if not, place a lead capacitor in the feedback such that
the time constant of this capacitor and the resistance it parallels is equal to the RI(CS + CIN), where RI is the input
resistance of the circuit.
Figure 27. Resistive Feedback Circuit Example
TEMPERATURE EFFECT ON THE GBW
The GBW (gain bandwidth product), of the LM146 is directly proportional to ISET and inversely proportional to the
absolute temperature. When using resistors to set the bias current, ISET, of the device, the GBW product will
decrease with increasing temperature. Compensation can be provided by creating an ISET current directly
proportional to temperature (see Typical Applications).
ISOLATION BETWEEN AMPLIFIERS
The LM146 die is isothermally layed out such that crosstalk between all 4 amplifiers is in excess of
−105 dB
(DC). Optimum isolation (better than
−110 dB) occurs between amplifiers A and D, B and C; that is, if amplifier A
dissipates power on its output stage, amplifier D is the one which will be affected the least, and vice versa. Same
argument holds for amplifiers B and C.
Copyright © 2004, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM146 LM346


Similar Part No. - LM346

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM346 STMICROELECTRONICS-LM346 Datasheet
143Kb / 9P
   PROGRAMMABLE QUAD BIPOLAR OPERATIONAL AMPLIFIERS
November 1997
LM346 STMICROELECTRONICS-LM346 Datasheet
149Kb / 4P
   PROGRAMMABLE QUAD BIPOLAR OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM346 NSC-LM346 Datasheet
1Mb / 24P
   LM146/LM346 Programmable Quad Operational Amplifiers
LM3460 NSC-LM3460 Datasheet
172Kb / 8P
   Precision Controller for GTLp and GTL Bus Termination
LM3460-12 NSC-LM3460-12 Datasheet
172Kb / 8P
   Precision Controller for GTLp and GTL Bus Termination
More results

Similar Description - LM346

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM146 NSC-LM146 Datasheet
727Kb / 17P
   Programmable Quad Operational Amplifiers
logo
STMicroelectronics
LM146 STMICROELECTRONICS-LM146_03 Datasheet
149Kb / 4P
   PROGRAMMABLE QUAD BIPOLAR OPERATIONAL AMPLIFIERS
LM146 STMICROELECTRONICS-LM146 Datasheet
143Kb / 9P
   PROGRAMMABLE QUAD BIPOLAR OPERATIONAL AMPLIFIERS
November 1997
logo
National Semiconductor ...
LM346 NSC-LM346 Datasheet
1Mb / 24P
   LM146/LM346 Programmable Quad Operational Amplifiers
logo
HTC Korea TAEJIN Techno...
LM324 HTC-LM324 Datasheet
104Kb / 4P
   QUAD OPERATIONAL AMPLIFIERS
logo
Estek Electronics Co. L...
ET-LM324 ESTEK-ET-LM324 Datasheet
287Kb / 6P
   Quad Operational Amplifiers
Version 0.2 27 July 2011
logo
National Semiconductor ...
LM3303 NSC-LM3303 Datasheet
200Kb / 10P
   Quad Operational Amplifiers
logo
HTC Korea TAEJIN Techno...
LM324 HTC-LM324_08 Datasheet
114Kb / 4P
   QUAD OPERATIONAL AMPLIFIERS
2008 - Ver. 1.0
logo
Siemens Semiconductor G...
TAA4765 SIEMENS-TAA4765 Datasheet
155Kb / 4P
   QUAD OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LM324 UTC-LM324_11 Datasheet
210Kb / 6P
   QUAD OPERATIONAL AMPLIFIERS
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com