Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1972 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM1972
Description  2-Channel 78dB Audio Attenuator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM1972 Datasheet(HTML) 2 Page - Texas Instruments

  LM1972_16 Datasheet HTML 1Page - Texas Instruments LM1972_16 Datasheet HTML 2Page - Texas Instruments LM1972_16 Datasheet HTML 3Page - Texas Instruments LM1972_16 Datasheet HTML 4Page - Texas Instruments LM1972_16 Datasheet HTML 5Page - Texas Instruments LM1972_16 Datasheet HTML 6Page - Texas Instruments LM1972_16 Datasheet HTML 7Page - Texas Instruments LM1972_16 Datasheet HTML 8Page - Texas Instruments LM1972_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LM1972
SNAS094D – APRIL 1995 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
Supply Voltage (VDD–VSS)
15V
Voltage at Any Pin
VSS − 0.2V to VDD + 0.2V
Power Dissipation (4)
150 mW
ESD SusceptabiIity (5)
2000V
Junction Temperature
150°C
Soldering Information
DW Package (10 sec.)
+260°C
Storage Temperature
−65°C to +150°C
(1)
All voltages are measured with respect to GND pins (1, 3, 5, 6, 14, 16, 19), unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional. Electrical Characteristics state DC and AC electrical specifications under particular test conditions. This
assumes that the device is within the Operating Ratings. The typical value is a good indication of device performance.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature
TA. The maximum allowable power dissipation is PD = (TJMAX − TA)/θJA or the number given in the Absolute Maximum Ratings,
whichever is lower. For the LM1972, TJMAX = +150°C, and the typical junction-to-ambient thermal resistance, when board mounted, is
65°C/W.
(5)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
Operating Ratings
(1) (2)
TMIN
TA
TMAX
Temperature Range
TMIN ≤TA ≤TMAX
0°C
≤TA
≤ +70°C
Supply Voltage (VDD − VSS)
4.5V to 12V
(1)
All voltages are measured with respect to GND pins (1, 3, 5, 6, 14, 16, 19), unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional. Electrical Characteristics state DC and AC electrical specifications under particular test conditions. This
assumes that the device is within the Operating Ratings. The typical value is a good indication of device performance.
2
Submit Documentation Feedback
Copyright © 1995–2013, Texas Instruments Incorporated
Product Folder Links: LM1972


Similar Part No. - LM1972_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1972 TI1-LM1972_14 Datasheet
1,016Kb / 21P
[Old version datasheet]   LM1972 關Pot 2-Channel 78dB Audio Attenuator with Mute
More results

Similar Description - LM1972_16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1972 NSC-LM1972 Datasheet
301Kb / 11P
   Pot 2-Channel 78dB Audio Attenuator with Mute
logo
Texas Instruments
LM1972 TI1-LM1972_14 Datasheet
1,016Kb / 21P
[Old version datasheet]   LM1972 關Pot 2-Channel 78dB Audio Attenuator with Mute
LM1973 TI1-LM1973_16 Datasheet
1Mb / 21P
[Old version datasheet]   3-Channel 76dB Audio Attenuator
logo
List of Unclassifed Man...
CS8563S ETC2-CS8563S Datasheet
1Mb / 12P
   2-Channel Audio Amplifier
logo
Texas Instruments
LM1971 TI1-LM1971_14 Datasheet
965Kb / 20P
[Old version datasheet]   Overture Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator
logo
National Semiconductor ...
LM1973 NSC-LM1973 Datasheet
305Kb / 11P
   關Pot??-Channel 76dB Audio Attenuator with Mute
logo
Princeton Technology Co...
PT2315 PTC-PT2315 Datasheet
242Kb / 3P
   2-Channel Audio Processor IC?
logo
Pan Jit International I...
PT2315A PANJIT-PT2315A Datasheet
396Kb / 22P
   2-Channel Audio Processor IC
logo
Realtek Semiconductor C...
ALC268-GR REALTEK-ALC268-GR Datasheet
1Mb / 85P
   22 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC268 REALTEK-ALC268 Datasheet
1Mb / 80P
   22 CHANNEL HIGH DEFINITION AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com