Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM185WG-1.2RLQV Datasheet(PDF) 4 Page - Texas Instruments

Part # LM185WG-1.2RLQV
Description  Micropower Voltage Reference Diode
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM185WG-1.2RLQV Datasheet(HTML) 4 Page - Texas Instruments

  LM185WG-1.2RLQV Datasheet HTML 1Page - Texas Instruments LM185WG-1.2RLQV Datasheet HTML 2Page - Texas Instruments LM185WG-1.2RLQV Datasheet HTML 3Page - Texas Instruments LM185WG-1.2RLQV Datasheet HTML 4Page - Texas Instruments LM185WG-1.2RLQV Datasheet HTML 5Page - Texas Instruments LM185WG-1.2RLQV Datasheet HTML 6Page - Texas Instruments LM185WG-1.2RLQV Datasheet HTML 7Page - Texas Instruments LM185WG-1.2RLQV Datasheet HTML 8Page - Texas Instruments LM185WG-1.2RLQV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LM185-1.2QML
SNVS384B – OCTOBER 2005 – REVISED JANUARY 2014
www.ti.com
LM185–1.2 Electrical Characteristics DC Parameters
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Units
groups
VRef
Reverse Breakdown Voltage
IR = 10µA
1.223
1.247
V
1
IR = 20µA
1.205
1.26
V
2, 3
IR = 1mA
1.223
1.247
V
1
1.205
1.26
V
2, 3
IR = 20mA
1.223
1.247
V
1
1.205
1.26
V
2, 3
ΔVRef / ΔIR Reverse Breakdown Voltage
10µA
≤ IR ≤ 1mA
-1.0
1.0
mV
1
Change with Current
20µA
≤ IR ≤ 1mA
-1.5
1.5
mV
2, 3
1mA
≤ IR ≤ 20mA
-10.0
10.0
mV
1
-20.0
20.0
mV
2, 3
VF
Forward Bias Voltage
IF = 2mA
-1.0
-0.4
V
1
LM185–1.2 Electrical Characteristics DC Drift Parameters
Delta calculations performed on QMLV devices at group B, subgroup 5, unless otherwise specified on the IPI.
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Units
groups
VR
Reverse Breakdown Voltage
IR = 10µA
-0.01
0.01
V
1
IR = 20mA
-0.01
0.01
V
1
LM185BY–1.2 Electrical Characteristics DC Parameters
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Units
groups
VRef
Reverse Breakdown Voltage
IR = 10µA
1.223
1.247
V
1
IR = 20µA
1.205
1.26
V
2, 3
IR = 1mA
1.223
1.247
V
1
1.205
1.26
V
2, 3
IR = 20mA
1.223
1.247
V
1
1.205
1.26
V
2, 3
ΔVRef / ΔIR
Reverse Breakdown Voltage
10µA
≤ IR ≤ 1mA
-1.0
1.0
mV
1
Change with Current
20µA
≤ IR ≤ 1mA
-1.5
1.5
mV
2, 3
1mA
≤ IR ≤ 20mA
-10.0
10.0
mV
1
-20.0
20.0
mV
2, 3
VF
Forward Bias Voltage
IF = 2mA
-1.0
-0.4
V
1
TC
Temperature Coefficient
(1)
50
PPM/°C
2, 3
(1)
The average temperature coefficient is defined as the maximum deviation of reference voltage, at all measured temperatures between
the operating TMin & TMax, divided by (TMax − TMin). The measured temperatures (TMeasured) are −55°C, 25°C, & 125°C or ΔVRef / (TMax
TMin)
4
Submit Documentation Feedback
Copyright © 2005–2014, Texas Instruments Incorporated
Product Folder Links: LM185-1.2QML


Similar Part No. - LM185WG-1.2RLQV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM185WG-1.2RLQV TI1-LM185WG-1.2RLQV Datasheet
541Kb / 18P
[Old version datasheet]   Micropower Voltage Reference Diode
More results

Similar Description - LM185WG-1.2RLQV

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME41-4096 AME-AME41-4096 Datasheet
63Kb / 8P
   Micropower Voltage Reference Diode
logo
Calogic, LLC
CLM285-25 CALOGIC-CLM285-25 Datasheet
30Kb / 3P
   Micropower Voltage Reference Diode
logo
Texas Instruments
LM185-1.2QML TI1-LM185-1.2QML_14 Datasheet
541Kb / 18P
[Old version datasheet]   Micropower Voltage Reference Diode
logo
Advanced Monolithic Sys...
AMS285-2.5 AMS-AMS285-2.5 Datasheet
172Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Advanced Monolithic Sys...
AMS285-1.2 ADMOS-AMS285-1.2 Datasheet
96Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Wing Shing Computer Com...
LM385-2.5 WINGS-LM385-2.5 Datasheet
147Kb / 3P
   Micropower Voltage Reference Diode
logo
Analog Microelectronics
AME385-2.5 AME-AME385-2.5 Datasheet
105Kb / 12P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Advanced Monolithic Sys...
AMS285-12 ADMOS-AMS285-12 Datasheet
88Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Analog Microelectronics
AME385-12 AME-AME385-12 Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
AME385-25 AME-AME385-25 Datasheet
52Kb / 8P
   Micropower Voltage Reference Diode
AME41-12 AME-AME41-12 Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com