Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM139AW-QMLV Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM139AW-QMLV
Description  LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM139AW-QMLV Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM139AW-QMLV Datasheet HTML 2Page - Texas Instruments LM139AW-QMLV Datasheet HTML 3Page - Texas Instruments LM139AW-QMLV Datasheet HTML 4Page - Texas Instruments LM139AW-QMLV Datasheet HTML 5Page - Texas Instruments LM139AW-QMLV Datasheet HTML 6Page - Texas Instruments LM139AW-QMLV Datasheet HTML 7Page - Texas Instruments LM139AW-QMLV Datasheet HTML 8Page - Texas Instruments LM139AW-QMLV Datasheet HTML 9Page - Texas Instruments LM139AW-QMLV Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
LM139AQML, LM139QML
SNOSAH8G – FEBRUARY 2005 – REVISED MARCH 2013
www.ti.com
LM139A
SMD 5962–8773901 Electrical Characteristics DC Parameters (continued)
The following conditions apply, unless otherwise specified. +V = 5V, VCM = 0V
Symbol
Parameter
Conditions
Sub-
Notes
Min
Max
Unit
groups
VCM
Common Mode Voltage Range
+V = 30V
V+ -
See(2)
0
V
1, 2, 3
(2.0)
+V = 5V
V+ -
See(2)
0
V
1, 2, 3
(2.0)
(2)
Parameter ensured by VIO tests
LM139A
SMD 5962–8773901 Electrical Characteristics AC Parameters
The following conditions apply, unless otherwise specified. +V = 5V
Symbol
Parameters
Conditions
Sub-
Notes
Min
Max
Unit
groups
tRLH
Response Time
VOD = 5mV, RL = 5.1KΩ
5.0
µS
9
tRHL
Response Time
VOD = 5mV, RL = 5.1KΩ
2.5
µS
9
LM139A
883, QMLV & RH, SMD 5962–9673801 Electrical Characteristics DC Parameters
(1) (2)
The following conditions apply, unless otherwise specified. +V = 5V, VCM = 0V
Symbol
Parameters
Conditions
Sub-
Notes
Min
Max
Unit
groups
ICC
Supply Current
RL = Infinity
2.0
mA
1, 2, 3
+V = 30V, RL = Infinity
2.0
mA
1, 2, 3
ICEX
Output Leakage Current
+V = 30V, VO = 30V
1.0
µA
1, 2, 3
VSat
Saturation Voltage
ISink = 4mA
400
mV
1
700
mV
2, 3
ISink
Output Sink Current
VO = 1.5V
6.0
mA
1
VIO
Input Offset Voltage
-2.0
2.0
mV
1
-4.0
4.0
mV
2, 3
+V = 30V
-2.0
2.0
mV
1
-4.0
4.0
mV
2, 3
+V = 30V, VCM = 28.5V,
-2.0
2.0
mV
1
VO = 1.5V
+V = 30V, VCM = 28.0V,
-4.0
4.0
mV
2, 3
VO = 1.5V
± IBias
Input Bias Current
VO = 1.5V
See(3)
-100
-1.0
nA
1
See(3)
-300
-1.0
nA
2, 3
IIO
Input Offset Current
VO = 1.5V
-25
25
nA
1
-100
100
nA
2, 3
PSRR
Power Supply Rejection Ratio
+V = 5V to 30V
60
dB
1
CMRR
Common Mode Rejection Ratio
+V = 30V, VCM = 0V to 28.5V
60
dB
1
AV
Voltage Gain
+V = 15V, RL ≥ 15KΩ, VO = 1V to
50
V/mV
1
11V
(1)
Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics except as listed in the “Post
Radiation Limits” table. These parts may be dose rate sensitive in a space environment and demonstrate enhanced low dose rate effect.
Radiation end point limits for the noted parameters are ensured only for the conditions as specified in Mil-Std-883, Method 1019,
Condition A.
(2)
Low dose rate testing has been performed on a wafer-by-wafer basis, per test method 1019, condition D, MIL-STD-883, with no
enhanced low dose rate sensitivity (ELDRS) effect. Pre and post irradiation limits are identical to those listed under AC and DC electrical
characteristics, except as listed in the “Post Radiation Limits” table. Radiation end point limits for the noted parameters are ensured for
only the conditions as specified in MIL-STD-883, Method 1019, condition D.
(3)
The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the
state of the output so no loading change exists on the reference or input lines.
6
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM139AQML LM139QML


Similar Part No. - LM139AW-QMLV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM139AW-QMLV NSC-LM139AW-QMLV Datasheet
510Kb / 24P
   Low Power Low Offset Voltage Quad Comparators
logo
Texas Instruments
LM139AW-QMLV TI1-LM139AW-QMLV Datasheet
1Mb / 29P
[Old version datasheet]   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
More results

Similar Description - LM139AW-QMLV

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR339 LRC-LR339 Datasheet
134Kb / 6P
   Low Power Low Offset Voltage Quad Comparators
logo
BCD Semiconductor Manuf...
AS339,339A BCDSEMI-AS339,339A Datasheet
729Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Diodes Incorporated
AS339 DIODES-AS339 Datasheet
432Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM139 NSC-LM139 Datasheet
465Kb / 19P
   Low Power Low Offset Voltage Quad Comparators
LM2901EP NSC-LM2901EP Datasheet
750Kb / 17P
   Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM2901D TGS-LM2901D Datasheet
249Kb / 4P
   Low Power Low Offset Voltage Quad Comparators
logo
National Semiconductor ...
LM139JAN NSC-LM139JAN Datasheet
770Kb / 20P
   Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM339D TGS-LM339D Datasheet
2Mb / 4P
   Low Power Low Offset Voltage Quad Comparators
logo
List of Unclassifed Man...
AZ339 ETC1-AZ339 Datasheet
246Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Shaoxing Devechip Micro...
SDP339 SDC-SDP339 Datasheet
550Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com