Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5365 Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AK5365
Description  24-BIT 96KHZ ADC WITH SELETOR/PGA/ALCl
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5365 Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AK5365 Datasheet HTML 3Page - Asahi Kasei Microsystems AK5365 Datasheet HTML 4Page - Asahi Kasei Microsystems AK5365 Datasheet HTML 5Page - Asahi Kasei Microsystems AK5365 Datasheet HTML 6Page - Asahi Kasei Microsystems AK5365 Datasheet HTML 7Page - Asahi Kasei Microsystems AK5365 Datasheet HTML 8Page - Asahi Kasei Microsystems AK5365 Datasheet HTML 9Page - Asahi Kasei Microsystems AK5365 Datasheet HTML 10Page - Asahi Kasei Microsystems AK5365 Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
ASAHI KASEI
[AK5365]
MS0164-E-01
2002/08
- 7 -
ANALOG CHARACTERISTICS
(Ta=25
°C; AVDD=5.0V, DVDD=3.3V; AVSS=DVSS=0V; fs=48kHz, 96kHz; BICK=64fs; Signal Frequency=1kHz;
24bit Data; Measurement frequency=20Hz
∼ 20kHz at fs=48kHz, 40Hz ∼ 40kHz at fs=96kHz; unless otherwise specified)
Parameter
min
typ
max
Units
Pre-Amp Characteristics:
Feedback Resistance
10
50
k
S/(N+D)
(Note 4)
-
100
dB
S/N (A-weighted)
-
108
dB
Load Resistance
(Note 5)
6.3
k
Load Capacitance
20
pF
Input PGA Characteristics:
Input Voltage
(Note 6)
0.9
1
1.1
Vrms
Input Resistance
(Note 7)
6.3
10
15
k
Step Size
0.2
0.5
0.8
dB
Gain Control Range
ALC = OFF
ALC = ON
0
−9.5
+12
+12
dB
dB
ADC Analog Input Characteristics:
IPGA=0dB, ALC = OFF
(Note 8)
Resolution
24
Bits
S/(N+D)
(
−0.5dBFS)
fs=48kHz
fs=96kHz
84
82
94
92
dB
dB
DR
(
−60dBFS)
fs=48kHz, A-weighted
fs=96kHz
96
89
103
99
dB
dB
S/N
fs=48kHz, A-weighted
fs=96kHz
96
89
103
99
dB
dB
Interchannel Isolation
(Note 9)
90
110
dB
Interchannel Gain Mismatch
0.2
0.5
dB
Gain Drift
100
-
ppm/
°C
Power Supply Rejection
(Note 10)
50
-
dB
Power Supplies
Power Supply Current
Normal Operation (PDN pin = “H”)
AVDD
DVDD
(fs=48kHz)
(fs=96kHz)
Power-down mode (PDN pin = “L”)
(Note 11)
AVDD
DVDD
23
4
8
10
10
35
8
16
100
100
mA
mA
mA
µA
µA
Note 4. This value is measured at LOUT and ROUT pins using the circuit as shown in Figure 24.
The input signal voltage is 2Vrms.
Note 5. This value is the input impedance of an external device that the LOUT and ROUT pins can drive, when a device is
connected with LOUT and ROUT pin externally. The feedback resistor (min. 10k
Ω) that it is usually connected
with the LOUT/ROUT pins, and the value of input impedance (min. 6.3k
Ω) of the IPGAL/R pins are not included.
Note 6. Full scale (0dB) of the input voltage at ALC=OFF and IPGA=0dB.
Input voltage to IPGAL and IPGAR pins is proportional to AVDD voltage. Vin = 0.2 x AVDD (Vrms).
Note 7. This value is input impedance of the IPGAL and IPGAR pins.
Note 8. This value is measured via the following path. Pre-Amp
→ IPGA (Gain : 0dB) → ADC.
The measurement circuit is Figure 24.
Note 9. This value is the interchannel isolation between all the channels of the LIN1-5 and RIN1-5 when the applied input
signal causes the Pre-Amp output to equal IPGA input.
Note 10. PSR is applied to AVDD and DVDD with 1kHz, 50mVpp.
Note 11. All digital input pins are held DVDD or DVSS.


Similar Part No. - AK5365

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK536512W ACCUTEK-AK536512W Datasheet
67Kb / 2P
   262,144 Word by 32 Bit CMOS Dynamic Random Access Memory
AK536512W ACCUTEK-AK536512W Datasheet
86Kb / 2P
   262,144 Word by 36 Bit CMOS Dynamic Random Access Memory
AK536512W ACCUTEK-AK536512W Datasheet
116Kb / 2P
   524,288 Word by 36 Bit CMOS Dynamic Random Access Memory
AK536512W ACCUTEK-AK536512W Datasheet
99Kb / 2P
   1,048,576 Word by 36 Bit CMOS Dynamic Random Access Memory
AK536512W ACCUTEK-AK536512W Datasheet
77Kb / 2P
   2,097,152 Word by 36 Bit CMOS Dynamic Random Access Memory
More results

Similar Description - AK5365

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5720 AKM-AK5720 Datasheet
823Kb / 25P
   96kHz 24-Bit ADC
AK5358A AKM-AK5358A Datasheet
268Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358 AKM-AK5358 Datasheet
128Kb / 17P
   96kHz 24-Bit ?誇 ADC
AK5358A AKM-AK5358A_08 Datasheet
333Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358B AKM-AK5358B Datasheet
187Kb / 19P
   96kHz 24-Bit ?誇 ADC
AK5720VT AKM-AK5720VT Datasheet
823Kb / 25P
   96kHz 24-Bit ?꾬걪 ADC
logo
Analog Devices
AD1556 AD-AD1556_15 Datasheet
435Kb / 24P
   24-Bit ADC with Low Noise PGA
REV. B
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
   24-Bit Sigma-Delta ADC with PGA
AD1555 AD-AD1555 Datasheet
429Kb / 24P
   24-Bit ADC WITH LOW NOISE PGA
REV. B
AD1555APZRL AD-AD1555APZRL Datasheet
435Kb / 24P
   24-Bit - ADC with Low Noise PGA
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com