Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-9679101QXA Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9679101QXA
Description  DIGITAL SIGNAL PROCESSOR
Download  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-9679101QXA Datasheet(HTML) 11 Page - Texas Instruments

Back Button 5962-9679101QXA Datasheet HTML 7Page - Texas Instruments 5962-9679101QXA Datasheet HTML 8Page - Texas Instruments 5962-9679101QXA Datasheet HTML 9Page - Texas Instruments 5962-9679101QXA Datasheet HTML 10Page - Texas Instruments 5962-9679101QXA Datasheet HTML 11Page - Texas Instruments 5962-9679101QXA Datasheet HTML 12Page - Texas Instruments 5962-9679101QXA Datasheet HTML 13Page - Texas Instruments 5962-9679101QXA Datasheet HTML 14Page - Texas Instruments 5962-9679101QXA Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 158 page
background image
SMJ320C80
DIGITAL SIGNAL PROCESSOR
SGUS025B -- AUGUST 1998 -- REVISED JUNE 2002
11
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
Terminal Functions
TERMINAL
DESCRIPTION
NAME
TYPE
DESCRIPTION
LOCAL MEMORY INTERFACE
A31--A0
O
Address bus. A31--A0 output the 32-bit byte address of the external memory cycle. The address can be
multiplexed for DRAM accesses.
AS2--AS0
I
Address-shift selection. AS2--AS0 determine how the column address appears on the address bus. Eight
shift values are supported, including zero.
BS1--BS0
I
Bus size selection. BS1--BS0 indicate the bus size of the memory or other devices being accessed,
allowing dynamic bus sizing for data buses less than 64 bits wide.
CT2--CT0
I
Cycle timing selection. CT2--CT0 signals determine the timing of the current memory access.
D63--D0
I/O
Data bus. D63--D0 transfer up to 64 bits of data per memory cycle into or out of the ’C80.
DBEN
O
Data-buffer enable. DBEN drives the active-low output enables of bidirectional transceivers that can be
used to buffer input and output data on D63--D0.
DDIN
O
Data direction indicator. DDIN indicates the direction of the data that passes through the transceivers.
When DDIN is low, the transfer is from external memory into the ’C80.
FAULT
I
Fault. FAULT is driven low by external circuitry to inform the ’C80 that a fault has occurred on the current
memory row access.
PS3--PS0
I
Page size indication. PS3--PS0 indicate the page size of the memory device(s) being accessed by the
current cycle. The ’C80 uses this information to determine when to begin a new row access.
READY
I
Ready. READY indicates that the external device is ready to complete the memory cycle. READY is driven
low by external circuitry to insert wait states into a memory cycle.
RL
O
Row latch. The high-to-low transition of RL can be used to latch the valid 32-bit byte address that is present
on A31--A0.
RETRY
I
Retry. RETRY is driven low by external circuitry to indicate that the addressed memory is busy. The ’C80
memory cycle is rescheduled.
STATUS5--STATUS0
O
Status code. At row time, STATUS5--STATUS0 indicate the type of cycle being performed. At column time,
they identify the processor and type of request that initiated the cycle.
UTIME
I
User-timing selection. UTIME causes the timing of RAS and CAS/DQM7--CAS/DQM0to bemodified so
that custom memory timings can be generated. During reset, UTIME selects the endian mode in which the
’C80 operates.
DRAM, VRAM, AND SDRAM CONTROL
CAS/DQM7--
CAS/DQM0
O
Column-address strobes. CAS/DQM7--CAS/DQM0drive theCAS inputs of DRAMs and VRAMs, or the
DQM input of synchronous dynamic random-access memories (SDRAMs). The eight strobes provide
byte-write access to memory.
DSF
O
Special function. DSF selects special VRAM functions such as block-write, load color register, split-register
transfer, and synchronous graphics random-access memory (SGRAM) block write.
RAS
O
Row-address strobe. RAS drives the RAS inputs of DRAMs, VRAMs, and SDRAMs.
TRG/CAS
O
Transfer/output enable or column-address strobe. TRG/CAS is used as an output enable for DRAMs and
VRAMs, and also as a transfer enable for VRAMs. TRG/CAS also drives the CAS inputs of SDRAMs.
W
O
Write enable. W is driven low before CAS during write cycles. W controls the direction of the transfer during
VRAM transfer cycles.
I = input, O = output, Z = high-impedance
This pin has an internal pullup and can be left unconnected during normal operation.
§ This pin has an internal pulldown and can be left unconnected during normal operation.
For proper operation, all VDD and VSS pins must be connected externally.


Similar Part No. - 5962-9679101QXA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9679101QXA TI-5962-9679101QXA Datasheet
2Mb / 157P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
5962-9679101QXA TI1-5962-9679101QXA Datasheet
3Mb / 158P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Similar Description - 5962-9679101QXA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com