Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMJ320C80GFM50 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SMJ320C80GFM50
Description  DIGITAL SIGNAL PROCESSOR
Download  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SMJ320C80GFM50 Datasheet(HTML) 1 Page - Texas Instruments

  SMJ320C80GFM50 Datasheet HTML 1Page - Texas Instruments SMJ320C80GFM50 Datasheet HTML 2Page - Texas Instruments SMJ320C80GFM50 Datasheet HTML 3Page - Texas Instruments SMJ320C80GFM50 Datasheet HTML 4Page - Texas Instruments SMJ320C80GFM50 Datasheet HTML 5Page - Texas Instruments SMJ320C80GFM50 Datasheet HTML 6Page - Texas Instruments SMJ320C80GFM50 Datasheet HTML 7Page - Texas Instruments SMJ320C80GFM50 Datasheet HTML 8Page - Texas Instruments SMJ320C80GFM50 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 158 page
background image
SMJ320C80
DIGITAL SIGNAL PROCESSOR
SGUS025B -- AUGUST 1998 -- REVISED JUNE 2002
1
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
D
Single-Chip Parallel Multiple
Instruction/Multiple Data (MIMD) Digital
Signal Processor (DSP)
D
More Than Two Billion RISC-Equivalent
Operations per Second
D
Master Processor (MP)
-- 32-Bit Reduced Instruction Set
Computing (RISC) Processor
-- IEEE-754 Floating-Point Capability
-- 4K-Byte Instruction Cache
-- 4K-Byte Data Cache
D
Four Parallel Processors (PP)
-- 32-Bit Advanced DSPs
-- 64-Bit Opcode Provides Many Parallel
Operations per Cycle
-- 2K-Byte Instruction Cache and 8K-Byte
Data RAM per PP
D
Transfer Controller (TC)
-- 64-Bit Data Transfers
-- Up to 400 Megabytes per Second (MBps)
Transfer Rate
-- 32-Bit Addressing
-- Direct DRAM/VRAM Interface With
Dynamic Bus Sizing
-- Intelligent Queuing and Cycle
Prioritization
D
Video Controller (VC)
-- Provides Video Timing and Video
Random-Access Memory (VRAM)
Control
-- Dual-Frame Timers for Two Simultaneous
Image-Capture and/or Display Systems
D
Big- or Little-Endian Operation
D
50K-Byte On-Chip RAM
D
4G-Byte Address Space
D
20-ns Cycle Time
D
3.3-V Operation
D
IEEE Standard 1149.1Test Access Port
(JTAG)
D
Operating Temperature Range
--55°C to 125°C - M-Temperature
--40°Cto85°C - A-Temperature
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
9
8
7
6
5
4
3
1
Y
W
V
U
T
R
P
N
M
L
K
J
H
G
F
E
D
C
B
A
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
AR
AP
AN
AM
AL
AK
AJ
AH
AG
AF
AE
AD
AC
AB
AA
GF PACKAGE
(BOTTOM VIEW)
241
320
240
161
160
1
80
81
HFH PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2002, Texas Instruments Incorporated
IEEE Standard 1149.1--1990, IEEE Standard Test Access Port and Boundary-Scan Architecture
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SMJ320C80GFM50

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C80GFM50 TI-SMJ320C80GFM50 Datasheet
2Mb / 157P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SMJ320C80GFM50 TI1-SMJ320C80GFM50 Datasheet
3Mb / 158P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Similar Description - SMJ320C80GFM50

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com