Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD0345BS8500RF Datasheet(PDF) 1 Page - Texas Instruments

Part # AD0345BS8500RF
Description  RAD-TOLERANT CLASS-V FLOATING-POINT DIGITAL SIGNAL PROCESSOR
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AD0345BS8500RF Datasheet(HTML) 1 Page - Texas Instruments

  AD0345BS8500RF Datasheet HTML 1Page - Texas Instruments AD0345BS8500RF Datasheet HTML 2Page - Texas Instruments AD0345BS8500RF Datasheet HTML 3Page - Texas Instruments AD0345BS8500RF Datasheet HTML 4Page - Texas Instruments AD0345BS8500RF Datasheet HTML 5Page - Texas Instruments AD0345BS8500RF Datasheet HTML 6Page - Texas Instruments AD0345BS8500RF Datasheet HTML 7Page - Texas Instruments AD0345BS8500RF Datasheet HTML 8Page - Texas Instruments AD0345BS8500RF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
SMJ320C6701-SP
www.ti.com
SGUS030F – APRIL 2000 – REVISED SEPTEMBER 2013
RAD-TOLERANT CLASS-V FLOATING-POINT DIGITAL SIGNAL PROCESSOR
Check for Samples: SMJ320C6701-SP
1
FEATURES
Bit Counting
Normalization
23456
• Rad-Tolerant: 100-kRad (Si) TID
1M-Bit On-Chip SRAM
SEL Immune at 89MeV-cm2/mg LET Ions
512K-Bit Internal Program/Cache (16K 32-
QML-V Qualified, SMD 5962-98661
Bit Instructions)
Highest-Performance Floating-Point Digital
512K-Bit Dual-Access Internal Data (64K
Signal Processor (DSP) SMJ320C6701
Bytes)
7-ns Instruction Cycle Time
32-Bit External Memory Interface (EMIF)
140-MHz Clock Rate
Glueless Interface to Synchronous
Eight 32-Bit Instructions/Cycle
Memories: SDRAM and SBSRAM
Up to One GFLOPS Performance
Glueless Interface to Asynchronous
Pin Compatible With ’C6201 Fixed-Point
Memories: SRAM and EPROM
DSP
Four-Channel Bootloading
SMJ: QML Processing to MIL-PRF-38535
Direct Memory Access (DMA) Controller With
SM: Standard Processing
Auxiliary Channel
Operating Temperature Ranges
16-Bit Host-Port Interface (HPI)
–55°C to 115°C
Access to Entire Memory Map
–55°C to 125°C
Two Multichannel Buffered Serial Ports
VelociTI™ Advanced Very Long Instruction
(McBSPs)
Word (VLIW) ’C67x CPU Core
Direct Interface to T1/E1, MVIP, SCSA
Eight Highly Independent Functional Units:
Framers
Four ALUs (Floating and Fixed Point)
ST Bus Switching Compatible
Two ALUs (Fixed Point)
Up to 256 Channels Each
Two Multipliers (Floating and Fixed
AC97 Compatible
Point)
Serial Peripheral Interface (SPI)
Load-Store Architecture With 32
Compatible ( Motorola™)
32-Bit General-Purpose Registers
Two 32-Bit General-Purpose Timers
Instruction Packing Reduces Code Size
Flexible Phase-Locked Loop (PLL) Clock
All Instructions Conditional
Generator
Instruction Set Features
IEEE Std 1149.1 (JTAG (1) )
Boundary Scan Compatible
Hardware Support for IEEE Single-
Precision Instructions
429-Pin Ceramic Ball Grid Array (CBGA/GLP)
and Ceramic Land Grid Array (CLGA/ZMB)
Hardware Support for IEEE Double-
Package Types
Precision Instructions
0.18-
μm/5-Level Metal Process
Byte Addressable (8-/16-/32-Bit Data)
CMOS Technology
32-Bit Address Range
3.3-V I/Os, 1.9 V Internal
8-Bit Overflow Protection
Saturation
(1)
IEEE Std 1149.1-1990 Test Access Port and Boundary Scan
Bit-Field Extract, Set, Clear
Architecture
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
VelociTI, XDS, XDS510, XDS510WS are trademarks of Texas Instruments.
3
Windows, Win32, NT are trademarks of Microsoft Corporation.
4
Motorola is a trademark of Motorola, Inc.
5
SPARC is a trademark of SPARC International.
6
Solaris is a trademark of Sun Microsystems, Inc..
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - AD0345BS8500RF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD004-00 ETC2-AD004-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
logo
RHOPOINT COMPONENTS
AD004-00 RHOPOINT-AD004-00 Datasheet
74Kb / 1P
   GMR Digital Sensor Evaluation Kit
logo
Alpha Industries
AD004T2-00 ALPHA-AD004T2-00 Datasheet
196Kb / 3P
   GaAs MMIC Control FET in SOT 143 DC-2.5 GHz
AD004T2-00 ALPHA-AD004T2-00 Datasheet
130Kb / 2P
   GaAs MMIC FET Transfer Switch DC-4 GHz
AD004T2-11 ALPHA-AD004T2-11 Datasheet
196Kb / 3P
   GaAs MMIC Control FET in SOT 143 DC-2.5 GHz
More results

Similar Description - AD0345BS8500RF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C6701-SP TI1-SMJ320C6701-SP Datasheet
791Kb / 60P
[Old version datasheet]   RAD-TOLERANT CLASS-V FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6747 TI-TMS320C6747 Datasheet
1Mb / 203P
[Old version datasheet]   Floating-point Digital Signal Processor
TMS320C6713B TI-TMS320C6713B_10 Datasheet
2Mb / 154P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6701 TI-SM320C6701 Datasheet
894Kb / 63P
[Old version datasheet]   FLOATING - POINT DIGITAL SIGNAL PROCESSOR
TMS320C6713 TI-TMS320C6713_05 Datasheet
2Mb / 148P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMJ320C6701 TI-SMJ320C6701_07 Datasheet
925Kb / 64P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMV320C6727B-SP TI-SMV320C6727B-SP_15 Datasheet
573Kb / 112P
[Old version datasheet]   Floating-Point Digital Signal Processor
TMS320C6701 TI-TMS320C6701_08 Datasheet
967Kb / 70P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6701-EP TI1-SM320C6701-EP Datasheet
938Kb / 65P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMSC6701 TI-TMSC6701 Datasheet
862Kb / 64P
[Old version datasheet]   FLOATING POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com