Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B65879B0000R097 Datasheet(PDF) 4 Page - TDK Electronics

Part # B65879B0000R097
Description  Ferrites and Accessories
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B65879B0000R097 Datasheet(HTML) 4 Page - TDK Electronics

  B65879B0000R097 Datasheet HTML 1Page - TDK Electronics B65879B0000R097 Datasheet HTML 2Page - TDK Electronics B65879B0000R097 Datasheet HTML 3Page - TDK Electronics B65879B0000R097 Datasheet HTML 4Page - TDK Electronics B65879B0000R097 Datasheet HTML 5Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Ferrites and Accessories
PQ32/30 – Cores and coil former
B65879B, B65880E
KA IN FER D PD, SMP IN FER D PD
August 2009
Please read Cautions and warnings and
Page 4 of 5
Important notes at the end of this document.
Cautions and warnings
Mechanical stress and mounting
Ferrite cores have to meet mechanical requirements during assembly and for a growing number of
applications. Since ferrites are ceramic materials one has to be aware of their special behavior under
mechanical load.
Just like any ceramic material, ferrite cores are brittle and sensitive to any shock, fast changing or
tensile load. Especially fast cooling rates under ultrasonic cleaning, high static and cyclic loads can
cause cracks or failure of the ferrite cores.
For detailed information see Data Book 2007, chapter “General – Definitions, 8.1”.
Effects of core combination on AL value
Stresses in the core affect not only the mechanical but also the magnetic properties. It is apparent
that the initial permeability is dependent on the stress state of the core. The higher the stresses are in
the core, the lower the value for the initial permeability. Thus, the embedding medium should offer the
greatest possible elasticity.
For detailed information see Data Book 2007, chapter “General – Definitions, 8.2”.
Heating up
Ferrites can run hot during operation at higher flux densities and higher frequencies.
NiZn-materials
The magnetic properties of NiZn-materials can change irreversibly when exposed to strong magnetic
fields.
Processing notes
– The start of the winding process should be soft. Otherwise, the flanges may be destroyed.
– Excessive winding forces may damage the flanges or squeeze the tube so that the cores can no
longer be mounted.
– Excessive soldering time at high temperature (>300 °C) may affect coplanarity or pin arrangement.
– Not following the processing notes for soldering of the J-leg terminals may cause solderability
problems at the transformer because of contamination with tin oxide (SnO) from the tin bath or
burned insulation from the wire. For detailed information see Data Book 2007, chapter “Processing
notes, 2.2”.
– The dimensions of the pin hole arrangement are fixed and should be understood as an ideal
recommendation for drilling the printed circuit board. In order to avoid problems when
mounting the transformer, customers should make allowances for manufacturing tolerances in
the drilling and pick-and-place processes by increasing the diameter of the pin holes.
.


Similar Part No. - B65879B0000R097

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65879B0000R097 EPCOS-B65879B0000R097 Datasheet
369Kb / 5P
   Ferrites and accessories
B65879B0000R097 EPCOS-B65879B0000R097 Datasheet
134Kb / 5P
   Ferrites and Accessories
More results

Similar Description - B65879B0000R097

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com