Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZF-0916-10 Datasheet(PDF) 1 Page - JMK Inc.

Part # ZF-0916-10
Description  designed to be used in systems that are required to work in the tempest environment
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMK [JMK Inc.]
Direct Link  http://www.jmkfilters.com
Logo JMK - JMK Inc.

ZF-0916-10 Datasheet(HTML) 1 Page - JMK Inc.

  ZF-0916-10 Datasheet HTML 1Page - JMK Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ZF-0916-10
USA
JMK Inc 15 Caldwell Dr. Amherst, NH 03031
PH: 603 886-4100
FX: 603 886-4115
email: info@jmkfilters.com
EUR
JMK Inc Glasgow G13 1DN Scotland UK
PH: 44-(0) 7785310729 Fax: 44-(0) 141 589 1884
Operating Voltage = __________125/250 Vac, 50/60 Hz
= _______________125 Vac, 400 Hz
Max. Operating Current = __________________10 Amp
Operating Temperature = ________________-40—60ºC
Diel. Withstand (Line—Case) = ____1500 Vac. (1.0 Min)
Diel. Withstand (Line—Neut) = ____ 1500 Vdc. (1.0 Min)
Capacitance, (Each line—case) = ___________ 0.02 µF
Leakage Current = ________125V, 60 Hz: 1.15 mA Max
= _______125V, 400 Hz: 7.55 mA Max
= _______ 250 V, 50 Hz: 1.90 mA Max
Calculated MTBF = ________1,344,850 Hrs GB @ 30°C
The ZF-0916-10 filter is designed to be used in systems
that are required to work in the tempest environment or to
meet the requirements of Mil-Std-461D, E, or F.
“Feed-Through
capacitors”
and
sealed
construction
provide excellent insertion loss from less than 10 Khz to
beyond 1.0 Ghz.
The filter has been designed to meet the following:
Humidity: Mil-Std-810, Method 504.3, Procedure I.
95 % humidity, non-condensating
Shock: Mil-Std-810, Method 516.4, Procedures IV & VI
Vibration: Mil-Std-810, Method 514.4, Category 8
ROHS compliant
INSERTION LOSS vs. FREQUENCY


Similar Part No. - ZF-0916-10

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
ZF-0916-3 JMK-ZF-0916-3 Datasheet
30Kb / 1P
   designed to be used in systems that are required to work in the tempest environment
More results

Similar Description - ZF-0916-10

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
ZL-1988B-10B JMK-ZL-1988B-10B Datasheet
33Kb / 1P
   designed to be used in systems that are required to work in the tempest environment
ZF-0916-3 JMK-ZF-0916-3 Datasheet
30Kb / 1P
   designed to be used in systems that are required to work in the tempest environment
logo
Analog Devices
UG-291 AD-UG-291 Datasheet
278Kb / 16P
   The SDP-S board is designed to be used in conjunction
logo
JMK Inc.
ZF-1072D-10 JMK-ZF-1072D-10 Datasheet
78Kb / 1P
   designed to operate in a military environment.
ZF-1072D-10B JMK-ZF-1072D-10B Datasheet
80Kb / 1P
   designed to operate in a military environment.
logo
List of Unclassifed Man...
PMODJSTK ETC1-PMODJSTK Datasheet
127Kb / 3P
   The PmodJSTK was designed to be a versatile user interface that can be used in a wide variety of projects.
logo
JMK Inc.
0681 JMK-0681 Datasheet
187Kb / 1P
   The 0681 Series Filters are designed to be used with switching power supplies, required to meet the emission specifications of VDE level "B"||" "321566
SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/10
logo
Murata Manufacturing Co...
BLT5BPT680LN1 MURATA1-BLT5BPT680LN1 Datasheet
374Kb / 3P
   It can be used under the -55 ??to 150 ??usage environment
Last updated07/18/2022
logo
NXP Semiconductors
NT3H2111 NXP-NT3H2111 Datasheet
2Mb / 77P
   Designed to be the perfect enabler for NFC in home-automation
Rev. 3.0-3 February 2016
logo
THOR communications
F-CHASSIS THOR-F-CHASSIS Datasheet
2Mb / 1P
   The Thor Fiber Chassis systems are designed with system flexibility in mind.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com