Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49BV162A Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT49BV162A
Description  16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV162A Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT49BV162A Datasheet HTML 7Page - ATMEL Corporation AT49BV162A Datasheet HTML 8Page - ATMEL Corporation AT49BV162A Datasheet HTML 9Page - ATMEL Corporation AT49BV162A Datasheet HTML 10Page - ATMEL Corporation AT49BV162A Datasheet HTML 11Page - ATMEL Corporation AT49BV162A Datasheet HTML 12Page - ATMEL Corporation AT49BV162A Datasheet HTML 13Page - ATMEL Corporation AT49BV162A Datasheet HTML 14Page - ATMEL Corporation AT49BV162A Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
11
AT49BV162/163A(T)
3349G–FLASH–7/04
Notes:
1. I/O5 switches to a “1” when a program or an erase operation has exceeded the maximum time limits or when a program or
sector erase operation is performed on a protected sector.
2. I/O3 switches to a “1” when the V
PP level is not high enough to successfully perform program and erase operations. This
status bit is not available for the AT49BV163A(T).
Status Bit Table
Status Bit
I/O7
I/O7
I/O6
I/O5(1)
I/O3(2)
I/O2
RDY/BUSY
Configuration Register
00
01
00/01
00/01
00/01
00/01
00/01
Programming
I/O7
0
TOGGLE
0010
Erasing
0
0
TOGGLE
0
0
TOGGLE
0
Erase Suspended & Read
Erasing Sector
111
00
TOGGLE
1
Erase Suspended & Read
Non-erasing Sector
DATA
DATA
DATA
DATA
DATA
DATA
1
Erase Suspended &
Program Non-erasing Sector
I/O7
0
TOGGLE
0
0
TOGGLE
0
Erase Suspended &
Program Suspended and
Reading from Non-
suspended Sectors
DATA
DATA
DATA
DATA
DATA
DATA
1
Program Suspended & Read
Programming Sector
I/O7
1
1
0
0
TOGGLE
1
Program Suspended & Read
Non-programming Sector
DATA
DATA
DATA
DATA
DATA
DATA
1


Similar Part No. - AT49BV162A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV162A ATMEL-AT49BV162A Datasheet
532Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV162AT ATMEL-AT49BV162AT Datasheet
532Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
More results

Similar Description - AT49BV162A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV1604A ATMEL-AT49BV1604A Datasheet
410Kb / 26P
   16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49BV16X4 ATMEL-AT49BV16X4 Datasheet
304Kb / 18P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163D ATMEL-AT49BV163D Datasheet
524Kb / 27P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163AT-70TU ATMEL-AT49BV163AT-70TU Datasheet
532Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV160 ATMEL-AT49BV160 Datasheet
308Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV1604 ATMEL-AT49BV1604 Datasheet
214Kb / 18P
   16-Megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49F1604 ATMEL-AT49F1604 Datasheet
213Kb / 18P
   16-Megabit 1M x 16/2M x 8 5-volt Only Flash Memory
AT49BV160C ATMEL-AT49BV160C Datasheet
236Kb / 30P
   16-megabit (1M x 16) 3-volt Only Flash Memory
AT49BV160D ATMEL-AT49BV160D Datasheet
460Kb / 29P
   16-megabit (1M x 16) 3-volt Only Flash Memory
AT49BV802D ATMEL-AT49BV802D Datasheet
434Kb / 31P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com