Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49LH004-33JC Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT49LH004-33JC
Description  4-megabit Firmware Hub and Low-Pin Count Flash Memory
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LH004-33JC Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT49LH004-33JC Datasheet HTML 4Page - ATMEL Corporation AT49LH004-33JC Datasheet HTML 5Page - ATMEL Corporation AT49LH004-33JC Datasheet HTML 6Page - ATMEL Corporation AT49LH004-33JC Datasheet HTML 7Page - ATMEL Corporation AT49LH004-33JC Datasheet HTML 8Page - ATMEL Corporation AT49LH004-33JC Datasheet HTML 9Page - ATMEL Corporation AT49LH004-33JC Datasheet HTML 10Page - ATMEL Corporation AT49LH004-33JC Datasheet HTML 11Page - ATMEL Corporation AT49LH004-33JC Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
8
AT49LH004
3383B–FLASH–9/03
Additional Fields
for FWH Memory
Cycles
Additional fields are required to complete a FWH read or write cycle. The placement of these
fields, in addition to the data field, depends on whether the cycle is a FWH read or write. The
FWH Read Cycle and FWH Write Cycle sections detail the order of the various fields.
TAR (TURN-AROUND) FIELD: This 2-clock field is driven by the master when it is turning
control over to the FWH memory device, and it is driven by the FWH device when it is turning
control back over to the master. On the first clock of the TAR field, the master or FWH drives
the FWH/LAD[3:0] lines to 1111b. On the second clock, the master or FWH device puts the
FWH/LAD[3:0] lines into a high-impedance state.
SYNC (SYNCHRONIZE) FIELD: This field is used to add wait-states for an access. It can be
several clocks in length. On target cycles, this field is driven by the FWH memory device. If
the FWH device needs to assert wait-states, it does so by driving a “wait” SYNC value of
0101b on the FWH/LAD[3:0] pins until it is ready. When ready, the device will drive a “ready”
SYNC value of 0000b on the FWH/LAD[3:0] lines. Valid values for the SYNC field are shown
in Table 3.
FWH Read Cycle
FWH read cycles are used to read data from the memory array, the Sector Locking Registers,
the GPI register, the Status Register, and to read the product ID information. Upon initial
device power-up or after exiting from a reset condition, the device will automatically default to
the read array mode.
Valid FWH read cycles begin with a START field of 1101b being sent to the device. Following
the IDSEL, MADDR, and MSIZE fields, a 2-clock TAR field must be sent to the device to indi-
cate that the master is turning control of the LPC bus over to the FWH memory device. After
the second clock of the TAR phase, the FWH device assumes control of the bus and begins
driving SYNC fields to add wait-states. When the device is ready to output data, it will first
send a “ready” SYNC and then output one byte of data during the next two clock cycles. The
data is sent one nibble at a time with the low nibble being output first followed by the high nib-
ble. After the data has been output, the FWH device will send a 2-clock TAR field to the master
to indicate that it is turning control of the LPC bus back over to the master.
Figure 2 shows a FWH read cycle that requires three SYNC clocks to access data from the
memory array.
Table 3. Valid SYNC Values
SYNC Value
SYNC Type
0000b
RSYNC (Ready SYNC) – Synchronization has been achieved with no error.
0101b
WSYNC (Wait SYNC) – Device is indicating wait-states (also referred to as
short-sync).


Similar Part No. - AT49LH004-33JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49LH002 ATMEL-AT49LH002 Datasheet
354Kb / 36P
   2-megabit Firmware Hub and Low-Pin Count Flash Memory
AT49LH002-33JC ATMEL-AT49LH002-33JC Datasheet
354Kb / 36P
   2-megabit Firmware Hub and Low-Pin Count Flash Memory
AT49LH002-33TC ATMEL-AT49LH002-33TC Datasheet
354Kb / 36P
   2-megabit Firmware Hub and Low-Pin Count Flash Memory
AT49LH00B4 ATMEL-AT49LH00B4 Datasheet
322Kb / 36P
   4-megabit Top Boot, Bottom Partitioned Firmware Hub and Low-Pin Count Flash Memory
AT49LH00B4-33JC ATMEL-AT49LH00B4-33JC Datasheet
322Kb / 36P
   4-megabit Top Boot, Bottom Partitioned Firmware Hub and Low-Pin Count Flash Memory
More results

Similar Description - AT49LH004-33JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49LH002 ATMEL-AT49LH002 Datasheet
354Kb / 36P
   2-megabit Firmware Hub and Low-Pin Count Flash Memory
AT49LH00B4 ATMEL-AT49LH00B4 Datasheet
322Kb / 36P
   4-megabit Top Boot, Bottom Partitioned Firmware Hub and Low-Pin Count Flash Memory
AT49LW040 ATMEL-AT49LW040 Datasheet
465Kb / 34P
   8-megabit and 4-megabit Firmware Hub Flash Memory
AT49LL080 ATMEL-AT49LL080 Datasheet
224Kb / 31P
   8-megabit Low-pin Count Flash Memory
logo
AMIC Technology
A49LF004 AMICC-A49LF004 Datasheet
595Kb / 10P
   4 Mbit CMOS 3.3Volt-only Firmware Hub Flash Memory
logo
STMicroelectronics
M50FLW040A STMICROELECTRONICS-M50FLW040A Datasheet
857Kb / 52P
   4 Mbit (5 x 64KByte Blocks 3 x 16 x 4KByte Sectors) 3V Supply Firmware Hub / Low Pin Count Flash Memory
logo
AMIC Technology
A49FL004 AMICC-A49FL004 Datasheet
713Kb / 36P
   4 Mbit CMOS 3.3Volt-only Firmware Hub/LPC Flash Memory
logo
Integrated Silicon Solu...
IS49FL004T ISSI-IS49FL004T Datasheet
1Mb / 45P
   4 Mbit 3.3 Volt-only Firmware Hub/LPC Flash Memory
logo
AMIC Technology
A49LF040 AMICC-A49LF040 Datasheet
570Kb / 31P
   4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
A49LF040A AMICC-A49LF040A Datasheet
607Kb / 32P
   4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com