Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN78L06M Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AN78L06M
Description  3-pin positive output voltage regulator (100 mA type)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN78L06M Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AN78L06M Datasheet HTML 1Page - Panasonic Semiconductor AN78L06M Datasheet HTML 2Page - Panasonic Semiconductor AN78L06M Datasheet HTML 3Page - Panasonic Semiconductor AN78L06M Datasheet HTML 4Page - Panasonic Semiconductor AN78L06M Datasheet HTML 5Page - Panasonic Semiconductor AN78L06M Datasheet HTML 6Page - Panasonic Semiconductor AN78L06M Datasheet HTML 7Page - Panasonic Semiconductor AN78L06M Datasheet HTML 8Page - Panasonic Semiconductor AN78L06M Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Voltage Regulators
1
Publication date: Jaunuary 2002
SFF00005CEB
AN78Lxx/AN78LxxM Series
3-pin positive output voltage regulator (100 mA type)
I Overview
The AN78Lxx series and the AN78LxxM series are 3-
pin fixed positive output type monolithic voltage regula-
tor.
A stabilized fixed output voltage is obtained from an
unstable DC input voltage without using any external
parts. 12 types of fixed output voltage are available; 4V,
5V, 6V, 7V, 8V, 9V, 10V, 12V, 15V, 18V, 20V and 24V.
They can be used widely as power circuits with a current
capacity of up to 100mA.
I Features
• No external components
• Output voltage: 4V, 5V, 6V, 7V, 8V, 9V, 10V, 12V, 15V,
18V, 20V, 24V
• Built-in overcurrent limit circuit
• Built-in thermal overload protection circuit
SSIP003-P-0000
AN78Lxx series
Unit: mm
AN78LxxM series
Unit: mm
I Block Diagram (AN78Lxx series)
1: Output
2: Common
3: Input
1: Input
2: Output
3: Common
HSIP003-P-0000B
5.0±0.2
4.0±0.2
2.3±0.2
0.6±0.15
0.43+0.1
–0.05
2.54
0.43+0.1
–0.05
21
3
1.6 max.
1.8 max.
4.6 max.
3.0
1.5
1.5
32
1
0.48 max.
0.58 max.
0.44 max.
1
2
3
Input
(3)
Pass Tr
Output
(1)
Common
(2)
Starter
Voltage
Reference
Current
Source
Error Amp.
+
Thermal
Protection
Q1
RSC
R2
R1
Current
Limiter
Note) The number in ( ) shows the pin number for the AN78LxxM series.
Note) The packages (SSIP003-P-0000 and HSIP003-
P-0000B) of this product will be changed to
lead-free type (SSIP003-P-0000S and
HSIP003-P-0000Q). See the new package di-
mensions section later of this datasheet.


Similar Part No. - AN78L06M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN78L00 PANASONIC-AN78L00 Datasheet
66Kb / 9P
   3-pin Positive Output Voltage Regulator 100mA Type
AN78L00M PANASONIC-AN78L00M Datasheet
66Kb / 9P
   3-pin Positive Output Voltage Regulator 100mA Type
logo
List of Unclassifed Man...
AN78L05 ETC2-AN78L05 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Panasonic Semiconductor
AN78L05M PANASONIC-AN78L05M Datasheet
297Kb / 10P
   3-pin positive output voltage regulator (100 mA type)
AN78L05ME1 PANASONIC-AN78L05ME1 Datasheet
297Kb / 10P
   3-pin positive output voltage regulator (100 mA type)
More results

Similar Description - AN78L06M

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
AN78L12ME1 PANASONICBATTERY-AN78L12ME1 Datasheet
297Kb / 10P
   3-pin positive output voltage regulator (100 mA type)
logo
Panasonic Semiconductor
AN78L05ME1 PANASONIC-AN78L05ME1 Datasheet
297Kb / 10P
   3-pin positive output voltage regulator (100 mA type)
AN77L05M-E1 PANASONIC-AN77L05M-E1 Datasheet
311Kb / 11P
   3-pin, positive output, low dropout voltage regulator (100 mA type)
AN79L07 PANASONIC-AN79L07 Datasheet
175Kb / 12P
   3-pin negative output voltage regulator (100 mA type)
AN77L03 PANASONIC-AN77L03 Datasheet
195Kb / 10P
   3-pin, positive output, low dropout voltage regulator (100 mA type) limit circuit
AN80XX PANASONIC-AN80XX Datasheet
159Kb / 9P
   3-pin, positive output, low dropout voltage regulator (50 mA type)
AN77L04M-E1 PANASONIC-AN77L04M-E1 Datasheet
195Kb / 10P
   AN77Lxx/AN77LxxM Series 3-pin, positive output, low dropout voltage regulator (100 mA type)
AN78L00 PANASONIC-AN78L00 Datasheet
66Kb / 9P
   3-pin Positive Output Voltage Regulator 100mA Type
AN78N00 PANASONIC-AN78N00 Datasheet
64Kb / 9P
   3-pin Positive Output Voltage Regulator 300mA Type
AN7800 PANASONIC-AN7800 Datasheet
67Kb / 8P
   3-pin Positive Output Voltage Regulator 1A Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com