Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM72501 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SM72501
Description  SM72501 SolarMagic Precision, CMOS Input, RRIO, Wide Supply Range Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM72501 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SM72501 Datasheet HTML 5Page - Texas Instruments SM72501 Datasheet HTML 6Page - Texas Instruments SM72501 Datasheet HTML 7Page - Texas Instruments SM72501 Datasheet HTML 8Page - Texas Instruments SM72501 Datasheet HTML 9Page - Texas Instruments SM72501 Datasheet HTML 10Page - Texas Instruments SM72501 Datasheet HTML 11Page - Texas Instruments SM72501 Datasheet HTML 12Page - Texas Instruments SM72501 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
0
2
4
6
8
10
-500
-250
0
250
500
VCM (V)
VS = 10V
-40°C
25°C
0
2
4
6
8
10
-300
-200
-100
0
100
200
300
VCM (V)
VS = 10V
85°C
125°C
0
1
2
3
4
5
-300
-200
-100
0
100
200
300
VCM (V)
VS = 5V
-40°C
25°C
0
1
2
3
VCM (V)
-300
-200
0
200
300
100
-100
85°C
125°C
4
5
VS = 5V
0
0.5
1
1.5
2
2.5
3
VCM (V)
-200
-100
0
100
200
VS = 3V
-40°C
25°C
0
1
2
3
VCM (V)
-300
-200
0
200
300
VS = 3V
0.5
1.5
2.5
100
-100
85°C
125°C
SM72501
www.ti.com
SNIS157C – JANUARY 2011 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
Unless otherwise noted: TA = 25°C, VCM = VS/2, RL > 10 kΩ.
Input Bias Current
Input Bias Current
vs.
vs.
VCM
VCM
Figure 15.
Figure 16.
Input Bias Current
Input Bias Current
vs.
vs.
VCM
VCM
Figure 17.
Figure 18.
Input Bias Current
Input Bias Current
vs.
vs.
VCM
VCM
Figure 19.
Figure 20.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SM72501


Similar Part No. - SM72501

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SM72501 NSC-SM72501 Datasheet
1Mb / 20P
   SolarMagic Precision, CMOS Input, RRIO, Wide Supply Range Amplifier
SM72501MF NSC-SM72501MF Datasheet
1Mb / 20P
   SolarMagic Precision, CMOS Input, RRIO, Wide Supply Range Amplifier
SM72501MFE NSC-SM72501MFE Datasheet
1Mb / 20P
   SolarMagic Precision, CMOS Input, RRIO, Wide Supply Range Amplifier
SM72501MFX NSC-SM72501MFX Datasheet
1Mb / 20P
   SolarMagic Precision, CMOS Input, RRIO, Wide Supply Range Amplifier
More results

Similar Description - SM72501

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SM72501 NSC-SM72501 Datasheet
1Mb / 20P
   SolarMagic Precision, CMOS Input, RRIO, Wide Supply Range Amplifier
LMP7701 NSC-LMP7701 Datasheet
485Kb / 6P
   Precision, CMOS Input, RRIO, Wide Supply Range Amplifier
logo
Texas Instruments
82592 TI-82592 Datasheet
1Mb / 24P
[Old version datasheet]   Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
logo
National Semiconductor ...
LMP7701 NSC-LMP7701_06 Datasheet
1Mb / 22P
   Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
logo
Texas Instruments
LMP7701 TI1-LMP7701 Datasheet
1Mb / 44P
[Old version datasheet]   Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
logo
National Semiconductor ...
LMP7707 NSC-LMP7707 Datasheet
1Mb / 24P
   Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
logo
Texas Instruments
LMP7707 TI1-LMP7707 Datasheet
1Mb / 41P
[Old version datasheet]   Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
LMP7702MA TI-LMP7702MA Datasheet
1Mb / 35P
[Old version datasheet]   LMP7701/LMP7702/LMP7704 Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
LMV841 TI-LMV841_15 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
logo
National Semiconductor ...
LMV841 NSC-LMV841_09 Datasheet
1Mb / 22P
   CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com