Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49LH004-33TC Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT49LH004-33TC
Description  4-megabit Firmware Hub and Low-Pin Count Flash Memory
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LH004-33TC Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT49LH004-33TC Datasheet HTML 5Page - ATMEL Corporation AT49LH004-33TC Datasheet HTML 6Page - ATMEL Corporation AT49LH004-33TC Datasheet HTML 7Page - ATMEL Corporation AT49LH004-33TC Datasheet HTML 8Page - ATMEL Corporation AT49LH004-33TC Datasheet HTML 9Page - ATMEL Corporation AT49LH004-33TC Datasheet HTML 10Page - ATMEL Corporation AT49LH004-33TC Datasheet HTML 11Page - ATMEL Corporation AT49LH004-33TC Datasheet HTML 12Page - ATMEL Corporation AT49LH004-33TC Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
9
AT49LH004
3383B–FLASH–9/03
Figure 2. FWH Read Cycle
Note:
1. Field contents are valid on the rising edge of the present clock cycle.
CLK
FWH4/LFRAME
FWH/LAD[3:0]
1101b
IDSEL
A15-A12
A27-A24 A23-A20 A19-A16
A11-A8
A7-A4
A3-A0
0000b
High-Z
0101b
0101b
0000b
D3-D0
D7-D4
1111b
High-Z
1111b
12
6
3
4
5
7
8
9
10
12
13
14
15
16
17
18
19
11
START
IDSEL
MADDR
MSIZE
TAR1
WSYNC
WSYNC
RSYNC
DATA
DATA
TAR0
TAR1
TAR0
Table 4. FWH Read Cycle
Clock Cycle
Field Name
Field Value
(1)
FWH/LAD[3:0]
FWH/LAD[3:0]
Direction
Comments
1
START
1101b
IN
FWH4/LFRAME must be active (low) for the device to
respond. Only the last START field (before FWH4/LFRAME
transitioning high) should be recognized. The START field
contents indicate a FWH memory read cycle.
2
IDSEL
0000b to 1111b
IN
Indicates which FWH memory device should respond. If the
IDSEL field matches the strapping values on ID[3:0], then that
particular device will respond to subsequent commands.
3 - 9
MADDR
YYYY
IN
These seven clock cycles make up the 28-bit memory
address. YYYY is one nibble of the entire address. Addresses
are transferred with the most significant nibble first.
10
MSIZE
0000b
(indicates
1byte)
IN
The MSIZE field indicates how many bytes will be transferred.
The device only supports single-byte operations, so MSIZE
must be 0000b.
11
TAR0
1111b
IN then float
In this clock cycle, the master has driven the bus to all 1s and
then floats the bus prior to the next clock cycle. This is the first
part of the bus “turn-around cycle”.
12
TAR1
1111b (float)
Float then OUT
The device takes control of the bus during this clock cycle.
13 - 14
WSYNC
0101b (wait)
OUT
The device outputs the value 0101b, a “wait” SYNC, for two
clock cycles. This value indicates to the master that data is not
yet available from the device. This number of wait-syncs is a
function of the device’s memory access time.
15
RSYNC
0000b (ready)
OUT
During this clock cycle, the device will generate a “ready”
SYNC indicating that the least significant nibble of the data
byte will be available during the next clock cycle.
16
DATA
YYYY
OUT
YYYY is the least significant nibble of the data byte.
17
DATA
YYYY
OUT
YYYY is the most significant nibble of the data byte.
18
TAR0
1111b
OUT then float
The FWH memory device drives the bus to 1111b to indicate a
turn-around cycle.
19
TAR1
1111b (float)
Float then IN
The FWH memory device floats its outputs, and the master
regains control of the bus during this clock cycle.


Similar Part No. - AT49LH004-33TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49LH002 ATMEL-AT49LH002 Datasheet
354Kb / 36P
   2-megabit Firmware Hub and Low-Pin Count Flash Memory
AT49LH002-33JC ATMEL-AT49LH002-33JC Datasheet
354Kb / 36P
   2-megabit Firmware Hub and Low-Pin Count Flash Memory
AT49LH002-33TC ATMEL-AT49LH002-33TC Datasheet
354Kb / 36P
   2-megabit Firmware Hub and Low-Pin Count Flash Memory
AT49LH00B4 ATMEL-AT49LH00B4 Datasheet
322Kb / 36P
   4-megabit Top Boot, Bottom Partitioned Firmware Hub and Low-Pin Count Flash Memory
AT49LH00B4-33JC ATMEL-AT49LH00B4-33JC Datasheet
322Kb / 36P
   4-megabit Top Boot, Bottom Partitioned Firmware Hub and Low-Pin Count Flash Memory
More results

Similar Description - AT49LH004-33TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49LH002 ATMEL-AT49LH002 Datasheet
354Kb / 36P
   2-megabit Firmware Hub and Low-Pin Count Flash Memory
AT49LH00B4 ATMEL-AT49LH00B4 Datasheet
322Kb / 36P
   4-megabit Top Boot, Bottom Partitioned Firmware Hub and Low-Pin Count Flash Memory
AT49LW040 ATMEL-AT49LW040 Datasheet
465Kb / 34P
   8-megabit and 4-megabit Firmware Hub Flash Memory
AT49LL080 ATMEL-AT49LL080 Datasheet
224Kb / 31P
   8-megabit Low-pin Count Flash Memory
logo
AMIC Technology
A49LF004 AMICC-A49LF004 Datasheet
595Kb / 10P
   4 Mbit CMOS 3.3Volt-only Firmware Hub Flash Memory
logo
STMicroelectronics
M50FLW040A STMICROELECTRONICS-M50FLW040A Datasheet
857Kb / 52P
   4 Mbit (5 x 64KByte Blocks 3 x 16 x 4KByte Sectors) 3V Supply Firmware Hub / Low Pin Count Flash Memory
logo
AMIC Technology
A49FL004 AMICC-A49FL004 Datasheet
713Kb / 36P
   4 Mbit CMOS 3.3Volt-only Firmware Hub/LPC Flash Memory
logo
Integrated Silicon Solu...
IS49FL004T ISSI-IS49FL004T Datasheet
1Mb / 45P
   4 Mbit 3.3 Volt-only Firmware Hub/LPC Flash Memory
logo
AMIC Technology
A49LF040 AMICC-A49LF040 Datasheet
570Kb / 31P
   4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
A49LF040A AMICC-A49LF040A Datasheet
607Kb / 32P
   4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com