Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM73201 Datasheet(PDF) 1 Page - Texas Instruments

Part # SM73201
Description  SM73201 16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM73201 Datasheet(HTML) 1 Page - Texas Instruments

  SM73201_13 Datasheet HTML 1Page - Texas Instruments SM73201_13 Datasheet HTML 2Page - Texas Instruments SM73201_13 Datasheet HTML 3Page - Texas Instruments SM73201_13 Datasheet HTML 4Page - Texas Instruments SM73201_13 Datasheet HTML 5Page - Texas Instruments SM73201_13 Datasheet HTML 6Page - Texas Instruments SM73201_13 Datasheet HTML 7Page - Texas Instruments SM73201_13 Datasheet HTML 8Page - Texas Instruments SM73201_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Vref
Vdig
Vana
Controller
Vana
Vref
ADC
Filtering
UART
&I/O
16Bit /250KSPS
FFT(DSP)
Impedance
Clamping
Match &
Gain & Filtering
Array
PV
String
1:100
SM73201
www.ti.com
SNOSB89B – JUNE 2011 – REVISED JUNE 2013
SM73201 16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
Check for Samples: SM73201
1
FEATURES
DESCRIPTION
The SM73201 is a 16-bit successive-approximation
234
Renewable Energy Grade
register (SAR) Analog-to-Digital converter (ADC) with
Specified Performance from 50 to 250 kSPS
a maximum sampling rate of 250 kSPS. The
Separate Digital Input/Output Supply
converter features a differential analog input with an
excellent common-mode signal rejection ratio of 85
True Differential Input
dB,
making
the
SM73201
suitable
for
noisy
External Voltage Reference Range of +0.5V to
environments.
VA
The SM73201 operates with a single analog supply
Wide Input Common-Mode Voltage Range of
(VA) and a separate digital input/output (VIO) supply.
0V to VA
VA can range from +4.5V to +5.5V and VIO can range
SPI™/ QSPI™/MICROWIRE Compatible Serial
from +2.7V to +5.5V. This allows a system designer
Interface
to
maximize
performance
and
minimize
power
consumption by operating the analog portion of the
Operating Temperature Range of
−40°C to
ADC at a VA of +5V while interfacing with a +3.3V
+85°C
controller. The serial data output is binary 2's
Small VSSOP-10 Package
complement and is SPI compatible.
The performance of the SM73201 is specified over
APPLICATIONS
temperature at clock rates of 1 MHz to 5 MHz and
PV DC Arc Detect System
reference voltages of +2.5V to +5.5V. The SM73201
I/O Modules
is available in a small 10-lead VSSOP package. The
high
accuracy,
differential
input,
low
power
Solar Data Acquisition
consumption, and small size make the SM73201
Instrumentation and Control Systems
ideal for direct connection to bridge sensors and
transducers in battery operated systems or remote
KEY SPECIFICATIONS
data acquisition applications.
Conversion Rate: 50 kSPS to 250 kSPS
SNR: 93.2 dBc
SFDR: 108 dBc
THD:
−104 dBc
Power Consumption
200 kSPS, 5V: 5.3 mW
250 kSPS, 5V: 5.8 mW
Power-Down, 5V: 10
μW
Typical Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
QSPI is a trademark of Motorola Incorporated.
3
SPI is a trademark of Motorola, Incorporated.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SM73201_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM73201IMM TI1-SM73201IMM Datasheet
486Kb / 21P
[Old version datasheet]   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
SM73201IMME TI1-SM73201IMME Datasheet
486Kb / 21P
[Old version datasheet]   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
SM73201IMMX TI1-SM73201IMMX Datasheet
486Kb / 21P
[Old version datasheet]   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
More results

Similar Description - SM73201_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM73201 TI1-SM73201 Datasheet
486Kb / 21P
[Old version datasheet]   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
ADC161S626 TI1-ADC161S626 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
logo
National Semiconductor ...
ADC161S626 NSC-ADC161S626_09 Datasheet
592Kb / 22P
   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
ADC161S626 NSC-ADC161S626 Datasheet
550Kb / 22P
   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
logo
Texas Instruments
ADC161S626 TI1-ADC161S626_14 Datasheet
1Mb / 30P
[Old version datasheet]   ADC161S626 16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
logo
Analog Devices
AD7631 AD-AD7631_17 Datasheet
664Kb / 33P
   18-Bit, 250 kSPS, Differential Programmable Input PulSAR ADC
AD7631BSTZ AD-AD7631BSTZ Datasheet
681Kb / 32P
   18-Bit, 250 kSPS, Differential Programmable Input PulSAR짰 ADC
REV. A
AD7663 AD-AD7663 Datasheet
477Kb / 25P
   16-Bit, 250 kSPS CMOS ADC
AD7663ASTZRL AD-AD7663ASTZRL Datasheet
426Kb / 24P
   16-Bit, 250 kSPS CMOS ADC
REV. B
AD7663ASTRL AD-AD7663ASTRL Datasheet
426Kb / 24P
   16-Bit, 250 kSPS CMOS ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com