Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C2012X7R1H103K Datasheet(PDF) 3 Page - Texas Instruments

Part # C2012X7R1H103K
Description  100V Current Mode PWM Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

C2012X7R1H103K Datasheet(HTML) 3 Page - Texas Instruments

  C2012X7R1H103K Datasheet HTML 1Page - Texas Instruments C2012X7R1H103K Datasheet HTML 2Page - Texas Instruments C2012X7R1H103K Datasheet HTML 3Page - Texas Instruments C2012X7R1H103K Datasheet HTML 4Page - Texas Instruments C2012X7R1H103K Datasheet HTML 5Page - Texas Instruments C2012X7R1H103K Datasheet HTML 6Page - Texas Instruments C2012X7R1H103K Datasheet HTML 7Page - Texas Instruments C2012X7R1H103K Datasheet HTML 8Page - Texas Instruments C2012X7R1H103K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SM74202
www.ti.com
SNOSBA4A – NOVEMBER 2011 – REVISED APRIL 2013
Absolute Maximum Ratings
(1) (2)
VIN to GND
-0.3V to 100V
VCC to GND
-0.3V to 16V
All other pins to GND
-0.3V to 7V
Power Dissipation
Internally Limited
ESD Rating (3)
Human Body Model
2kV
Storage Temperature
-65°C to +150°C
Junction Temperature
150°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For ensured specifications and test conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5k
Ω resistor.
Operating Ratings
VIN Voltage
13V to 90V
External Voltage applied to VCC
8V to 15V
Operating Junction Temperature
-40°C to +125°C
Electrical Characteristics
Specifications in standard type face are for TJ= +25°C and those in boldface type apply over the full operating junction
temperature range. Unless otherwise specified: VIN = 48V, VCC = 10V, and RT = 31.6k
Ω.
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Startup Regulator
VCCReg
VCC Regulation
VCC = Open
7.4
7.7
8.0
V
VCC Current Limit
(2)
15
22
mA
I-VIN
Startup Regulator Leakage
VIN = 100V
150
500
µA
IIN
Shutdown Current
VUVLO = 0V, VCC = open
250
350
µA
VCC Supply
VCC UVLO (Rising)
VccReg
VccReg -
V
- 300mV
100mV
VCC UVLO (Falling)
5.3
6.0
6.7
V
ICC
Supply Current
Cload = 0
2
3
mA
Error Amplifier
GBW
Gain Bandwidth
4
MHz
DC Gain
75
dB
Reference Voltage
FB = COMP
1.225
1.25
1.275
V
COMP Sink Capability
FB = 1.5V COMP= 1V
5
17
mA
UVLO Pin
Shutdown Threshold
1.25
V
Undervoltage Shutdown Hysteresis
16
20
24
µA
Current Source
Current Limit
ILIM Delay to Output
CS step from 0 to 0.6V
30
ns
Time to onset of OUT
Transition (90%)
Cycle by Cycle CS Threshold
0.5
V
Voltage
Leading Edge Blanking Time
50
ns
(1)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlation using Statistical
Quality Control (SQC) methods. The limits are used to calculate TI's Average Outgoing Quality Level (AOQL).
(2)
Device thermal limitations may limit usable range.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SM74202


Similar Part No. - C2012X7R1H103K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
C2012X7R1H103K IRF-C2012X7R1H103K Datasheet
651Kb / 8P
   500kHz, 40A, 2-phase Synchronous Buck Converter using iP2001
logo
Texas Instruments
C2012X7R1H103K TI-C2012X7R1H103K Datasheet
892Kb / 17P
[Old version datasheet]   LM5020 100V Current Mode PWM Controller
C2012X7R1H103K TI-C2012X7R1H103K Datasheet
169Kb / 10P
[Old version datasheet]   ADS78/8505EVM Users Guide
December 2004
More results

Similar Description - C2012X7R1H103K

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5020 NSC-LM5020 Datasheet
229Kb / 12P
   100V Current Mode PWM Controller
LM5020 NSC-LM5020_06 Datasheet
629Kb / 13P
   100V Current Mode PWM Controller
logo
Texas Instruments
LM5020 TI1-LM5020_14 Datasheet
899Kb / 19P
[Old version datasheet]   100V Current Mode PWM Controller
logo
National Semiconductor ...
LM5020 NSC-LM5020 Datasheet
229Kb / 12P
   100V Current Mode PWM Controller
logo
Texas Instruments
LM5020 TI1-LM5020 Datasheet
890Kb / 17P
[Old version datasheet]   100V Current Mode PWM Controller
LM5020MM-1 TI-LM5020MM-1 Datasheet
892Kb / 17P
[Old version datasheet]   LM5020 100V Current Mode PWM Controller
LM5020 TI-LM5020_15 Datasheet
865Kb / 17P
[Old version datasheet]   LM5020 100V Current Mode PWM Controller
logo
National Semiconductor ...
LM5030 NSC-LM5030_05 Datasheet
642Kb / 12P
   100V Push-Pull Current Mode PWM Controller
LM5030 NSC-LM5030 Datasheet
230Kb / 11P
   100V Push-Pull Current Mode PWM Controller
logo
Texas Instruments
LM5030 TI1-LM5030_15 Datasheet
1Mb / 28P
[Old version datasheet]   100V Push-Pull Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com