Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDKC4532X7R2A105M Datasheet(PDF) 11 Page - Texas Instruments

Part # TDKC4532X7R2A105M
Description  SM74301 100V, 350 mA Constant On-Time Buck Switching Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDKC4532X7R2A105M Datasheet(HTML) 11 Page - Texas Instruments

Back Button TDKC4532X7R2A105M Datasheet HTML 7Page - Texas Instruments TDKC4532X7R2A105M Datasheet HTML 8Page - Texas Instruments TDKC4532X7R2A105M Datasheet HTML 9Page - Texas Instruments TDKC4532X7R2A105M Datasheet HTML 10Page - Texas Instruments TDKC4532X7R2A105M Datasheet HTML 11Page - Texas Instruments TDKC4532X7R2A105M Datasheet HTML 12Page - Texas Instruments TDKC4532X7R2A105M Datasheet HTML 13Page - Texas Instruments TDKC4532X7R2A105M Datasheet HTML 14Page - Texas Instruments TDKC4532X7R2A105M Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
C1 =
I x tON
'V
0.3A x 3.74 Ps
2.0V
=
= 0.56 PF
SM74301
www.ti.com
SNVS719A – JULY 2011
ESR and R3: A low ESR for C2 is generally desirable so as to minimize power losses and heating within the
capacitor. However, the regulator requires a minimum amount of ripple voltage at the feedback input for proper
loop operation. For the SM74301 the minimum ripple required at pin 5 is 25 mV p-p, requiring a minimum ripple
at VOUT of 100 mV. Since the minimum ripple current (at minimum Vin) is 34 mA p-p, the minimum ESR required
at VOUT is 100 mV/34 mA = 2.94Ω. Since quality capacitors for SMPS applications have an ESR considerably
less than this, R3 is inserted as shown in the Block Diagram. R3’s value, along with C2’s ESR, must result in at
least 25 mV p-p ripple at pin 5. Generally, R3 will be 0.5 to 3.0
Ω.
RCL: When current limit is detected, the minimum off-time set by this resistor must be greater than the maximum
normal off-time, which occurs at maximum input voltage. Using Equation 2, the minimum on-time is 472 ns,
yielding an off-time of 4 µs (at 223 kHz). Due to the 25% tolerance on the on-time, the off-time tolerance is also
25%, yielding a maximum off-time of 5 µs. Allowing for the response time of the current limit detection circuit
(350 ns) increases the maximum off-time to 5.35 µs. This is increased an additional 25% to 6.7 µs to allow for
the tolerances of Equation 3. Using Equation 3, RCL calculates to 325 kΩ at VFB = 2.5V. A standard value 332 kΩ
resistor will be used.
D1: The important parameters are reverse recovery time and forward voltage. The reverse recovery time
determines how long the reverse current surge lasts each time the buck switch is turned on. The forward voltage
drop is significant in the event the output is short-circuited as it is only this diode’s voltage which forces the
inductor current to reduce during the forced off-time. For this reason, a higher voltage is better, although that
affects efficiency. A good choice is a Schottky power diode, such as the DFLS1100. D1’s reverse voltage rating
must be at least as great as the maximum Vin, and its current rating be greater than the maximum current limit
threshold (610 mA).
C1: This capacitor’s purpose is to supply most of the switch current during the on-time, and limit the voltage
ripple at Vin, on the assumption that the voltage source feeding Vin has an output impedance greater than zero.
At maximum load current, when the buck switch turns on, the current into pin 8 will suddenly increase to the
lower peak of the output current waveform, ramp up to the peak value, then drop to zero at turn-off. The average
input current during this on-time is the load current (300 mA). For a worst case calculation, C1 must supply this
average load current during the maximum on-time. To keep the input voltage ripple to less than 2V (for this
exercise), C1 calculates to:
(8)
Quality ceramic capacitors in this value have a low ESR which adds only a few millivolts to the ripple. It is the
capacitance which is dominant in this case. To allow for the capacitor’s tolerance, temperature effects, and
voltage effects, a 1.0 µF, 100V, X7R capacitor will be used.
C4: The recommended value is 0.01µF for C4, as this is appropriate in the majority of applications. A high quality
ceramic capacitor, with low ESR is recommended as C4 supplies the surge current to charge the buck switch
gate at turn-on. A low ESR also ensures a quick recharge during each off-time. At minimum Vin, when the on-
time is at maximum, it is possible during start-up that C4 will not fully recharge during each 300 ns off-time. The
circuit will not be able to complete the start-up, and achieve output regulation. This can occur when the
frequency is intended to be low (e.g., RT = 500K). In this case C4 should be increased so it can maintain
sufficient voltage across the buck switch driver during each on-time.
C5: This capacitor helps avoid supply voltage transients and ringing due to long lead inductance at VIN. A low
ESR, 0.1µF ceramic chip capacitor is recommended, located close to the SM74301.
FINAL CIRCUIT
The final circuit is shown in Figure 12. The circuit was tested, and the resulting performance is shown in
Figure 13 and Figure 14.
PC BOARD LAYOUT
The SM74301 regulation and over-voltage comparators are very fast, and as such will respond to short duration
noise pulses. Layout considerations are therefore critical for optimum performance. The components at pins 1, 2,
3, 5, and 6 should be as physically close as possible to the IC, thereby minimizing noise pickup in the PC tracks.
The current loop formed by D1, L1, and C2 should be as small as possible. The ground connection from D1 to
C1 should be as short and direct as possible.
Copyright © 2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SM74301


Similar Part No. - TDKC4532X7R2A105M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
TDK-73M2901CL TDK-TDK-73M2901CL Datasheet
282Kb / 18P
   V.22 BIS SINGLE CHIP MODEM
TDK-HLP-2603 TDK-TDK-HLP-2603 Datasheet
61Kb / 2P
   Hybrid Log Periodic Antenna
logo
Adam Technologies, Inc.
TDK-XX-FH ADAM-TECH-TDK-XX-FH Datasheet
157Kb / 1P
   FUSED TERMINAL EURO STANDARD
TDK-XX-FH-1 ADAM-TECH-TDK-XX-FH-1 Datasheet
157Kb / 1P
   FUSED TERMINAL EURO STANDARD
logo
Sharma Electro Componen...
TDK107K10CB SHARMA-TDK107K10CB Datasheet
446Kb / 2P
   Tantalum Capacitors
More results

Similar Description - TDKC4532X7R2A105M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5008A NSC-LM5008A Datasheet
402Kb / 16P
   100V, 350 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
LM5008A TI1-LM5008A_14 Datasheet
1Mb / 22P
[Old version datasheet]   350 mA Constant On-Time Buck Switching Regulator
logo
National Semiconductor ...
LM5009A NSC-LM5009A Datasheet
401Kb / 16P
   100V, 150 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
LM5009A TI1-LM5009A_14 Datasheet
1Mb / 22P
[Old version datasheet]   100V, 150 mA Constant On-Time Buck Switching Regulator
SM72485 TI-SM72485_15 Datasheet
1Mb / 23P
[Old version datasheet]   100V, 150 mA Constant On-Time Buck Switching Regulator
LM5008A TI-LM5008A Datasheet
1Mb / 23P
[Old version datasheet]   100-V 350-mA Constant On-Time Buck Switching Regulator
LM5008A TI-LM5008A_15 Datasheet
1Mb / 24P
[Old version datasheet]   100-V 350-mA Constant On-Time Buck Switching Regulator
logo
National Semiconductor ...
SM72485 NSC-SM72485 Datasheet
448Kb / 16P
   SolarMagic 100V, 150 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
LM34923 TI1-LM34923_14 Datasheet
1Mb / 26P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
LM5006 TI1-LM5006_14 Datasheet
850Kb / 25P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com