Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCAN90CP02 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SCAN90CP02
Description  SCAN90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SCAN90CP02 Datasheet(HTML) 4 Page - Texas Instruments

  SCAN90CP02 Datasheet HTML 1Page - Texas Instruments SCAN90CP02 Datasheet HTML 2Page - Texas Instruments SCAN90CP02 Datasheet HTML 3Page - Texas Instruments SCAN90CP02 Datasheet HTML 4Page - Texas Instruments SCAN90CP02 Datasheet HTML 5Page - Texas Instruments SCAN90CP02 Datasheet HTML 6Page - Texas Instruments SCAN90CP02 Datasheet HTML 7Page - Texas Instruments SCAN90CP02 Datasheet HTML 8Page - Texas Instruments SCAN90CP02 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Single Channel Repeater
(SEL0=0, SEL1=1, EN0=1, EN1=0)
OUT0+
OUT0-
OUT1+
OUT1-
IN0-
IN0+
IN1-
IN1+
OUT0+
OUT0-
OUT1+
OUT1-
IN0-
IN0+
IN1-
IN1+
Single Channel Crossover Switch
(SEL0=1, SEL1=1, EN0=0, EN1=1)
Single Channel Repeater
(SEL0=0, SEL1=1, EN0=0, EN1=1)
OUT0+
OUT0-
OUT1+
OUT1-
IN0-
IN0+
IN1-
IN1+
OUT0+
OUT0-
OUT1+
OUT1-
IN0-
IN0+
IN1-
IN1+
Single Channel Crossover Switch
(SEL0=0, SEL1=0, EN0=1, EN1=0)
1:2 Splitter
(SEL0=1, SEL1=1, EN0=0, EN1=0)
Dual Channel Switch
(SEL0=1, SEL1=0, EN0=0, EN1=0)
OUT0+
OUT0-
OUT1+
OUT1-
IN0-
IN0+
IN1-
IN1+
OUT0+
OUT0-
OUT1+
OUT1-
IN0-
IN0+
IN1-
IN1+
Dual Channel Repeater
(SEL0=0, SEL1=1, EN0=0, EN1=0)
1:2 Splitter
(SEL0=0, SEL1=0, EN0=0, EN1=0)
OUT0+
OUT0-
OUT1+
OUT1-
IN0-
IN0+
IN1-
IN1+
OUT0+
OUT0-
OUT1+
OUT1-
IN0-
IN0+
IN1-
IN1+
SCAN90CP02
SNLS168M – JANUARY 2004 – REVISED APRIL 2013
www.ti.com
Table 1. Pre-emphasis Control Selection Table
Channel 0
Channel 1
Pre-emphasis
PEM01
PEM00
PEM11
PEM10
0
0
0
0
0%
0
1
0
1
25%
1
0
1
0
50%
1
1
1
1
100%
Applications Information
Figure 4. SCAN90CP02 Configuration Select Decode
4
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: SCAN90CP02


Similar Part No. - SCAN90CP02

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN90CP02 NSC-SCAN90CP02 Datasheet
261Kb / 12P
   1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
logo
Texas Instruments
SCAN90CP02 TI1-SCAN90CP02 Datasheet
1Mb / 20P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
logo
National Semiconductor ...
SCAN90CP02 NSC-SCAN90CP02 Datasheet
351Kb / 16P
   1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
SCAN90CP02SP NSC-SCAN90CP02SP Datasheet
261Kb / 12P
   1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
SCAN90CP02SPX NSC-SCAN90CP02SPX Datasheet
261Kb / 12P
   1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
More results

Similar Description - SCAN90CP02

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN90CP02 NSC-SCAN90CP02 Datasheet
261Kb / 12P
   1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
SCAN90CP02 NSC-SCAN90CP02_07 Datasheet
351Kb / 16P
   1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
logo
Texas Instruments
SCAN90CP02 TI1-SCAN90CP02_14 Datasheet
1Mb / 20P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
DS25CP102 TI1-DS25CP102 Datasheet
925Kb / 19P
[Old version datasheet]   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25CP102 NSC-DS25CP102 Datasheet
396Kb / 16P
   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152_08 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152 Datasheet
766Kb / 15P
[Old version datasheet]   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152_13 Datasheet
766Kb / 15P
[Old version datasheet]   1.5 Gbps 2X2 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com