Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCAN921023 Datasheet(PDF) 4 Page - Texas Instruments

Part # SCAN921023
Description  SCAN921023 and SCAN921224 20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SCAN921023 Datasheet(HTML) 4 Page - Texas Instruments

  SCAN921023_13 Datasheet HTML 1Page - Texas Instruments SCAN921023_13 Datasheet HTML 2Page - Texas Instruments SCAN921023_13 Datasheet HTML 3Page - Texas Instruments SCAN921023_13 Datasheet HTML 4Page - Texas Instruments SCAN921023_13 Datasheet HTML 5Page - Texas Instruments SCAN921023_13 Datasheet HTML 6Page - Texas Instruments SCAN921023_13 Datasheet HTML 7Page - Texas Instruments SCAN921023_13 Datasheet HTML 8Page - Texas Instruments SCAN921023_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
SCAN921023, SCAN921224
SNLS133D – JAN 2001 – REVISED APRIL 2013
www.ti.com
When the Deserializer synchronizes to the Serializer, the LOCK pin is low. The Deserializer locks to the
embedded clock and uses it to recover the serialized data. ROUT data is valid when LOCK is low. Otherwise
ROUT0–ROUT9 is invalid.
The ROUT0-ROUT9 pins use the RCLK pin as the reference to data. The polarity of the RCLK edge is controlled
by the RCLK_R/F input. See Figure 15.
ROUT(0-9), LOCK and RCLK outputs will drive a maximum of three CMOS input gates (15 pF load) with a 66
MHz clock.
Resynchronization
When the Deserializer PLL locks to the embedded clock edge, the Deserializer LOCK pin asserts a low. If the
Deserializer loses lock, the LOCK pin output will go high and the outputs (including RCLK) will enter TRI-STATE.
The user's system monitors the LOCK pin to detect a loss of synchronization. Upon detection, the system can
arrange to pulse the Serializer SYNC1 or SYNC2 pin to resynchronize. Multiple resynchronization approaches
are possible. One recommendation is to provide a feedback loop using the LOCK pin itself to control the sync
request of the Serializer (SYNC1 or SYNC2). Dual SYNC pins are provided for multiple control in a multi-drop
application. Sending sync patterns for resynchronization is desirable when lock times within a specific time are
critical. However, the Deserializer can lock to random data, which is discussed in the next section.
Random Lock Initialization and Resynchronization
The initialization and resynchronization methods described in their respective sections are the fastest ways to
establish the link between the Serializer and Deserializer. However, the SCAN921224 can attain lock to a data
stream without requiring the Serializer to send special SYNC patterns. This allows the SCAN921224 to operate
in “open-loop” applications. Equally important is the Deserializer's ability to support hot insertion into a running
backplane. In the open loop or hot insertion case, we assume the data stream is essentially random. Therefore,
because lock time varies due to data stream characteristics, we cannot possibly predict exact lock time.
However, please see Table 1 for some general random lock times under specific conditions. The primary
constraint on the “random” lock time is the initial phase relation between the incoming data and the REFCLK
when the Deserializer powers up. As described in the next paragraph, the data contained in the data stream can
also affect lock time.
If a specific pattern is repetitive, the Deserializer could enter “false lock” - falsely recognizing the data pattern as
the clocking bits. We refer to such a pattern as a repetitive multi-transition, RMT. This occurs when more than
one Low-High transition takes place in a clock cycle over multiple cycles. This occurs when any bit, except DIN
9, is held at a low state and the adjacent bit is held high, creating a 0-1 transition. In the worst case, the
Deserializer could become locked to the data pattern rather than the clock. Circuitry within the SCAN921224 can
detect that the possibility of “false lock” exists. The circuitry accomplishes this by detecting more than one
potential position for clocking bits. Upon detection, the circuitry will prevent the LOCK output from becoming
active until the potential “false lock” pattern changes. The false lock detect circuitry expects the data will
eventually change, causing the Deserializer to lose lock to the data pattern and then continue searching for clock
bits in the serial data stream. Graphical representations of RMT are shown in Figure 1. Please note that RMT
only applies to bits DIN0-DIN8.
Powerdown
When no data transfer occurs, you can use the Powerdown state. The Serializer and Deserializer use the
Powerdown state, a low power sleep mode, to reduce power consumption. The Deserializer enters Powerdown
when you drive PWRDN and REN low. The Serializer enters Powerdown when you drive PWRDN low. In
Powerdown, the PLL stops and the outputs enterTRI-STATE, which disables load current and reduces supply
current to the milliampere range. To exit Powerdown, you must drive the PWRDN pin high.
Before valid data exchanges between the Serializer and Deserializer, you must reinitialize and resynchronize the
devices to each other. Initialization of the Serializer takes 510 TCLK cycles. The Deserializer will initialize and
assert LOCK high until lock to the Bus LVDS clock occurs.
4
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: SCAN921023 SCAN921224


Similar Part No. - SCAN921023_13

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN921023SLC NSC-SCAN921023SLC Datasheet
508Kb / 20P
   20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer
More results

Similar Description - SCAN921023_13

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN921025 NSC-SCAN921025 Datasheet
474Kb / 21P
   30-80 MHz 10 Bit Bus LVDS Serializer and Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
logo
Texas Instruments
SCAN921025 TI1-SCAN921025_13 Datasheet
906Kb / 27P
[Old version datasheet]   SCAN921025 and SCAN921226 30-80 MHz 10 Bit Bus LVDS Serializer and Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
logo
National Semiconductor ...
SCAN921260 NSC-SCAN921260 Datasheet
379Kb / 16P
   X6 1:10 Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
SCAN921025H NSC-SCAN921025H_05 Datasheet
903Kb / 21P
   High Temperature 20-80 MHz 10 Bit Bus LVDS SerDes with IEEE 1149.1 (JTAG) and at-speed BIST
SCAN921025H NSC-SCAN921025H Datasheet
527Kb / 21P
   High Temperature 20-80 MHz 10 Bit Bus LVDS SerDes with IEEE 1149.1 (JTAG) and at-speed BIST
logo
Texas Instruments
SCAN921260 TI1-SCAN921260 Datasheet
739Kb / 22P
[Old version datasheet]   SCAN921260 X6 1:10 Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
logo
National Semiconductor ...
SCAN921023 NSC-SCAN921023 Datasheet
508Kb / 20P
   20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
Texas Instruments
SCAN921025H TI1-SCAN921025H_15 Datasheet
1Mb / 29P
[Old version datasheet]   SCAN921025H and SCAN921226H High Temperature 20-80 MHz 10 Bit Bus LVDS SerDes with IEEE 1149.1 (JTAG) and at-speed BIST
logo
National Semiconductor ...
SCAN921821 NSC-SCAN921821 Datasheet
629Kb / 11P
   Dual 18-Bit Serializer with Pre-emphasis, IEEE 1149.1(JTAG), and At-Speed BIST
logo
ams AG
AS1160 AMSCO-AS1160 Datasheet
902Kb / 29P
   20MHz - 66MHz, 10-Bit Bus, IEEE 1149.1 (JTAG) Compliant LVDS Serializer/Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com