Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C256A-12TI Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # AS7C256A-12TI
Description  5V 32K X 8 CMOS SRAM (Common I/O)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C256A-12TI Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  AS7C256A-12TI Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C256A-12TI Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C256A-12TI Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C256A-12TI Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C256A-12TI Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C256A-12TI Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C256A-12TI Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C256A-12TI Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C256A-12TI Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AS7C256A
9/24/04; v.1.2
Alliance Semiconductor
P. 5 of 9
®
Write cycle (over the operating range)9
Write waveform 1 (WE controlled)9
Write waveform 2 (CE controlled)9
Parameter
Symbol
-10
-12
-15
-20
Unit Notes
Min
Max
Min
Max
Min
Max
Min
Max
Write cycle time
tWC
10–12–15–20–
ns
Chip enable to write end
tCW
8
8
10–12–
ns
Address setup to write end
tAW
8
8
10–12–
ns
Address setup time
tAS
0–
0–
0–
0–
ns
Write pulse width
tWP
7–
8–
9–
12
ns
Write recovery time
tWR
0–
0–
0–
0–
ns
Address hold from end of write
tAH
0–
0–
0–
0–
ns
Data valid to write end
tDW
5–
6–
8–
10
ns
Data hold time
tDH
0–
0–
0–
0–
ns
3,4
Write enable to output in high Z
tWZ
–5
–6
–7
–8
ns
3,4
Output active from write end
tOW
3–
3–
3–
3–
ns
3,4
tAW
tAH
tWC
Address
WE
Din
Dout
tDH
tOW
tDW
tWZ
tWP
tAS
Data valid
tWR
tAW
Address
CE
WE
Din
Data valid
tCW
tDW
tDH
tAH
tWC
tAS
tWR


Similar Part No. - AS7C256A-12TI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C256 ALSC-AS7C256 Datasheet
125Kb / 8P
   High Performance 32Kx8 CMOS SRAM
AS7C256-10 ALSC-AS7C256-10 Datasheet
125Kb / 8P
   High Performance 32Kx8 CMOS SRAM
AS7C256-10JC ALSC-AS7C256-10JC Datasheet
125Kb / 8P
   High Performance 32Kx8 CMOS SRAM
AS7C256-10PC ALSC-AS7C256-10PC Datasheet
125Kb / 8P
   High Performance 32Kx8 CMOS SRAM
AS7C256-10SC ALSC-AS7C256-10SC Datasheet
125Kb / 8P
   High Performance 32Kx8 CMOS SRAM
More results

Similar Description - AS7C256A-12TI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C256B ALSC-AS7C256B Datasheet
134Kb / 8P
   5V 32K X 8 CMOS SRAM (Common I/O)
AS7C3256A-8 ALSC-AS7C3256A-8 Datasheet
301Kb / 9P
   3.3V 32K X 8 CMOS SRAM (Common I/O)
AS7C3256A ALSC-AS7C3256A Datasheet
248Kb / 9P
   3.3V 32K X 8 CMOS SRAM (Common I/O)
AS7C1028 ALSC-AS7C1028 Datasheet
119Kb / 8P
   5V 256K X 4 CMOS SRAM (Common I/O)
AS7C513B ALSC-AS7C513B Datasheet
213Kb / 9P
   5V 32K x 16 CMOS SRAM
AS7C3513 ALSC-AS7C3513 Datasheet
187Kb / 8P
   5V/3.3V 32K x 6 CMOS SRAM
logo
STMicroelectronics
M48Z30 STMICROELECTRONICS-M48Z30 Datasheet
100Kb / 12P
   CMOS 32K x 8 ZEROPOWER SRAM
logo
AMIC Technology
A625308A AMICC-A625308A_15 Datasheet
155Kb / 14P
   32K X 8 BIT CMOS SRAM
A625308 AMICC-A625308 Datasheet
126Kb / 13P
   32K X 8 BIT CMOS SRAM
logo
STMicroelectronics
M48T36 STMICROELECTRONICS-M48T36 Datasheet
138Kb / 17P
   CMOS 32K x 8 TIMEKEEPER SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com