Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHC298 Datasheet(PDF) 8 Page - Texas Instruments

Part # SHC298
Description  Monolithic SAMPLE/HOLD AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SHC298 Datasheet(HTML) 8 Page - Texas Instruments

  SHC298 Datasheet HTML 1Page - Texas Instruments SHC298 Datasheet HTML 2Page - Texas Instruments SHC298 Datasheet HTML 3Page - Texas Instruments SHC298 Datasheet HTML 4Page - Texas Instruments SHC298 Datasheet HTML 5Page - Texas Instruments SHC298 Datasheet HTML 6Page - Texas Instruments SHC298 Datasheet HTML 7Page - Texas Instruments SHC298 Datasheet HTML 8Page - Texas Instruments SHC298 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
®
SHC298/298A
FIGURE 4. Data Distribution.
0.1µF
SHC298
Storage
Capacitor
46
–15VDC
0.1µF
24k
1k
+15VDC
Channel 1
72
1
5
3
8
SHC298
46
–15VDC
+15VDC
Channel 2
72
1
5
3
8
SHC298
46
+15VDC
Channel N
72
1
5
3
8
D/A
Converter
–15VDC
Analog
Output
Offset
Adjust
Additional SHC298 Units
Digital
Inputs
Mode
Control
Logic
Digital
Inputs
SHC298
1000pF
6
3
5
8
SHC298
1000pF
6
3
5
8
(1)
(0)
High
Speed
Switch
A/D
Converter
B1
B2
B12
Digital
Output
Ch1
Ch2
ChN
MUX
Address
Analog
Input
Mode Control
1
2
FIGURE 5. “Ping-Pong” Sample Holds.


Similar Part No. - SHC298

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
SHC298 BURR-BROWN-SHC298 Datasheet
100Kb / 8P
   Monolithic SAMPLE/HOLD AMPLIFIER
SHC298AJP BURR-BROWN-SHC298AJP Datasheet
100Kb / 8P
   Monolithic SAMPLE/HOLD AMPLIFIER
SHC298AM BURR-BROWN-SHC298AM Datasheet
100Kb / 8P
   Monolithic SAMPLE/HOLD AMPLIFIER
SHC298JP BURR-BROWN-SHC298JP Datasheet
100Kb / 8P
   Monolithic SAMPLE/HOLD AMPLIFIER
SHC298JU BURR-BROWN-SHC298JU Datasheet
100Kb / 8P
   Monolithic SAMPLE/HOLD AMPLIFIER
More results

Similar Description - SHC298

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
SHC298 BURR-BROWN-SHC298 Datasheet
100Kb / 8P
   Monolithic SAMPLE/HOLD AMPLIFIER
SHC5320 BURR-BROWN-SHC5320 Datasheet
87Kb / 10P
   High-Speed, Bipolar, Monolithic SAMPLE/HOLD AMPLIFIER
logo
Texas Instruments
SHC5320 TI1-SHC5320 Datasheet
100Kb / 11P
[Old version datasheet]   High-Speed, Bipolar, Monolithic SAMPLE/HOLD AMPLIFIER
logo
National Semiconductor ...
LF6197 NSC-LF6197 Datasheet
214Kb / 12P
   160 ns Monolithic Sample-and-Hold Amplifier
logo
List of Unclassifed Man...
LF398N ETC-LF398N Datasheet
257Kb / 7P
   MONOLITHIC SAMPLE AND HOLD CIRCUITS
logo
Texas Instruments
LF198QML TI1-LF198QML_14 Datasheet
1Mb / 22P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
LF198-N TI1-LF198-N_16 Datasheet
2Mb / 33P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
LF298-MIL TI1-LF298-MIL Datasheet
2Mb / 28P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
logo
NXP Semiconductors
NE5537 PHILIPS-NE5537 Datasheet
103Kb / 8P
   Sample-and-hold amplifier
August 31, 1994
logo
National Semiconductor ...
LF198 NSC-LF198 Datasheet
520Kb / 13P
   Monolithic Sample-and-Hold Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com