Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS370C090AFNT Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS370C090AFNT
Description  8-BIT MICROCONTROLLER
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS370C090AFNT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS370C090AFNT Datasheet HTML 3Page - Texas Instruments TMS370C090AFNT Datasheet HTML 4Page - Texas Instruments TMS370C090AFNT Datasheet HTML 5Page - Texas Instruments TMS370C090AFNT Datasheet HTML 6Page - Texas Instruments TMS370C090AFNT Datasheet HTML 7Page - Texas Instruments TMS370C090AFNT Datasheet HTML 8Page - Texas Instruments TMS370C090AFNT Datasheet HTML 9Page - Texas Instruments TMS370C090AFNT Datasheet HTML 10Page - Texas Instruments TMS370C090AFNT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
TMS370Cx9x
8-BIT MICROCONTROLLER
SPNS036B – JANUARY 1996 – REVISED FEBRUARY 1997
7
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
CPU (continued)
The ’x9x CPU architecture provides the following components:
D CPU registers:
A stack pointer that points to the last entry in the memory stack
A status register that monitors the operation of the instructions and contains the global-interrupt-enable
bits
A program counter (PC) that points to the memory location of the next instruction to be executed
D A memory map that includes :
128 bytes of general-purpose RAM that can be data memory storage, program instructions,
general-purpose register, or the stack (can be located only in the first 128 bytes)
A peripheral file that provides access to all internal peripheral modules, system-wide control functions,
and EEPROM/EPROM programming control
A 256-byte EEPROM module that provides in-circuit programmability and data retention in power-off
conditions
4K bytes of ROM or 8K bytes of EPROM program memory
stack pointer (SP)
The SP is an 8-bit CPU register. Stack operates as a last-in, first-out, read/write memory. The stack is used
typically to store the return address on subroutine calls as well as the status register contents during interrupt
sequences.
The SP points to the last entry or to the top of the stack. The SP increments automatically before data is pushed
onto the stack and decrements after data is popped from the stack. The stack can be located only in the first
128 bytes of the on-chip RAM memory.
status register (ST)
The ST monitors the operation of the instructions and contains the global-interrupt-enable bits. The ST includes
four status bits (condition flags) and two interrupt-enable bits:
D The four status bits indicate the outcome of the previous instruction; conditional instructions (for example,
the conditional jump instructions) use these status bits to determine program flow.
D The two interrupt-enable bits control the two interrupt levels.
The ST register and status bit notation are shown in Table 3.
Table 3. Status Register
7
6
5
4
3
2
1
0
C
N
Z
V
IE2
IE1
Reserved
Reserved
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
R = read, W = write, 0 = value after reset


Similar Part No. - TMS370C090AFNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS370C090A TI-TMS370C090A Datasheet
785Kb / 54P
[Old version datasheet]   8-BIT MICROCONTROLLER
TMS370C090AYYZ TI-TMS370C090AYYZ Datasheet
930Kb / 78P
[Old version datasheet]   TMS370 MICROCONTROLLER FAMILY DATA BOOK
More results

Similar Description - TMS370C090AFNT

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com