Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN10502DGNRG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN10502DGNRG4
Description  HIGH-SPEED RAIL-TO-RAIL OUTPUT VIDEO AMPLIFIERS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN10502DGNRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN10502DGNRG4 Datasheet HTML 4Page - Texas Instruments SN10502DGNRG4 Datasheet HTML 5Page - Texas Instruments SN10502DGNRG4 Datasheet HTML 6Page - Texas Instruments SN10502DGNRG4 Datasheet HTML 7Page - Texas Instruments SN10502DGNRG4 Datasheet HTML 8Page - Texas Instruments SN10502DGNRG4 Datasheet HTML 9Page - Texas Instruments SN10502DGNRG4 Datasheet HTML 10Page - Texas Instruments SN10502DGNRG4 Datasheet HTML 11Page - Texas Instruments SN10502DGNRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
0
1
2
3
4
5
Number of Loads − 150
Gain = 2
Rf = 1.5 kΩ
40 IRE − NTSC
Worst Case
±100
IRE Ramp
VS = 5 V
VS = ±5 V
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0
1
2
3
4
5
Number of Loads − 150
Gain = 2
Rf = 1.5 kΩ
40 IRE − NTSC
Worst Case
±100 IRE Ramp
VS = ±5 V
VS = 5 V
1
10
100
1 k
10 k
100 k
1 M
10 M
0.1
1
10
Vn
In
f − Frequency − Hz
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
0
1
2
3
4
5
Number of Loads − 150
Gain = 2
Rf = 1.5 kΩ
40 IRE − PAL
Worst Case
±100 IRE Ramp
VS = 5 V
VS = ±5 V
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0
1
2
3
4
5
Number of Loads − 150
Gain = 2
Rf = 1.5 kΩ
40 IRE − PAL
Worst Case
±100 IRE Ramp
VS = ±5 V
VS = 5 V
0
2
4
6
8
10
12
14
16
18
20
22
1.5
2
2.5
3
3.5
4
4.5
5
VS − Supply Voltage − ±V
TA = 85°C
TA = 25°C
TA = −40°C
−5
−4
−3
−2
−1
0
1
2
3
4
5
10
100
1 k
10 k
RL − Load Resistance − Ω
TA = −40 to 85°C
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
f − Frequency − MHz
VS = ±5 V, 5 V, and 3.3 V
CMMR
PSRR
−10
0
10
20
30
40
50
60
70
80
90
100
110
100
1 k 10 k
100 k 1 M 10 M 100 M 1 G
−20
0
20
40
60
80
100
120
140
160
180
200
220
f − Frequency − Hz
VS = ±5 V, 5 V,
and 3.3 V
SN10501
SN10502
SN10503
SLOS408B – MARCH 2003 – REVISED JANUARY 2009 .................................................................................................................................................. www.ti.com
VOLTAGE AND CURRENT NOISE
DIFFERENTIAL GAIN
DIFFERENTIAL PHASE
vs
vs
vs
FREQUENCY
NUMBER OF LOADS
NUMBER OF LOADS
Figure 16.
Figure 17.
Figure 18.
DIFFERENTIAL GAIN
DIFFERENTIAL PHASE
QUIESCENT CURRENT
vs
vs
vs
NUMBER OF LOADS
NUMBER OF LOADS
SUPPLY VOLTAGE
Figure 19.
Figure 20.
Figure 21.
OUTPUT VOLTAGE
OPEN-LOOP GAIN AND PHASE
REJECTION RADIO
vs
vs
vs
LOAD RESISTANCE
FREQUENCY
FREQUENCY
Figure 22.
Figure 23.
Figure 24.
8
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): SN10501 SN10502 SN10503


Similar Part No. - SN10502DGNRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN10502DGNR TI-SN10502DGNR Datasheet
553Kb / 23P
[Old version datasheet]   HIGH SPEED RAIL TO RAIL OUTPUT VIDEO AMPLIFIERS
More results

Similar Description - SN10502DGNRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN10501 TI-SN10501 Datasheet
553Kb / 23P
[Old version datasheet]   HIGH SPEED RAIL TO RAIL OUTPUT VIDEO AMPLIFIERS
logo
National Semiconductor ...
SN10502 NSC-SN10502 Datasheet
1Mb / 32P
   HIGH-SPEED RAIL-TO-RAIL OUTPUT VIDEO AMPLIFIERS
logo
Texas Instruments
SN10501 TI1-SN10501 Datasheet
1Mb / 32P
[Old version datasheet]   HIGH-SPEED RAIL-TO-RAIL OUTPUT VIDEO AMPLIFIERS
logo
Global Mixed-mode Techn...
G1812 GMT-G1812 Datasheet
291Kb / 1P
   Rail-to-Rail Output Amplifiers
logo
SG Micro Corp
SGM8302 SGMICRO-SGM8302 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8301 SGMICRO-SGM8301_17 Datasheet
809Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8301 SGMICRO-SGM8301 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
logo
Analog Devices
AD8028 AD-AD8028 Datasheet
478Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. B
logo
SG Micro Corp
SGM8304 SGMICRO-SGM8304 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
logo
Analog Devices
AD8027 AD-AD8027_15 Datasheet
699Kb / 25P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com