Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA555PE4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SA555PE4
Description  xx555 Precision Timers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SA555PE4 Datasheet(HTML) 4 Page - Texas Instruments

  SA555PE4 Datasheet HTML 1Page - Texas Instruments SA555PE4 Datasheet HTML 2Page - Texas Instruments SA555PE4 Datasheet HTML 3Page - Texas Instruments SA555PE4 Datasheet HTML 4Page - Texas Instruments SA555PE4 Datasheet HTML 5Page - Texas Instruments SA555PE4 Datasheet HTML 6Page - Texas Instruments SA555PE4 Datasheet HTML 7Page - Texas Instruments SA555PE4 Datasheet HTML 8Page - Texas Instruments SA555PE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
NA555, NE555, SA555, SE555
SLFS022I – SEPTEMBER 1973 – REVISED SEPTEMBER 2014
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage(2)
18
V
VI
Input voltage
CONT, RESET, THRES, TRIG
VCC
V
IO
Output current
±225
mA
D package
97
P package
85
θJA
Package thermal impedance(3)(4)
°C/W
PS package
95
PW package
149
FK package
5.61
θJC
Package thermal impedance(5)(6)
°C/W
JG package
14.5
TJ
Operating virtual junction temperature
150
°C
Case temperature for 60 s
FK package
260
°C
Lead temperature 1,6 mm (1/16 in) from case for 60 s
JG package
300
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to GND.
(3)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) - TA) / θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
(5)
Maximum power dissipation is a function of TJ(max), θJC, and TC. The maximum allowable power dissipation at any allowable case
temperature is PD = (TJ(max) - TC) / θJC. Operating at the absolute maximum TJ of 150°C can affect reliability.
(6)
The package thermal impedance is calculated in accordance with MIL-STD-883.
7.2 Handling Ratings
PARAMETER
DEFINITION
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
NA555, NE555, SA555
4.5
16
VCC
Supply voltage
V
SE555
4.5
18
VI
Input voltage
CONT, RESET, THRES, and TRIG
VCC
V
IO
Output current
±200
mA
NA555
–40
105
NE555
0
70
TA
Operating free-air temperature
°C
SA555
–40
85
SE555
–55
125
4
Submit Documentation Feedback
Copyright © 1973–2014, Texas Instruments Incorporated
Product Folder Links: NA555 NE555 SA555 SE555


Similar Part No. - SA555PE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SA555PE4 TI-SA555PE4 Datasheet
405Kb / 24P
[Old version datasheet]   PRECISION TIMERS
SA555PE4 TI-SA555PE4 Datasheet
559Kb / 27P
[Old version datasheet]   PRECISION TIMERS
SA555PE4 TI-SA555PE4 Datasheet
713Kb / 29P
[Old version datasheet]   PRCISION TIMERS
SA555PE4 TI1-SA555PE4 Datasheet
1Mb / 30P
[Old version datasheet]   Precision timing circuits capable of producing accurate time delays or oscillation
SA555PE4 TI1-SA555PE4 Datasheet
1Mb / 36P
[Old version datasheet]   Precision Timers
More results

Similar Description - SA555PE4

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
729Kb / 14P
   PRECISION TIMERS
logo
National Semiconductor ...
LM122 NSC-LM122 Datasheet
281Kb / 14P
   Precision Timers
logo
Diodes Incorporated
NE555S-13 DIODES-NE555S-13 Datasheet
729Kb / 14P
   PRECISION TIMERS
logo
National Semiconductor ...
LM2905N NSC-LM2905N Datasheet
944Kb / 12P
   Precision Timers
logo
Texas Instruments
NA555 TI-NA555 Datasheet
405Kb / 24P
[Old version datasheet]   PRECISION TIMERS
logo
NEC
SA555 NEC-SA555 Datasheet
26Kb / 1P
   PRECISION TIMERS
logo
Texas Instruments
NA555 TI1-NA555_14 Datasheet
1Mb / 36P
[Old version datasheet]   Precision Timers
logo
Unisonic Technologies
USA555 UTC-USA555 Datasheet
316Kb / 8P
   PRECISION TIMERS
logo
Texas Instruments
NA555 TI-NA555_08 Datasheet
625Kb / 27P
[Old version datasheet]   PRECISION TIMERS
logo
Unisonic Technologies
SA555 UTC-SA555 Datasheet
190Kb / 6P
   PRECISION TIMERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com